PBU801 thru pbu806 features rating to 800v prv ideal for printed circuit board reliable low cost construction utilizing molded plastic technique the plastic material has ul flammability classification 94v-0 in compliance with eu rohs 2002/95/ec directives mechanical data polarity : as marked on body weight : 0.3 ounces, 8.0 grams mounting position : any maximum ratings and electrical characteristics ratings at 25 : ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% pbu glass passivated bridge rectifiers reverse voltage - 50 to 800 volts forward current - 8.0 amperes compact technology 3 1 of 2 PBU801 thru pbu806 ? ? ? ? ? ? ? ? ? ? a ? 3 ? ? ??? ? ? ??? ? ? ??? ? ? ??? ? ? ??5 ? ? ??6 ? ? 3 ? ? ? 3 ? ? t 3 ? ? ? 3 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 3 ? ? 3 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 3 ? 3 ? ? ? t 3 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 3 ? ? ? ? 3 ? 3 ? ? e ? ? ? : ? ? ? ? 3 a 3 ? ? 3 ? 3 ? ? e ? ? : ? ? 3 ? ? 3 3 3 ? ? ? ? ? ? ? ? ? ? ? ? ? t 3 ? 3 ? 3 ? ? ? 3 ? ? 3 ? ? ? ? ? 3 ? ? ? 3 ? 3 ? 3 3 ? ? 3 ? ? ? ? ? 3 ? 3 ? ? ? 3 3 ? 3 ? ? ? ? ? ? 3 ? 3 ? ? ? 3 ? 3 ? ? ? ? 3 ? ? 3 ? ? e ? : ? 3 ? ? ? 3 ? 3 ? ? ? t 3 ? ? ? 3 ? ? e ? ? ? : ? ? ? ? ? ? 3 ? ? ? ? ? 3 ? ? ? ? ? 3 ? 3 ? ? ? e y ? ? e y ? : a a ? ? 3 ? ? ? ? ? 3 ? ? ? ? y : ? ? ? 3 ? ? ? ? ? 3 ? ? ? ? ? ? : 3 3 ? ? ? 3 3 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? + .700(17.8) .660(16.8) 1.00 (25.4) 0 .0 90(2.3) 0.066(1.7) min. .7 59 (19. 3 ) .740(18. 5 ) .280(7.1) .268(6. 6 ) .052(1.3) .048(1.2) .220(5.6) .180(4.6) .935(23.7) .895(22.7) dia. spacing ac .15fx.23l (3.8fx5.7l) hole thru dimensions in inches and (millimeters)
PBU801 thru pbu806 compact technology 2 of 2 thru pbu806 fig.1- forward current derat ing curv e 0 1 2 3 4 5 6 7 8 9 10 0 25 50 75 100 125 150 175 case temaerature, (c) average forward current, (a) fig.2- maximum non-repetitive surge current 0 4 0 8 0 12 0 160 200 2 20 110100 number of cycles at 60hz peak forward surge current, (a) fig.3- typical junction capacitance 1 10 0 100 0 1 10 100 reverse voltage, (v) capacitance, (pf) fig.4- typical forword characteristics 0.1 1 10 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward voltage, (v) instantaneous forward current, (a) fig.5- typical reverse characteristics 0.01 0.1 1 10 100 1000 0 20 40 60 80 100 120 percent of rated peak reverse voltage, (v) instantaneous reverse current, (ua) pulse width 300us tj=25c, f=1mhz pulse width 8.3ms single half sine-wave with heatsink_75*75*1.6 mm copper plate without heatsink tj=25c tj=125c resistive or inductive load tj=125c tj=25c tj=100c
|