Part Number Hot Search : 
MAZDXXX 20NF2 74ALS33 TB6512 KGL4216 BUZ16 50PT12SM TSOP12
Product Description
Full Text Search
 

To Download NRLMW332M50V22X45F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  162 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com large can aluminum electrolytic capacitors features  long life (105 c, 2000 hours)  low profile and high density design options  expanded cv value range  high ripple current  can-top safety vent  designed as input filter of smps  standard 10mm (.400") snap-in spacing nrlmw series specifications notice for mounting the space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emer gen cy. sleeve color: dark blue can top safety vent insulation sleeve and minus polarity marking (4.0mm leads available as option) d+1 max. l 2 6.3 1 0.8 10 (-) (+) maximum ex pan sion for safety vent approx. 3.0mm recommended pc board mounting holes: 10 .1 ? = 2 0.1 d ? 0.5 chassis pc board precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com operating temperature range -40 ~ +105c -25 ~ +105c rated voltage range 10 ~ 250vdc 450vdc rated capacitance range 180 ~ 68,000 f 56 ~ 470 f capacitance tolerance 20% (m) at 120hz, +20c max. leakage current ( a) after 5 minutes (20c) 3 x c( f)v max. tan at 120hz/20c w.v. (vdc) 10 16 25 35 50 63 80 100 ~ 400 450 tan max. 0.55 0.45 0.35 0.30 0.25 0.20 0.17 0.15 0.20 surge voltage w.v. (vdc) 10 16 25 35 50 63 80 100 160 s.v. (vdc) 13 20 32 44 63 79 100 125 200 w.v. (vdc) 180 200 250 400 450 - - - - s.v. (vdc) 220 250 300 450 500 - - - - ripple current correction factors frequency (hz) 50 60 100 120 500 1k 10k ~ 50k - - multiplier at 85c 16 ~ 100vdc 0.93 0.95 0.99 1.0 1.05 1.08 1.15 - - 160 ~ 450vdc 0.75 0.80 0.95 1.0 1.20 1.25 1.40 - low temperature stability (10 to 250vdc) temperature (c) 0 -25 -40 - - - - - - capacitance change -5% -10 -30% - - - - - - impedance ratio 1.5 3 9 - - - - - - load life test 2,000 hours at +105c capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value shelf life test 1,000 hours at +105c (no load) capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value surge voltage test per jis-c-5141 (table #6, #4) surge voltage applied: 30 seconds "on" and 5.5 minutes no voltage "off" capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value soldering effect refer to mil-std-202f method 210a capacitance change within 10% of initial measured value tan less than speci? ed maximum value leakage current less than speci? ed maximum value rohs compliant includes all homogeneous materials *see part number system for details
163 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com large can aluminum electrolytic capacitors nrlmw series standard product list, case size and specifications w.v. cap ( f) case size esr ( ? @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz 10 6,800 20x25 0.110 0.093 1.30 1.50 8,200 20x30 0.091 0.077 1.60 1.84 10,000 22x25 0.075 0.063 1.80 2.07 15,000 25x25 0.053 0.045 2.30 2.65 22,000 25x35 0.038 0.032 2.60 2.99 30x25 33,000 25x45 0.027 0.023 3.40 3.91 30x35 35x30 47,000 30x45 0.023 0.020 4.20 4.83 35x35 68,000 35x50 0.021 0.020 5.50 6.33 16 6,800 22x25 0.085 0.068 2.20 2.53 8,200 22x30 0.071 0.057 2.40 2.76 10,000 25x25 0.066 0.053 2.60 2.99 15,000 25x35 0046 0.037 3.20 3.68 30x30 22,000 25x45 0.033 0.028 3.80 4.37 30x35 35x30 33,000 30x45 0.023 0.020 4.70 5.41 35x35 47,000 35x45 0.020 0.018 5.50 6.33 56,000 35x50 0.019 0.017 6.00 6.90 25 4,700 22x25 0.106 0.079 2.00 2.30 6,800 25x25 0.073 0.055 2.40 2.76 8,200 25x30 0.061 0.045 2.70 3.11 30x25 10,000 25x35 0.051 0.039 3.00 3.45 30x30 15,000 25x45 0.036 0.031 3.60 4.14 30x35 35x30 22,000 30x45 0.025 0.022 4.30 4.95 35x35 33,000 35x50 0.018 0.016 5.50 6.33 35 3,300 22x25 0.121 0.090 1.90 2.19 4,700 25x25 0.088 0.066 2.20 2.53 6,800 25x35 0.061 0.046 2.60 2.99 30x30 8,200 25x40 0.051 0.038 2.90 3.34 30x30 35x25 10,000 25x45 0.041 0.031 3.20 3.68 30x35 35x30 15,000 30x45 0.030 0.022 3.90 4.49 35x35 22,000 35x50 0.023 0.017 5.00 5.75 w.v. cap ( f) case size esr ( ? @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz 50 2,200 22x30 0.105 0.079 1.70 1.96 3,300 25x30 0.070 0.053 2.00 2.30 4,700 25x40 0.053 0.040 2.50 2.88 30x30 35x25 6,800 25x50 0.046 0.035 3.30 3.80 30x40 35.30 8,200 30x45 0.038 0.029 3.60 4.14 35x35 10,000 30x50 0.033 0.025 4.00 4.60 35x40 15,000 35x50 0.022 0.018 4.80 5.52 63 1,500 22x30 0.188 0.141 1.50 1.73 2,200 25x30 0.128 0.096 2.00 2.30 3,300 25x40 0.090 0.068 2.50 2.88 30x30 35x25 4,700 25x50 0.063 0.048 3.00 3.45 30x40 35x30 6,800 30x50 0.049 0.037 3.60 4.14 35x40 8,200 35x45 0.040 0.030 3.90 4.49 10,000 35x50 0.033 0.028 4.40 5.06 80 1,000 25x25 0.182 0.119 1.30 1.50 1,500 25x30 0.133 0.093 1.70 1.96 2,200 25x35 0.090 0.063 2.10 2.42 30x30 35x25 3,300 25x50 0.065 0.049 2.60 2.99 30x40 35x30 4,700 30x50 0.049 0.037 2.60 2.99 35x40 6,800 35x50 0.041 0.031 3.90 4.49 100 820 25x25 0.202 0.121 1.40 2.10 1,000 25x30 0.182 0.109 1.70 2.55 1,500 25x40 0.122 0.079 2.10 3.15 30x30 35x25 2,200 25x50 0.090 0.059 2.60 3.90 30x40 35x30 3,300 30x50 0.075 0.053 3.20 4.80 35x40 4,700 35x50 0.053 0.040 3.80 5.70
164 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com large can aluminum electrolytic capacitors nrlmw series standard product list, case size and specifications nrlmw 471 m 250v 30x35 f rohs compliant case size (mm) voltage rating tolerance code capacitance code series part number system w.v. cap ( f) case size esr ( ? @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz 160 220 20x25 0.829 0.373 1.00 1.40 330 22x30 0.553 0.249 1.20 1.68 470 25x30 0.459 0.208 1.40 1.96 680 25x35 0.317 0.143 1.70 2.38 30x30 820 25x40 0.263 0.118 2.00 2.80 30x30 1,000 25x45 0.216 0.108 2.20 3.08 30x35 1,500 30x45 0.166 0.083 2.50 3.50 35x35 1,800 30x45 0.129 0.064 2.70 3.78 2,200 35x50 0.113 0.057 2.90 4.06 200 220 22x25 0.754 0.339 1.00 1.40 330 25x25 0.502 0.226 1.20 1.68 470 22x40 0.353 0.159 1.40 1.96 25x35 30x25 680 25x40 0.244 0.110 1.70 2.38 30x30 820 25x50 0.222 0.111 2.00 2.80 30x35 35x30 1,000 30x45 0.199 0.099 2.20 3.08 35x35 1,500 35x50 0.144 0.072 2.50 3.50 250 220 25x25 0.754 0.377 1.00 1.40 330 25x35 0.502 0.251 1.20 1.68 30x25 470 25x45 0.353 0.176 1.40 1.96 30x35 35x30 680 30x45 0.244 0.122 1.70 2.38 35x35 820 30x50 0.202 0.101 2.00 2.80 35x40 1,000 35x45 0.199 0.099 2.20 3.08 w.v. cap ( f) case size esr ( ? @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz 400 68 25x25 1.950 0.683 0.56 0.78 82 25x25 1.617 0.566 0.64 0.90 100 25x30 1.325 0.464 0.69 0.97 150 25x40 0.884 0.309 0.82 1.15 30x30 220 25x50 0.603 0.211 1.10 1.54 30x40 35x30 330 30x50 0.402 0.161 1.35 1.89 35x40 470 35x50 0.282 0.127 1.75 2.45 450 56 22x25 2.368 0.947 0.40 0.56 68 25x25 1.950 0.683 0.50 0.70 82 22x35 1.617 0.647 0.56 0.78 100 25x30 1.326 0.531 0.64 0.90 30x25 150 25x40 0.884 0.354 0.79 1.11 30x30 220 30x40 0.678 0.271 1.00 1.40 35x30 330 30x50 0.502 0.201 1.38 1.93 35x40 470 35x50 0.353 0.123 1.74 2.44


▲Up To Search▲   

 
Price & Availability of NRLMW332M50V22X45F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X