Part Number Hot Search : 
EP8250 DL41A NJM2723 DPH140T PWR4006 TQRLC PP80N0 NOA1312
Product Description
Full Text Search
 

To Download MC74VHC1G02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vh2?1/4 v3 d MC74VHC1G02 v3 d 1 3 2 4 5 tsop?5/sot?23/sc?59 dt suffix case 483 the MC74VHC1G02 is an advanced high speed cmos 2?input nor gate fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable o utput. the MC74VHC1G02 input structure provides protection when voltages up to 7 v are applied, regardless of the supply voltage. this allows the MC74VHC1G02 to be used to interface 5 v circuits to 3 v circuits.  high speed: t pd = 3.0 ns (typ) at v cc = 5 v  low power dissipation: i cc = 2 ma (max) at t a = 25c  power down protection provided on inputs  balanced propagation delays  pin and function compatible with other standard logic families  chip complexity: fets = 56; equivalent gates = 14 sc?88a / sot?353/sc?70 df suffix case 419a 1 3 2 4 5 marking diagrams pin 1 d = date code pin 1 d = date code figure 1. pinout (top view) figure 2. logic symbol pin assignment 1 in b 2 in a 3 gnd 4 out y 5v cc function table inputs ou tput ab y ll h lh l hl l hh l ordering information see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. 2?input nor gate
vh2?2/4 MC74VHC1G02 maximum ratings symbol parameter value unit v cc dc supply voltage ? 0.5 to + 7.0 v v in dc input voltage ? 0.5 to 7.0 v v out dc output voltage v cc =0 ? 0.5 to 7.0 v high or low state ?0.5 to v cc + 0.5 i ik input diode current ?20 ma i ok output diode current v out < gnd; v out > v cc +20 ma i out dc output current, per pin + 25 ma i cc dc supply current, v cc and gnd +50 ma p d power dissipation in still air sc?88a, tsop?5 200 mw ja thermal resistance sc?88a, tsop?5 333 c/w t l lead temperature, 1 mm from case for 10 s 260 c t j junction temperature under bias + 150 c t stg storage temperature ?65 to +150 c v esd esd withstand voltage human body model (note 2) >2000 v machine model (note 3) > 200 charged device model (note 4) n/a i latch?up latch?up performance above v cc and below gnd at 125c (note 5) 500 ma 1. maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolute?maximum?rated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 2. tested to eia/jesd22?a114?a 3. tested to eia/jesd22?a115?a 4. tested to jesd22?c101?a 5. tested to eia/jesd78 recommended operating conditions symbol parameter min max unit v cc dc supply voltage 2.0 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage 0.0 v cc v t a operating temperature range ? 55 + 125 c t r ,t f input rise and fall time v cc = 3.3 0.3 v 0 100 ns/v v cc = 5.0 0.5 v 0 20 device junction temperature versus time to 0.1% bond failures junction t ime, time, temperature c hours y ears 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 normalized failure rate figure 3. failure rate vs. time junction temperature 1 1 10 100 1000 time, years
vh2?3/4 dc electrical characteristics v cc t a = 25 c t a < 85 c ?55c < t a < 125c symbol parameter test conditions (v) min typ max min max min max unit v ih minimum high?level 2.0 1.5 1.5 1.5 v input voltage 3.0 2.1 2.1 2.1 4.5 3.15 3.15 3.15 5.5 3.85 3.85 3.85 v il maximum low?level 2.0 0.5 0.5 0.5 v input voltage 3.0 0.9 0.9 0.9 4.5 1.35 1.35 1.35 5.5 1.65 1.65 1.65 v oh minimum high?level v in = v ih or v il 2.0 1.9 2.0 1.9 1.9 v output voltage i oh = ? 50 a 3.0 2.9 3.0 2.9 2.9 v in = v ih or v il 4.5 4.4 4.0 4.4 4.4 v in = v ih or v il i oh = ?4 ma 3.0 2.58 2.48 2.34 i oh = ?8 ma 4.5 3.94 3.80 3.66 v ol maximum low?level v in = v ih or v il 2.0 0.0 0.1 0.1 0.1 v output voltage i ol = 50 a 3.0 0.0 0.1 0.1 0.1 v in = v ih or v il 4.5 0.0 0.1 0.1 0.1 v in = v ih or v il i ol = 4 ma 3.0 0.36 0.44 0.52 i ol = 8 ma 4.5 0.36 0.44 0.52 i in maximum input v in = 5.5 v or gnd 0 to5.5 0.1 1.0 1.0 a leakage current i cc maximum quiescent v in = v cc or gnd 5.5 2.0 20 40 a supply current MC74VHC1G02 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption witho ut load. average operating current can be obtained by the equation: i cc(opr) = c pd  v cc  f in + i cc . c pd is used to determine the no? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . ac electrical characteristics c load = 50 pf, input t r = t f = 3.0 ns t a = 25 c t a < 85 c ?55c vh2?4/4 MC74VHC1G02 figure 4. switching waveforms device ordering information device nomenclature mc74vhc1g04dft1 mc 74 vhc1g 04 df t1 sc?70/sc?88a/ 178 mm (7 in) sot?353 3000 unit mc74vhc1g04dft2 mc 74 vhc1g 04 df t2 sc?70/sc?88a/ 178 mm (7 in) sot?353 3000 unit mc74vhc1g04dft4 mc 74 vhc1g 04 df t4 sc?70/sc?88a/ 330 mm (13 in) sot?353 10,000 unit mc74vhc1g04dtt1 mc 74 vhc1g 04 dt t1 sot?23/tsops/ 178 mm (7 in) sc?59 3000 unit mc74vhc1g04dtt3 mc 74 vhc1g 04 dt t3 sot?23/tsops/ 330 mm (13 in) sc?59 10,000 unit device order number circuit indicator temp range identifier technology device function package suffix tape & reel suffix package type (name/sot#/ common name) tape and reel size *includes all probe and jig capacitance figure 5. test circuit


▲Up To Search▲   

 
Price & Availability of MC74VHC1G02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X