Part Number Hot Search : 
DM8603 DSPIC3 74923 C2904 CY7C14 L14G1 ST6225 GRM188R7
Product Description
Full Text Search
 

To Download MC74HC393A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   semiconductor technical data 1 rev 0 ? motorola, inc. 1995 10/95 
    
   highperformance silicongate cmos the m c54/74hc393 a i s i dentica l i n p inou t t o t h e l s393 . t h e d evice inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. this device consists of two independent 4bit binary ripple counters with parallel outputs from each counter stage. a 256 counter can be obtained by cascading the two binary counters. internal flipflops are triggered by hightolow transitions of the clock input. r ese t f o r t h e c ounter s i s a synchronou s a n d a ctivehigh . s tate changes of the q outputs do not occur simultaneously because of internal ripple delays. therefore, decoded output signals are subject to decoding spikes and should not be used as clocks or as strobes except when gated with the clock of the hc393a. ? output drive capability: 10 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2 to 6 v ? low input current: 1 m a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 236 fets or 59 equivalent gates logic diagram q1 q2 q3 q4 clock reset 1, 13 2, 12 3, 11 4, 10 5, 9 6, 8 pin 14 = v cc pin 7 = gnd binary counter this document contains information on a product under development. motorola reserves the right to change or discontinue this product without notice.    pin assignment function table inputs clock reset outputs x h l h l no change l l no change l no change l advance to next state 11 12 13 14 8 9 10 5 4 3 2 1 7 6 q2 b q1 b reset b clock b v cc q4 b q3 b q2 a q1 a reset a clock a gnd q3 a q4 a d suffix soic package case 751a03 n suffix plastic package case 64606 ordering information mc54hcxxxaj mc74hcxxxan mc74hcxxxad mc74hcxxxadt ceramic plastic soic tssop 1 14 1 14 j suffix ceramic package case 63208 1 14 1 14 dt suffix tssop package case 948g01
mc54/74hc393a motorola highspeed cmos logic data dl129 e rev 6 2 ??????????????????????? ??????????????????????? ??????????????????????? ??????????????????????? maximum ratings* ??? ??? ??? ??? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ?????? ?????? ?????? ?????? value ??? ??? ??? ??? unit ??? ??? ??? ??? v cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply voltage (referenced to gnd) ?????? ?????? ?????? ?????? 0.5 to + 7.0 ??? ??? ??? ??? v ??? ??? ??? ??? v in ?????????????? ?????????????? ?????????????? ?????????????? dc input voltage (referenced to gnd) ?????? ?????? ?????? ?????? 1.5 to v cc + 1.5 ??? ??? ??? ??? v ??? ??? ??? ??? v out ?????????????? ?????????????? ?????????????? ?????????????? dc output voltage (referenced to gnd) ?????? ?????? ?????? ?????? 0.5 to v cc + 0.5 ??? ??? ??? ??? v ??? ??? ??? ??? i in ?????????????? ?????????????? ?????????????? ?????????????? dc input current, per pin ?????? ?????? ?????? ?????? 20 ??? ??? ??? ??? ma ??? ??? ??? ??? i out ?????????????? ?????????????? ?????????????? ?????????????? dc output current, per pin ?????? ?????? ?????? ?????? 25 ??? ??? ??? ??? ma ??? ??? ??? ??? i cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply current, v cc and gnd pins ?????? ?????? ?????? ?????? 50 ??? ??? ??? ??? ma ??? ??? ??? ??? ??? p d ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? power dissipation in still air, plastic or ceramic dip2 soic package2 tssop package2 ?????? ?????? ?????? ?????? ?????? 750 500 450 ??? ??? ??? ??? ??? mw ??? ??? ??? ??? t stg ?????????????? ?????????????? ?????????????? ?????????????? storage temperature ?????? ?????? ?????? ?????? 65 to + 150 ??? ??? ??? ???  c ??? ??? ??? ??? ??? ??? t l ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? lead t emperature, 1 mm from case for 10 seconds plastic dip, soic or tssop package (ceramic dip) ?????? ?????? ?????? ?????? ?????? ?????? 260 300 ??? ??? ??? ??? ??? ???  c * maximum ratings are those values beyond which damage to the device may occur . functional operation should be restricted to the recommended operating conditions. 2derating e plastic dip: 10 mw/  c from 65  to 125  c ceramic dip: 10 mw/  c from 100  to 125  c soic package: 7 mw/  c from 65  to 125  c tssop package: 6.1 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). recommended operating conditions ???? ???? ???? ???? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ??? ??? ??? ??? min ??? ??? ??? ??? max ??? ??? ??? ??? unit ???? ???? ???? ???? v cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply voltage (referenced to gnd) ??? ??? ??? ??? 2.0 ??? ??? ??? ??? 6.0 ??? ??? ??? ??? v ???? ???? ???? ???? v in , v out ?????????????? ?????????????? ?????????????? ?????????????? dc input voltage, output voltage (referenced to gnd) ??? ??? ??? ??? 0 ??? ??? ??? ??? v cc ??? ??? ??? ??? v ???? ???? ???? ???? t a ?????????????? ?????????????? ?????????????? ?????????????? operating temperature, all package types ??? ??? ??? ??? 55 ??? ??? ??? ??? + 125 ??? ??? ??? ???  c ???? ???? ???? ???? ???? ???? t r , t f ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? input rise and fall time v cc = 2.0 v v cc = 3.0 v (figure 1) v cc = 4.5 v v cc = 6.0 v ??? ??? ??? ??? ??? ??? 0 0 0 0 ??? ??? ??? ??? ??? ??? 1000 600 500 400 ??? ??? ??? ??? ??? ??? ns dc electrical characteristics (voltages referenced to gnd) ???? ???? ???? ???? symbol ????????? ????????? ????????? ????????? parameter ????????? ????????? ????????? ????????? test conditions ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? symbol ????????? ????????? ????????? ????????? parameter ????????? ????????? ????????? ????????? test conditions ???? ???? ???? ???? v cc v ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ????  85  c ???? ???? ???? ????  125  c ??? ??? ??? ??? unit ???? ???? ???? ???? ???? ???? v ih ????????? ????????? ????????? ????????? ????????? ????????? minimum highlevel input voltage ????????? ????????? ????????? ????????? ????????? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 1.5 2.1 3.15 4.2 ???? ???? ???? ???? ???? ???? 1.5 2.1 3.15 4.2 ???? ???? ???? ???? ???? ???? 1.5 2.1 3.15 4.2 ??? ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? ???? v il ????????? ????????? ????????? ????????? ????????? ????????? maximum lowlevel input voltage ????????? ????????? ????????? ????????? ????????? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 0.5 0.9 1.35 1.80 ???? ???? ???? ???? ???? ???? 0.5 0.9 1.35 1.80 ???? ???? ???? ???? ???? ???? 0.5 0.9 1.35 1.80 ??? ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? ???? v oh ????????? ????????? ????????? ????????? ????????? ????????? minimum highlevel output voltage ????????? ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  20 m a ???? ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 1.9 4.4 5.9 ???? ???? ???? ???? ???? ???? 1.9 4.4 5.9 ???? ???? ???? ???? ???? ???? 1.9 4.4 5.9 ??? ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  2.4 ma |i out |  4.0 ma |i out |  5.2 ma ???? ???? ???? ???? ???? 3.0 4.5 6.0 ??? ??? ??? ??? ??? 2.48 3.98 5.48 ???? ???? ???? ???? ???? 2.34 3.84 5.34 ???? ???? ???? ???? ???? 2.20 3.70 5.20 ??? ??? ??? ??? ??? this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however , precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir - cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc54/74hc393a highspeed cmos logic data dl129 e rev 6 3 motorola dc electrical characteristics (voltages referenced to gnd) ??? ??? ??? ??? unit ????????? ????????? ????????? ????????? guaranteed limit ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? test conditions ????????? ????????? ????????? ????????? parameter ???? ???? ???? ???? symbol ??? ??? ??? ??? ??? unit ???? ???? ???? ???? ????  125  c ???? ???? ???? ???? ????  85  c ??? ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? ????????? test conditions ????????? ????????? ????????? ????????? ????????? parameter ???? ???? ???? ???? ???? symbol ???? ???? ???? ???? ???? v ol ????????? ????????? ????????? ????????? ????????? maximum lowlevel output voltage ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  20 m a ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 0.1 0.1 0.1 ???? ???? ???? ???? ???? 0.1 0.1 0.1 ???? ???? ???? ???? ???? 0.1 0.1 0.1 ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  2.4 ma |i out |  4.0 ma |i out |  5.2 ma ???? ???? ???? ???? ???? 3.0 4.5 6.0 ??? ??? ??? ??? ??? 0.26 0.26 0.26 ???? ???? ???? ???? ???? 0.33 0.33 0.33 ???? ???? ???? ???? ???? 0.40 0.40 0.40 ??? ??? ??? ??? ??? ???? ???? ???? ???? i in ????????? ????????? ????????? ????????? maximum input leakage current ????????? ????????? ????????? ????????? v in = v cc or gnd ???? ???? ???? ???? 6.0 ??? ??? ??? ??? 0.1 ???? ???? ???? ???? 1.0 ???? ???? ???? ???? 1.0 ??? ??? ??? ??? m a ???? ???? ???? ???? ???? i cc ????????? ????????? ????????? ????????? ????????? maximum quiescent supply current (per package) ????????? ????????? ????????? ????????? ????????? v in = v cc or gnd i out = 0 m a ???? ???? ???? ???? ???? 6.0 ??? ??? ??? ??? ??? 4 ???? ???? ???? ???? ???? 40 ???? ???? ???? ???? ???? 160 ??? ??? ??? ??? ??? m a note: information on typical parametric values can be found in chapter 2 of the motorola highspeed cmos data book (dl129/d). ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? v cc v ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ????  85  c ???? ???? ???? ????  125  c ??? ??? ??? ??? unit ???? ???? ???? ???? ???? ???? f max ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum clock frequency (50% duty cycle) (figures 1 and 3) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 10 15 30 50 ???? ???? ???? ???? ???? ???? 9 14 28 45 ???? ???? ???? ???? ???? ???? 8 12 25 40 ??? ??? ??? ??? ??? ??? mhz ???? ???? ???? ???? ???? ???? t plh , t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, clock to q1 (figures 1 and 3) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 70 40 20 16 ???? ???? ???? ???? ???? ???? 80 45 25 21 ???? ???? ???? ???? ???? ???? 90 50 30 27 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t plh , t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, clock to q2 (figures 1 and 3) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 90 56 32 25 ???? ???? ???? ???? ???? ???? 105 70 38 31 ???? ???? ???? ???? ???? ???? 180 100 45 40 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t plh , t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, clock to q3 (figures 1 and 3) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 60 40 30 25 ???? ???? ???? ???? ???? ???? 75 55 40 35 ???? ???? ???? ???? ???? ???? 90 65 50 42 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t plh , t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, clock to q4 (figures 1 and 3) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 200 160 35 30 ???? ???? ???? ???? ???? ???? 250 185 45 40 ???? ???? ???? ???? ???? ???? 300 210 60 50 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, reset to any q (figures 2 and 3) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 80 48 28 21 ???? ???? ???? ???? ???? ???? 95 65 32 25 ???? ???? ???? ???? ???? ???? 110 75 40 30 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t tlh , t thl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum output transition time, any output (figures 1 and 3) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 75 27 15 13 ???? ???? ???? ???? ???? ???? 95 32 19 16 ???? ???? ???? ???? ???? ???? 110 36 22 19 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? c in ????????????????? ????????????????? ????????????????? ????????????????? maximum input capacitance ???? ???? ???? ???? e ??? ??? ??? ??? 10 ???? ???? ???? ???? 10 ???? ???? ???? ???? 10 ??? ??? ??? ??? pf notes: 1. for propagation delays with loads other than 50 pf , see chapter 2 of the motorola highspeed cmos data book (dl129/d). 2. information on typical parametric values can be found in c hapter 2 of the motorola highspeed cmos data book (dl129/d). c pd power dissipation capacitance (per counter)* typical @ 25 c, v cc = 5.0 v pf c pd power dissipation capacitance (per counter)* 35 pf * used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d).
mc54/74hc393a motorola highspeed cmos logic data dl129 e rev 6 4 timing requirements (input t r = t f = 6 ns) ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? ???? v cc v ??? ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ???? ????  85  c ???? ???? ???? ???? ????  125  c ??? ??? ??? ??? ??? unit ???? ???? ???? ???? ???? ???? t rec ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? minimum recovery time, reset inactive to clock (figure 2) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 25 15 5 5 ???? ???? ???? ???? ???? ???? 30 20 6 5 ???? ???? ???? ???? ???? ???? 40 30 10 7 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t w ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? minimum pulse width, clock (figure 1) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 75 27 15 13 ???? ???? ???? ???? ???? ???? 95 32 19 15 ???? ???? ???? ???? ???? ???? 110 36 22 19 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t w ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? minimum pulse width, reset (figure 2) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 75 27 15 13 ???? ???? ???? ???? ???? ???? 95 32 19 15 ???? ???? ???? ???? ???? ???? 110 36 22 19 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t r , t f ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum input rise and fall times (figure 1) ???? ???? ???? ???? ???? ???? 2.0 3.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 1000 800 500 400 ???? ???? ???? ???? ???? ???? 1000 800 500 400 ???? ???? ???? ???? ???? ???? 1000 800 500 400 ??? ??? ??? ??? ??? ??? ns note: information on typical parametric values can be found in chapter 2 of the motorola highspeed cmos data book (dl129/d).
mc54/74hc393a highspeed cmos logic data dl129 e rev 6 5 motorola pin descriptions inputs clock (pins 1, 13) clock i nput . t h e i nterna l f lipflop s a re t oggle d a n d t he counter s tat e a dvance s o n h ightolo w t ransition s o f t he clock input. control inputs reset (pins 2, 12) activehigh, asynchronous reset. a separate reset is pro - vided for each counter . a high at the reset input prevents counting and forces all four outputs low. outputs q1, q2, q3, q4 (pins 3, 4, 5, 6, 8, 9, 10, 11) parallel binary outputs q4 is the most significant bit. switching waveforms t phl v cc gnd v cc gnd 50% 50% 50% t rec clock q reset figure 1. figure 2. figure 3. test circuit q1 q2 q3 q4 clock reset 1, 13 2, 12 3, 11 4, 10 5, 9 6, 8 expanded logic diagram * includes all probe and jig capacitance c l * test point device under test output clock q 90% 90% 50% 10% t f t r v cc gnd t w 1/f max t plh t phl 90% 50% 10% t tlh t thl c d q t w q c d q q c d q q c d q q
mc54/74hc393a motorola highspeed cmos logic data dl129 e rev 6 6 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 clock reset q1 q2 q3 q4 timing diagram count sequence count outputs count q4 q3 q2 q1 0 l l l l 1 l l l h 2 l l h l 3 l l h h 4 l h l l 5 l h l h 6 l h h l 7 l h h h 8 h l l l 9 h l l h 10 h l h l 11 h l h h 12 h h l l 13 h h l h 14 h h h l 15 h h h h
mc54/74hc393a highspeed cmos logic data dl129 e rev 6 7 motorola outline dimensions j suffix ceramic dip package case 63208 issue y min min max max inches millimeters dim a b c d f g j k l m n 0.785 0.280 0.200 0.020 0.065 0.015 0.170 15 0.040 0.750 0.245 0.155 0.015 0.055 0.008 0.125 0 0.020 19.94 7.11 5.08 0.50 1.65 0.38 4.31 15 1.01 19.05 6.23 3.94 0.39 1.40 0.21 3.18 0 0.51 0.100 bsc 0.300 bsc 2.54 bsc 7.62 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimesnion f may narrow to 0.76 (0.030) where the lead enters the ceramic body. 14 8 1 7 -a- -b- -t- seating plane f g n k c l m 0.25 (0.010) t a m s 0.25 (0.010) t b m s j 14 pl d 14 pl n suffix plastic dip package case 64606 issue l notes: 1. leads within 0.13 (0.005) radius of true position at seating plane at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimension b does not include mold flash. 4. rounded corners optional. 1 7 14 8 b a f h g d k c n l j m seating plane dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.039 0.39 1.01     d suffix plastic soic package case 751a03 issue f min min max max millimeters inches dim a b c d f g j k m p r 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7 6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0 0.228 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7 0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b p 7 pl g c k seating plane d 14 pl m j r x 45 1 7 8 14 0.25 (0.010) t b a m s s b 0.25 (0.010) m m f
mc54/74hc393a motorola highspeed cmos logic data dl129 e rev 6 8 outline dimensions dt suffix plastic tssop package case 948g01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane w.     s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ??? ??? ??? ??? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n how to reach us: usa/europe : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, toshikatsu otsuki, p.o. box 20912; phoenix, arizona 85036. 18004412447 6f seibubutsuryucenter, 3142 tatsumi kotoku, tokyo 135, japan. 0335218315 mfax : rmf ax0@email.sps.mot.com touchtone (602) 2446609 hong kong : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok road, tai po, n.t., hong kong. 85226629298 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty , representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability , including without limitation consequential or incidental damages. at ypicalo parameters can and do vary in dif ferent applications. all operating parameters, including at ypicalso must be validated for each customer application by customer ' s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur . should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly , any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/af firmative action employer . mc54/74hc393a/d   
 ? codeline


▲Up To Search▲   

 
Price & Availability of MC74HC393A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X