Part Number Hot Search : 
50040 H11F33SD 40N10 BU606 ADV7185 134CRP ISL9209C 17823
Product Description
Full Text Search
 

To Download MBR3030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR3030CT thru mbr3060ct 30 amp rectifier 30 to 60 volts features ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +175 c mcc part number maximum rcurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage MBR3030CT 30v 21v 30v mbr3035ct 35v 24.5v 35v mbr3040ct 40v 28v 40v mbr3045ct 45v 31.5v 45v mbr3050ct 50v 35v 50v mbr3060ct 60v 42v 60v ? guard ring for transient protection ? low power loss high efficiency ? high surge capacity, high current capability pin 1 pin 3 pin 2 case electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 30 a t c =1 00 c peak forward surge current i fsm 200a 8.3ms, half sine maximum instantaneous forward voltage maximum dc reverse current at rated dc blocking voltage i r 0.2 ma t j = 25 c typical junction capacitance c j measured at 1.0mhz, v r =4.0v MBR3030CT-3045ct mbr3050ct-3060ct 400pf 450pf v f  
 omp onents 2 0736 marilla street chatsworth       
     mcc revision: 7 2008/ 01/01 tm micro commercial components schottky barrier maximum ratings x marking : type number www. mccsemi .com 1 of 3 i fm =15a ; t j =25 o c mbr30 3 0ct ~3045ct 0.70 v i fm =30a ; t j =25 o c 0.84 v 0.72 v i fm =30a ; t j =125 o c i fm =15a ; t j =25 o c i fm =30a ; t j =25 o c i fm =30a ; t j =125 o c mbr30 50 ct ~3060ct 0.80 v 0.95 v 0.85 v min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max g r b q h u l d c j k a f s t 1 3 2 n v to-220ab ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 notes: 1. high temperature solder exemption applied, see eu directive annex 7.
fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 50 100 150 200 250 300 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 10 0 50 40 175 percent of rated peak reverse voltage ,(%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ma) 20 40 120 140 0.001 0.1 1.0 100 10 60 80 100 t j = 125 c 0.01 t j = 25 c 8.3ms single half-sine-wave (jedec method) 30 0 20 resistive or inductive load instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.3 0.7 0.8 1.0 10 100 0.4 0.5 0.6 0.1 1.0 0.9 instantaneous forward voltage , volts instantaneous forward current ,(a) 0.1 1.0 10 100 0.1 pulse width 300us 2% duty cycle t j = 25 c MBR3030CT ~ mbr3045ct mbr3050ct ~ mbr3060ct fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 10000 1000 100 0.1 case temperature , c 0 MBR3030CT ~ mbr3045ct MBR3030CT ~ mbr3045ct MBR3030CT ~ mbr3045ct MBR3030CT ~ mbr3045ct MBR3030CT ~ mbr3045ct MBR3030CT ~ mbr3045ct MBR3030CT ~ mbr3045ct MBR3030CT ~ mbr3045ct mbr3050ct ~ mbr3060ct MBR3030CT ~ mbr3045ct 4 t j = 25 c, f= 1mhz mcc rating and characteristic curves MBR3030CT thru mbr3060ct revision: 7 2008/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 7 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of MBR3030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X