Part Number Hot Search : 
75XKCT 1V330 CONTRO TA7060 15KE220A 085N06L MAX16 AD4805
Product Description
Full Text Search
 

To Download KM29W32000K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  predvan KM29W32000K1 flash memory die - 1 - features 4m x 8 bit nand flash memory options bare die : functionally test only general ordering information 4m 8 2.7v ~ 5.5v bare die KM29W32000K1 packaging options chip trays (waffle pack) functional specifications please refer to the packaged product data sheet found in the applicable samsung flash memory data book for functional and parametric specifications. for bare die, these specifications are provided for reference only and samsung makes no guarantees or warranties on level die. ? voltage supply : 2.7v ~ 5.5v ? organization - memory cell array : (4m + 128k)bit x 8bit - data register : (512 + 16)bit x8bit ? automatic program and erase - page program : (512 + 16)byte - block erase : (8k + 256)byte ? 528-byte page read operation ? command/address/data multiplexed i/o port ? hardware data protection - program/erase lockout during power transitions ? reliable cmos floating-gate technology ? command register operation recommendation for system design-in the KM29W32000K1 is recommended that the use of ecc(error correcting code) and real time mapping-out algorithm for the high reliability. the KM29W32000K1 is an 4m(4,194,304)x8bit die of nand flash memory with a spare 128k(131,072)x8bit. its nand cell provides the most cost-effective solution for the solid state mass storage system. a program operation could be program the 528- byte simultaneously and an erase unit is an 8k-byte block. in read operation can support fast serial read out mode upto 528- byte. the i/o pins serve as the ports for address and data input/ output as well as command inputs. that multiplexed i/o inter- face can reduced the control pin counts and it gives a benefit for the use of die product. the on-chip write controller automates all program and erase functions including pulse repetition, where required, and internal verify and margining of data. the KM29W32000K1 is recommended that the use of ecc(error correcting code) and real time mapping-out algorithm for the high reliability. these algorithms have been implemented in many mass storage applications and also the spare 16 bytes of a page combined with the other 512 bytes can be utilized by sys- tem-level ecc. the KM29W32000K1 is an optimum solution for large nonvola- tile storage applications such as solid state file storage, digital voice recorder, digital still camera and other portable applica- tions requiring non-volatility. general description


▲Up To Search▲   

 
Price & Availability of KM29W32000K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X