Part Number Hot Search : 
CS4362A BLD123D CR1005 D1024 MP402 H78L24 A3209EUA M3E71XPD
Product Description
Full Text Search
 

To Download IRG4BC10SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRG4BC10SD 4/24/2000 www.irf.com 1 insulated gate bipolar transistor with ultrafast soft recovery diode features e g n-channel c v ces = 600v v ce(on) typ. = 1.10v @v ge = 15v, i c = 2.0a standard speed copack igbt ? extremely low voltage drop 1.1vtyp. @ 2a  s-series: minimizes power dissipation at up to 3 khz pwm frequency in inverter drives, up to 4 khz in brushless dc drives.  very tight vce(on) distribution  igbt co-packaged with hexfred tm ultrafast, ultra-soft-recovery anti-parallel diodes for use in bridge configurations  industry standard to-220ab package benefits  generation 4 igbts offer highest efficiencies available  igbts optimized for specific application conditions  hexfred diodes optimized for performance with igbts . minimized recovery characteristics require less/no snubbing  lower losses than mosfet's conduction and diode losses t o -22 0 ab parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25 c continuous collector current 14 i c @ t c = 100 c continuous collector current 8.0 i cm pulsed collector current  18 a i lm clamped inductive load current  18 i f @ t c = 100 c diode continuous forward current 4.0 i fm diode maximum forward current 18 v ge gate-to-emitter voltage 20 v p d @ t c = 25 c maximum power dissipation 38 p d @ t c = 100 c maximum power dissipation 15 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw. 10 lbf  in (1.1 n  m) parameter min. typ. max. units r jc junction-to-case - igbt ??? ??? 3.3 r jc junction-to-case - diode ??? ??? 7.0 c/w r cs case-to-sink, flat, greased surface ??? 0.50 ??? r ja junction-to-ambient, typical socket mount ??? ??? 80 wt weight ??? 2.0(0.07) ??? g (oz) thermal resistance absolute maximum ratings w 

IRG4BC10SD 2 www.irf.com switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage  600 ?? vv ge = 0v, i c = 250a ? v (br)ces / ? t j temperature coeff. of breakdown voltage ? 0.64 ? v/ cv ge = 0v, i c = 1.0ma v ce(on) collector-to-emitter saturation voltage ? 1.58 1.7 i c = 8.0a v ge = 15v ? 2.05 ? vi c = 14.0a see fig. 2, 5 ? 1.68 ? i c = 8.0a, t j = 150 c v ge(th) gate threshold voltage 3.0 ? 6.0 v ce = v ge , i c = 250a ? v ge(th) / ? t j temperature coeff. of threshold voltage ? -9.5 ? mv/ cv ce = v ge , i c = 250a g fe forward transconductance  3.65 5.48 ? sv ce = 100v, i c =8.0a i ces zero gate voltage collector current ?? 250 a v ge = 0v, v ce = 600v ?? 1000 v ge = 0v, v ce = 600v, t j = 150 c v fm diode forward voltage drop ? 1.5 1.8 v i c =4.0a see fig. 13 ? 1.4 1.7 i c =4.0a, t j = 150 c i ges gate-to-emitter leakage current ?? 100 na v ge = 20v electrical characteristics @ t j = 25 c (unless otherwise specified) details of note  through  are on the last page q g total gate charge (turn-on) ? 15 22 i c = 8.0a qge gate - emitter charge (turn-on) ? 2.42 3.6 nc v cc = 400v see fig. 8 q gc gate - collector charge (turn-on) ? 6.53 9.8 v ge = 15v t d(on) turn-on delay time ? 76 ? t j = 25 c t r rise time ? 32 ? ns i c = 8.0a, v cc = 480v t d(off) turn-off delay time ? 815 1200 v ge = 15v, r g = 100 ? t f fall time ? 720 1080 energy losses include "tail" and e on turn-on switching loss ? 0.31 ? diode reverse recovery. e off turn-off switching loss ? 3.28 ? mj see fig. 9, 10, 18 e ts total switching loss ? 3.60 10.9 e ts total switching loss ? 1.46 2.6 mj i c = 5.0a t d(on) turn-on delay time ? 70 ? t j = 150 c, see fig. 10,11, 18 t r rise time ? 36 ? ns i c = 8.0a, v cc = 480v t d(off) turn-off delay time ? 890 ? v ge = 15v, r g = 100 ? t f fall time ? 890 ? energy losses include "tail" and e ts total switching loss ? 3.83 ? mj diode reverse recovery. l e internal emitter inductance ? 7.5 ? nh measured 5mm from package c ies input capacitance ? 280 ? v ge = 0v c oes output capacitance ? 30 ? pf v cc = 30v see fig. 7 c res reverse transfer capacitance ? 4.0 ?? = 1.0mhz t rr diode reverse recovery time ? 28 42 ns t j = 25 c see fig. ? 38 57 t j = 125 c 14 i f =4.0a i rr diode peak reverse recovery current ? 2.9 5.2 a t j = 25 c see fig. ? 3.7 6.7 t j = 125 c 15 v r = 200v q rr diode reverse recovery charge ? 40 60 nc t j = 25 c see fig. ? 70 105 t j = 125 c 16 di/dt = 200a/s di (rec)m /dt diode peak rate of fall of recovery ? 280 ? a/s t j = 25 c see fig. during t b ? 235 ? t j = 125 c 17 parameter min. typ. max. units conditions
IRG4BC10SD www.irf.com 3 fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 1 10 100 0.5 1.0 1.5 2.0 2.5 3.0 v , collector-to-emitter voltage (v) i , collector current (a) ce c  v = 15v 80 s pulse width ge  t = 25 c j  t = 150 c j 1 10 100 6 8 10 12 v , gate-to-emitter voltage (v) i , collector-to-emitter current (a) ge c  v = 50v 5 s pulse width cc  t = 25 c j  t = 150 c j 5s pulse width 0.1 1 10 100 0.0 2.0 4.0 6.0 8.0 10.0 f, frequency (khz) load current (a) 60% of rated volta ge i ideal diodes square wave: for both: duty cycle: 50% t = 125 c t = 90 c gate drive as specified sink j power dissipation = w 9.2
IRG4BC10SD 4 www.irf.com fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1  notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50  single pulse (thermal response) -60 -40 -20 0 20 40 60 80 100 120 140 160 1.00 1.50 2.00 2.50 3.00 t , junction temperature ( c) v , collector-to-emitter voltage(v) j ce  v = 15v 80 us pulse width ge  i = a 16 c  i = a 8 c  i = a 4 c 25 50 75 100 125 150 0 4 8 12 16 t , case temperature ( c) maximum dc collector current(a) c
IRG4BC10SD www.irf.com 5 0 20 40 60 80 100 3.30 3.35 3.40 3.45 3.50 3.55 3.60 r , gate resistance (ohm) total switching losses (mj) g  v = 480v v = 15v t = 25 c i = 8a cc ge j c fig. 7 - typical capacitance vs. collector-to-emitter voltage fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 9 - typical switching losses vs. gate resistance fig. 10 - typical switching losses vs. junction temperature r g , gate resistance ( ?) 0 5 10 15 20 0 5 10 15 20 q , total gate charge (nc) v , gate-to-emitter voltage (v) g ge  v = 400v i = 8a cc c 1 10 100 0 100 200 300 400 500 v , collector-to-emitter volta g e (v) c, capacitance (pf) ce  v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted ge ies g e g c , ce res g c oes ce g c  c ies  c oes  c res -60 -40 -20 0 20 40 60 80 100 120 140 160 0.1 1 10 100 t , junction temperature ( c ) total switching losses (mj) j  r = ohm v = 15v v = 480v g ge cc  i = a 16 c  i = a 8 c  i = a 4 c 100 ?
IRG4BC10SD 6 www.irf.com 1 10 100 1 10 100 1000  v = 20v t = 125 c ge j o  safe operating area v , collector-to-emitter voltage (v) i , collector current (a) ce c fig. 11 - typical switching losses vs. collector current fig. 12 - turn-off soa 0 4 8 12 16 20 0 3 6 9 12 15 i , collector current (a) total switching losses (mj) c  r = 100 t = 150 c v = 480v v = 15v g j cc ge 100 ? 0.1 1 10 100 0.0 1.0 2.0 3.0 4.0 5.0 6.0 fm forward volta g e drop - v ( v ) t = 150 c t = 125 c t = 25 c j j j forward voltage drop - v fm ( v ) instantaneous forward current ( a ) fig. 13 - maximum forward voltage drop vs. instantaneous forward current
IRG4BC10SD www.irf.com 7 fig. 16 - typical stored charge vs. di f /dt fig. 17 - typical di (rec)m /dt vs. di f /dt, fig. 14 - typical reverse recovery vs. di f /dt fig. 15 - typical recovery current vs. di f /dt di (rec) m/dt- (a /s) qrr- (nc) irr- ( a) trr- (nc) 20 25 30 35 40 45 50 100 1000 f di /dt - ( a/ s ) i = 8.0a i = 4.0a f f v = 200v t = 125 c t = 25 c r j j 0 2 4 6 8 10 12 14 100 1000 f i = 8.0a i = 4.0a v = 200v t = 125 c t = 25 c r j j di /dt - ( a/ s ) f f 0 40 80 120 160 200 100 1000 f di /dt - ( a/ s ) i = 8.0a i = 4.0a v = 200v t = 125 c t = 25 c r j j f f 100 1000 100 1000 f di /dt - ( a/ s ) a i = 8.0a i = 4.0a v = 200v t = 125 c t = 25 c r j j f f
IRG4BC10SD 8 www.irf.com same type device as d.u.t. d.u.t. 430f 80% of vce fig. 18a - test circuit for measurement of i lm , e on , e off(diode) , t rr , q rr , i rr , t d(on) , t r , t d(off) , t f fig. 18b - test waveforms for circuit of fig. 18a, defining e off , t d(off) , t f vce ie dt t2 t1 5% vce ic ipk vcc 10% ic vce t1 t2 dut voltage and current gate voltage d.u.t. +vg 10% +vg 90% ic tr td(on) diode reverse recovery energy tx eon = erec = t4 t3 vd id dt t4 t3 diode recovery w aveforms ic vpk 10% vcc irr 10% irr vcc trr qrr = trr tx id dt fig. 18c - test waveforms for circuit of fig. 18a, defining e on , t d(on) , t r fig. 18d - test waveforms for circuit of fig. 18a, defining e rec , t rr , q rr , i rr vd ic dt vce ic dt ic dt t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% c i c e on e off ts on off e = (e +e ) v v ge
IRG4BC10SD www.irf.com 9 v g gate signal device under tes t current d.u.t. voltage in d.u.t. current in d1 t0 t1 t2 d.u.t. v * c 50v l 1000v 6000f 100v figure 19. clamped inductive load test circuit figure 20. pulsed collector current test circuit r l = 480v 4 x i c @25 c 0 - 480v figure 18e. macro waveforms for figure 18a's test circuit
IRG4BC10SD 10 www.irf.com notes:  repetitive rating: v ge =20v; pulse width limited by maximum junction temperature (figure 20)  v cc =80%(v ces ), v ge =20v, l=10h, r g = 100w (figure 19)  pulse width 80s; duty factor 0.1%.  pulse width 5.0s, single shot. 
   0.55 (.022) 0.46 (.018) 3 x 2.92 (.115) 2.64 (.104) 1.32 (.052) 1.22 (.048) - b - 4.69 (.185) 4.20 (.165) 3.78 (.149) 3.54 (.139) - a - 6.47 (.255) 6.10 (.240) 1.15 (.045) m in 4.06 (.160) 3.55 (.140) 3 x 3.96 ( .160 ) 3.55 ( .140 ) 3 x 0.93 ( .037 ) 0.69 ( .027 ) 0.36 (.014) m b a m 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 1.40 (.055) 1.15 (.045) 3 x 2.54 (.100) 2x 1 2 3 4 conforms to jedec outline to-220ab d im e ns io ns in m illim e ters a nd ( inches ) lead assignments 1 - g a te 2 - c o lle c to r 3 - em it te r 4 - c o lle c to r notes: 1 dimensions & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 d im e n s io n s a r e s h o w n m illim e te r s ( inches ) . 4 conforms to jedec outline to-220ab. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 ir european regional centre: 439/445 godstone rd, whyteleafe, surrey cr3 obl, uk tel: ++ 44 (0)20 8645 8000 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 (0) 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 011 451 0111 ir japan: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo 171 tel: 81 (0)3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 (0)838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673 tel: 886-(0)2 2377 9936 data and specifications subject to change without notice. 4/00


▲Up To Search▲   

 
Price & Availability of IRG4BC10SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X