smd fyl fyl fyl fyls ss s 0805 0805 0805 0805b bb buw uwuw uwc cc c radiationpattern. features: compatiblewithautomaticplacementequipment compatiblewithreflowsolderprocess. applications: automotivetelecommumication indicators l ll lcd cdcd cdbacklights illuminations descriptions: dicematerial:ingan. emittingcolor:white lenscolor:waterclear absolutemaximunratings(ta=25 absolutemaximunratings(ta=25 absolutemaximunratings(ta=25 absolutemaximunratings(ta=25 b bb b ) )) ) parameter parameter parameter parameter max. max. max. max. unit unit unit unit powerdissipation 70 mw peakforwardcurrent(1/10dutycycle,0.1mspulse width) 100 ma continuousforwardcurrent 25 ma deratinglinearfrom25 0.4 ma/ operatingtemperaturerange 30 to+80 storagetemperaturerange 40 to+100 leadsolderingtemperature[4mm(.157)frombody] 26 0 for5seconds electricalandopticalcharacteristics(ta=25 electricalandopticalcharacteristics(ta=25 electricalandopticalcharacteristics(ta=25 electricalandopticalcharacteristics(ta=25 b bb b ) )) ) parameter symbol min. typ. max. unit testcondition luminousintensity iv 210 mcd viewingangle 21/2 120 130 140 deg x 0.29 chromaticitycoordinate y 0.29 forwardvoltage vf 3.2 3.8 v if=20ma reversecurrent ir 10 a vr=5v relative lumionous intensity(lop @max=1)
smd ambient temperature ta( ) forward current vs forward voltage forward voltage(v) forward current derating curve forward current(ma) forward current(ma) l u m i n o u s i n t e n s i t y v s . a m b i e n t t e m p e r a t u r e ambient temperature ta( ) c c relative luminous intensity 0 1 0 2 0 3 0 4 0 5 0 6 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 3 .1 3.3 10 0 20 30 40 50 3 . 0 f o r w a r d c u r r e n t i f ( m a ) 0 2.5 2.0 1.0 1.5 0.5 0 5 0 40 30 20 10 r e l a t i v e i n t e n s i t y ( l o p @ 2 0 m a = 1 ) r e l a t i v e l u m i n o u s i n t e n s i t y v s f o r w a r d c u r r e n t 0.5 1.0 1.5 2.0 2.5 0 -40 -20 0 20 40 80 100 normalized response wave length(nm) spectral reduance i n g a n / a l 2 o 3 3 .5 3.7 3.9 4.1 4.3 4.5 4.7 i n g a n / s i c 2 .9 2.7 typicalelectricalcharacteristicscurves typicalelectricalcharacteristicscurves typicalelectricalcharacteristicscurves typicalelectricalcharacteristicscurves (25 (25(25 (25 b bb b ambientte ambientte ambientte ambienttemperatureunlessotherwisenoted) mperatureunlessotherwisenoted) mperatureunlessotherwisenoted) mperatureunlessotherwisenoted)
smd precautionsforuse precautionsforuse precautionsforuse precautionsforuse overcurrentproof customer must apply resistors for protection,otherw ise slight voltage shift will cause big currentchang(burnoutwillhappen) storage 1. theoperationoftemperatureandr.hare:5 b 30 b ,r.h.60%max. 2. oncethepackageisopened,theproductsshouldbe usedwithinaweek.otherwise,they shouldbekeptinadampproofboxwithdesccatingr egent.consideringthetapelife,we suggestourcustomerstouseourproductswithin1. 5year(formproductiondate). 3. itsrecommendedtobakebeforesolderingwhenthe packageisunsealedafter72hrs.the conditionis:60 b 5 b for15hrs. solderingiron: solderingiron: solderingiron: solderingiron: temperatureattipofiron:300 b max.(25w max) solderingtime:31sec. reflowtemp./time reflowtemp./time reflowtemp./time reflowtemp./time: :: : time temperature
smd f w cathode d0 p2 p0 b0 d 1 p1 a0 a' a' t k0 sec:a-a' e 1.25 1.2 0.9 0.3 1.25 2.0 0.625 cathode mark led die 1.4 0.5 1.1 pcb resin 0.4 0.4 1.2 s o l d e r i n g t e r m i n a l 1.2 1.2 60+0.5/-0 13.50.2 90.1 120.15 1781.0 packagedimensionsofdevice packagedimensionsofdevice packagedimensionsofdevice packagedimensionsofdevice tapespecification:3000pcsperreel. tapespecification:3000pcsperreel. tapespecification:3000pcsperreel. tapespecification:3000pcsperreel. packingsize item w p1 e f d0 d1 p0 unit spec. 8.00 4.00 1.75 3.50 1.50 1.0 4.00 mm tolerance 0.20 0.10 0.10 0.05 +0.1/0 0.05 0.05 mm item 10p0 p2 a0 b0 k0 t unit spec. 40.00 2.00 1.40 2.25 1.35 0.23 mm tolerance 0.20 0.05 0.10 0.10 0.10 0.05 mm packagedimensionsofreel: packagedimensionsofreel: packagedimensionsofreel: packagedimensionsofreel: unit:mm unit:mm
smd unit:mm sb sb l1 w1 desiccant antistatic bag zip-lock desiccant spec. spec. spec. 203.0. 198.0 p a r t n o . q ' t y ( p c s ) b ox dimension(cm):30 * 19* 11.5 10 reels per box c/no g . w n . w m e a s : 3 8 * 3 1 * 3 8 c m k g s k g s c arton dimension(cm):39*32*38 6boxs/carton 0603b/0603/0805: 4000pcs*10reels*6boxs 0805b/1206b/ 1206 1210 /1204: 3000pcs*10reels*6boxs* 3528:2000pcs*10reels*6boxs 5050:1000pcs*8reels*6boxs packingandshippingspec. packingandshippingspec. packingandshippingspec. packingandshippingspec.
|