Part Number Hot Search : 
D90N0 MB258 BZX556V2 GC4022M5 RL257 5556PBT3 CY7C1315 R5S72612
Product Description
Full Text Search
 

To Download EIC8596-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EIC8596-4 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 8.50-9.60 ghz 4-watt in ternally-matched power fet issued date: 06-07-04 features ? 8.50 ? 9.60 ghz bandwidth ? input/output impedance matched to 50 ohms ? +36.5 dbm output power at 1db compression ? 7.5 db power gain at 1db compression ? 30% power added efficiency ? -43 dbc im3 at po = 25.5 dbm scl ? hermetic metal flange package ? 100% tested for dc, rf, and r th description the EIC8596-4 is a high power, highly linear, single stage mfet amplifier in a flange mount package. this amplifier features excelics? unique mesfet transistor technology. caution! esd sensitive device. electrical characteristics (t a = 25 c) symbol parameters/test conditions 1 min typ max units p 1db output power at 1db compression f = 8.50-9.60ghz v ds = 10 v, i dsq 1100ma 35.5 36.5 dbm g 1db gain at 1db compression f = 8.50-9.60ghz v ds = 10 v, i dsq 1100ma 6.5 7.5 db ? g gain flatness f = 8.50-9.60ghz v ds = 10 v, i dsq 1100ma 0.6 db pae power added efficiency at 1db compression v ds = 10 v, i dsq 1100ma f = 8.50-9.60ghz 30 % id 1db drain current at 1db compression f = 8.50-9.60ghz 1100 1300 ma im3 output 3rd order intermodulation distortion ? f = 10 mhz 2-tone test; pout = 25.5 dbm s.c.l 2 v ds = 10 v, i dsq 65% idss f = 9.60 ghz -40 -43 dbc i dss saturated drain current v ds = 3 v, v gs = 0 v 1800 2200 ma v p pinch-off voltage v ds = 3 v, i ds = 20 ma -2.5 -4.0 v r th thermal resistance 3 5.0 6.0 o c/w notes: 1. tested with 100 ohm gate resistor. 2. s.c.l. = single carrier level. 3. overall rth depends on case mounting.
EIC8596-4 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 2 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 absolute maximum ratings for continuous operation 1,2 symbol characteristic value v ds drain to source voltage 10 v v gs gate to source voltage -4.5 v i ds drain current idss i gsf forward gate current 40 ma p in input power @ 3db compression p t total power dissipation 20 w t ch channel temperature 150c t stg storage temperature -65/+150c notes: 1. operating the device beyond any of the above ratings may result in permanent damage or reduction of mttf. 2. bias conditions must also satisfy the following equation p t < (t ch ?t pkg )/r th ; where t pkg = temperature of package, and p t = (v ds * i ds ) ? (p out ? p in ). performance data typical s-parameters (t= 25c, 50 ? system, de-embedded to edge of package) v ds = 10 v, i dsq 1100ma freq --- s11 --- --- s21 --- --- s12 --- --- s22 --- (ghz) mag ang mag ang mag ang mag ang 8.00 0.639 -131.090 2.971 -43. 850 0.075 -95.770 0.381 79.650 8.25 0.589 -162.210 3.029 -71.870 0.085 -125.560 0.387 47.150 8.50 0.553 167.390 3.042 -98.89 0 0.095 -152.800 0.384 17.300 8.75 0.535 138.050 2.997 -125.900 0.103 -179.370 0.364 -10.280 9.00 0.516 111.210 2.947 -152.0 10 0.107 155.110 0.331 -38.730 9.25 0.479 86.150 2.924 -178.400 0.115 128.390 0.308 -71.620 9.50 0.406 62.550 2.918 154.530 0.119 102.590 0.309 -108.380 9.75 0.292 36.850 2.901 125.240 0.127 74.230 0.336 -152.650 10.00 0.123 5.160 2.779 94.570 0.128 44.690 0.403 163.780 10.25 0.085 -167.640 2.588 62.670 0.123 13.470 0.499 126.800 10.50 0.278 157.010 2.245 31.830 0.112 -17.580 0.564 94.870 0 1.0 -1.0 1.0 10.0 - 1 0 . 0 1 0 . 0 5.0 - 5 . 0 5 . 0 2.0 - 2 . 0 2 . 0 3.0 - 3 . 0 3 . 0 4.0 - 4 . 0 4 . 0 0.2 - 0 . 2 0 . 2 0.4 - 0 . 4 0 . 4 0.6 - 0 . 6 0 . 6 0.8 - 0 . 8 0 . 8 0 1.0 1.0 -1.0 10.0 1 0 . 0 - 1 0 . 0 5.0 5 . 0 - 5 . 0 2.0 2 . 0 - 2 . 0 3.0 3 . 0 - 3 . 0 4.0 4 . 0 - 4 . 0 0.2 0 . 2 - 0 . 2 0.4 0 . 4 - 0 . 4 0.6 0 . 6 - 0 . 6 0.8 0 . 8 - 0 . 8 s11 and s22 swp max 10ghz swp min 8ghz s[1,1] * EIC8596-4 s[2,2] * EIC8596-4 8 8.5 9 9.5 10 frequency (ghz) s21 and s12 -30 -20 -10 0 10 20 s21 and s12 (db) db(|s[2,1]|) * EIC8596-4 db(|s[1,2]|) * EIC8596-4
EIC8596-4 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 3 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 power de-rating curve and im3 definition power dissipation vs. temperature 0 5 10 15 20 25 0 25 50 75 100 125 150 case temperature (c) total power dissipation (w) safe operating region potentially unsaf e operating region f1 f2 (2f1-f2) f1 f2 (2f2-f1) im3 pout pin ip 3 = pout + im3/2 third-order intercept point ip3 f1 or f2 (2f2 - f1) or (2f1 - f2) pin [s.c.l.] (dbm) pout [s.c.l.] (dbm) im3 typical power data (v ds = 10 v, i dsq = 1100 ma) typical im3 data (v ds = 10 v, i dsq 65% idss ) p-1db & g-1db vs frequency 32 33 34 35 36 37 8.48.68.89.09.29.49.69.8 frequency (ghz) p-1db (dbm) 7 8 9 10 11 12 g-1db (db) p-1db (dbm) g-1db (db) im3 vs output power f 1 = 9.05 ghz, f 2 = 9.04 ghz -60 -55 -50 -45 -40 -35 -30 -25 -20 -15 20 21 22 23 24 25 26 27 28 29 30 31 32 pout [s.c.l.] (dbm) im3 (dbc ) im3 (dbc)
EIC8596-4 specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 4 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2004 package outline dimensions in inches, tolerance + .005 unless otherwise specified excelics sn ym ordering information part number grade 1 f test (ghz) p 1db (min) im 3 (min) 2 EIC8596-4 industrial 8.50-9.60 ghz 35.5 -40 notes: 1. contact factory for military and hi-rel grades. 2. exact test conditions are specified in ?electrical characteristics? table. EIC8596-4 source


▲Up To Search▲   

 
Price & Availability of EIC8596-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X