Part Number Hot Search : 
AN8807 284168 LB1258 3329H502 PN8383 NANO100 SRC12 200MW
Product Description
Full Text Search
 

To Download CMOD2004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CMOD2004 surface mount high voltage silicon switching diode description: the central semiconductor CMOD2004 type is a high voltage silicon switching diode manufactured by the epitaxial planar process, epoxy molded in a ultramini? surface mount package, designed for applications requiring high voltage capability. marking code: 04 maximum ratings: (t a =25c) symbol units continuous reverse voltage v r 240 v peak repetitive reverse voltage v rrm 300 v average forward current i o 200 ma continuous forward current i f 225 ma peak repetitive forward current i frm 625 ma peak forward surge current, tp=1.0s i fsm 4.0 a peak forward surge current, tp=1.0s i fsm 1.0 a power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max unit i r v r =240v 100 na i r v r =240v, t a =150c 100 a bv r i r =100a 300 v v f i f =100ma 1.0 v c t v r =0, f=1.0mhz 5.0 pf t rr i f =i r =30ma, rec. to 3.0ma, r l =100 50 ns sod-523 case r3 (25-january 2010) www.centralsemi.com
CMOD2004 surface mount high voltage silicon switching diode www.centralsemi.com r3 (25-january 2010) sod-523 case - mechanical outline lead code: 1) cathode 2) anode marking code: 04


▲Up To Search▲   

 
Price & Availability of CMOD2004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X