Part Number Hot Search : 
ADP3422 WP7113ND AZ23C10 MAX5722 2SK3488 FSU01 2SK3488 W18000
Product Description
Full Text Search
 

To Download BC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente BC327 / bc328 pnp plastic-encapsulate transistor 04-mar-2011 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a c e k f d b g h j 2 base 3 emitter collector 1 rohs compliant product a suffix of -c specifies halogen & lead-free feature  power dissipation classification of h fe (1) product-rank BC327-16 BC327-25 BC327-40 product-rank bc328-16 bc328-25 bc328-40 range 100~250 160~400 250~630 absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit BC327 -50 collector to base voltage bc328 v cbo -30 v BC327 -45 collector to emitter voltage bc328 v ceo -25 v emitter to base voltage v ebo -5 v collector current - continuous i c -800 ma collector power dissipation p c 625 mw junction, storage temperature t j , t stg 150, -55~150 c to-92 1 11 1 collector 2 22 2 base 3 33 3 emitter millimeter ref. min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1.10 - j 2.42 2.66 k 0.36 0.76
elektronische bauelemente BC327 / bc328 pnp plastic-encapsulate transistor 04-mar-2011 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions BC327 -50 - - collector to base breakdown voltage bc328 v (br)cbo -30 - - v i c = -100 a, i e =0 BC327 -45 - - collector to emitter breakdown voltage bc328 v (br)ceo -25 - - v i c = -10ma, i b =0 emitter to base breakdown voltage v (br)ebo -5 - - v i e = -10 a, i c =0 BC327 - - -0.1 v cb = -45v, i e =0 collector cut-off current bc328 i cbo - - -0.1 a v cb = -25v, i e =0 BC327 - - -0.2 v ce = -40v, i b =0 collector cut-off current bc328 i ceo - - -0.2 a v ce = -20v, i b =0 emitter cut-off current i ebo - - -0.1 a v eb = -4v, i c =0 h fe (1) 100 - 630 v ce = -1v, i c = -100ma dc current gain h fe (2) 40 - - v ce = -1v, i c = -300ma collector-emitter saturation voltage v ce(sat) - - -0.7 v i c = -500ma, i b = -50ma base-emitter saturation voltage v be(sat) - - -1.2 v i c = -500ma, i b = -50ma base-emitter voltage v be - - -1.2 v v ce = -1v, i c = -300ma transition frequency f t 260 - - mhz v ce = -5v, i c = -10ma, f=100mhz collector output capacitance c ob - 12 - pf v cb = -10v, i e =0, f=1mhz
elektronische bauelemente BC327 / bc328 pnp plastic-encapsulate transistor 04-mar-2011 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of BC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X