Part Number Hot Search : 
TPC8401 MA40S4 951D685M D1335FOB 1N3039B C68HC71 ADC405 FB2022
Product Description
Full Text Search
 

To Download BAT54JW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30157 rev. 9 - 2 1 of 3 bat54jw www.diodes.com  diodes incorporated bat54jw surface mount schottky barrier diode array features  case: sot-363  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe).  orientation: see diagram  weight: 0.006 grams (approx.)  marking: klc (see page 2) mechanical data maximum ratings  low forward voltage drop  fast switching  ultra-small surface mount package  pn junction guard ring for transient and esd protection  lead free/rohs compliant (note 3) characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v forward continuous current (note 1) i f 200 ma repetitive peak forward current (note 1) i frm 300 ma forward surge current (note 1) @ t < 1.0s i fsm 600 ma power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +125  c a m j l d b c h k g f characteristic symbol min typ max unit test condition reverse breakdown voltage (note 2) v (br)r 30  v i r = 100  a forward voltage v f  240 320 400 500 1000 mv i f = 0.1ma i f = 1ma i f = 10ma i f = 30ma i f = 100ma reverse leakage current (note 2) i r  2.0  a v r = 25v total capacitance c t  10 pf v r = 1.0v, f = 1.0mhz reverse recovery time t rr  5.0 ns i f = 10ma through i r = 10ma to i r = 1.0ma, r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified c 1 a 2 a 1 c 2 @ t a = 25  c unless otherwise specified (jumper connection between middle pins) sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0  8  all dimensions in mm top view notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. no purposefully added lead.
ds30157 rev. 9 - 2 2 of 3 bat54jw www.diodes.com month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd date code key klc = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september klc ym marking information device packaging shipping BAT54JW-7-F sot-363 3000/tape & reel (note 4) ordering information notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 0 100 025 50 75 100 125 p power dissipation (mw) d, t , ambient temperature ( c) fi g . 4 power deratin g curve a 200 0 2 4 10 8 6 12 0 10 15 5 20 30 25 c , total capacitance (pf) t v , reverse voltage (v) fi g .3 t y pical capacitance vs. reverse volta g e r f = 1.0mhz 0.001 0.01 0.1 10 1 100 0 510 15 20 25 30 v , instantaneous reverse voltage (v) fi g .2 t y pical reverse characteristics r t = 25oc a t = 75oc a t = 125oc a t=0oc a 0.1 0.01 1 0.001 0.0001 0 1.0 0.4 0.6 0.8 0.2 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g . 1 forward characteristics f t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a year 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code mnprstu vw x y z
ds30157 rev. 9 - 2 3 of 3 bat54jw www.diodes.com important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of BAT54JW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X