Part Number Hot Search : 
GP30K SMAJ33A IRB60 IS45S CZ3001D MC74VHC1 LT13951 ADIS1
Product Description
Full Text Search
 

To Download BAT54DW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30107 rev. 8 - 2 1 of 3 bat54 dw www.diodes.co m ? diodes incorporated bat54d w dual surface mo unt schottky barri er diode features maximum ratings @ t a = 25 c unless otherwise s pecified low forward voltage drop fast switching ultra-small surface mount package pn junction guard r ing for transient and esd protection lead free /rohs co mpliant (note 3 ) characteristic symbol value unit peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 30 v average rectified forward c urrent i o 100 ma forward continuous cur rent (note 1) i f 200 ma repetitive peak forward cur rent (note 1) i frm 300 ma forward surge curr ent (note 1) @ t < 1.0s i fsm 600 ma power dissipation (note 1) p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c/w operating and storage temperature range t j , t stg -65 to +125 c characteristic symbol min typ max unit test condition reverse break down voltage (note 2) v (br)r 30 ? ? v i rs = 100 m a forward voltage v f ? ? 240 320 400 500 1000 mv i f = 0.1ma i f = 1ma i f = 10ma i f = 30ma i f = 100ma reverse leak age current (note 2) i r ? ? 2.0 m a v r = 25v total capacitance c t ? ? 10 pf v r = 1.0v, f = 1.0mhz reverse rec overy t ime t rr ? ? 5.0 ns i f = 10ma through i r = 10ma to i r = 1.0ma, r l = 100 w electri cal character isti cs @ t a = 25 c unless otherwise s pecified a m j l d b c h k g f t o p v i e w a 2 c 1 n c n c c 2 a 1 mechanical data case: sot-363 case material: molded pl astic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). terminal connections: see diagram marking: kld (see page 2) weight: 0.006 grams (approximate) sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 a 0 8 all dimensions in m m notes: 1. device mounted on fr-4 pc b, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. short durat ion test pulse used to minimize self-heating effect. 3. no purposefully added lead. lead-free
ds30107 rev. 8 - 2 2 of 3 bat54 dw www.diodes.co m 0 1 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 p p o w e r d i s s i p a t i o n ( m w ) d , t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 4 p o w e r d e ra ti n g c u rv e 2 0 0 0 2 4 1 0 8 6 1 2 0 1 0 1 5 5 2 0 3 0 2 5 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f ig . 3 t y p ic a l c a p a c it a n c e v s . r e v e r s e v o lt a g e f = 1 .0 m h z 0 .0 0 1 0 .0 1 0 .1 1 0 1 1 0 0 0 5 1 0 1 5 2 0 2 5 3 0 v , in s t a n t a n e o u s r e v e r s e v o l t a g e ( v ) r f ig . 2 t y p ic a l r e v e rs e c h a ra c te ri s ti c s t = 2 5o c a t = 7 5o c a t = 1 25 oc a t = 0 oc a 0 .1 0 .0 1 1 0 .0 0 1 0 .0 0 0 1 0 1 .0 0 .4 0 .6 0 .8 0 .2 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , in s t a n t a n e o u s f o r w a r d v o l t a g e ( v ) f f ig . 1 f o rw a rd c h a ra c te ri s ti c s t = - 40 oc a t = 1 25 oc a t = 7 5o c a t = 2 5o c a t = 0 oc a orderi ng inform ation device packaging shipping BAT54DW-7-F sot-363 3000/tape & reel notes: 4. for packaging details, go to our website at http:/ /www.diodes.com/datasheets/ap02007.pdf. marking i nformat ion k l d y m k l d y m kld = product type mark ing code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d (note 4 ) year 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code m n p r s t u v w x y z
ds30107 rev. 8 - 2 3 of 3 bat54 dw www.diodes.co m i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of BAT54DW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X