Part Number Hot Search : 
C1223 472J400 TSOP21 PT163025 A105K HT48R02N 110N03 SST32
Product Description
Full Text Search
 

To Download B125C7000-4000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b...c7000-4000a b...c7000-4000a silicon-bridge-rectifiers silizium-brckengleichrichter version 2006-07-28 dimensions - ma?e [mm] nominal current nennstrom 7.0 a / 4.0 a alternating input voltage eingangswechselspannung 40...500 v plastic case kunststoffgeh?use 32 x 5.6 x 17 [mm] weight approx. ? gewicht ca. 9 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging bulk standard lieferform lose im karton mounting clamp bo2 ? befestigungsschelle bo2 recognized product ? underwriters laboratories inc.? file e175067 anerkanntes produkt ? underwriters laboratories inc.? nr. e175067 maximum ratings grenzwerte type typ max. alternating input voltage max. eingangswechselspannung v vrms [v] repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] 1 ) b40c7000-4000a 40 80 b80c7000-4000a 80 160 B125C7000-4000A 125 250 b250c7000-4000a 250 600 b380c7000-4000a 380 800 b500c7000-4000a 500 1000 repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 50 a 2 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 250/275 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 310 a 2 s operating junction temperature ? sperrschichttemperatur storage temperature ? lagerungstemperatur t j t s -50...+150c -50...+150c 1 valid per diode ? gltig pro diode 2 valid, if leads are kept to ambient temperature t a = 50c at a distance of 5 mm from case gltig, wenn die anschlussdr?hte in 5 mm vom geh?use auf umgebungstemperatur t a = 50c gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 ~ + ~ ? 16 type typ ? 1.2 2x7.5 10 17 0.2 16 0.2 32 0.2 5.6 0.2
b...c7000-4000a characteristics kennwerte max. rectified current without cooling fin dauergrenzstrom ohne khlblech t a = 50c r-load c-load i fav i fav 4.8 a 1 ) 4.0 a 1 ) max. rectified current with cooling fin 300 cm 2 dauergrenzstrom mit khlblech 300 cm 2 t a = 50c r-load c-load i fav i fav 8.0 a 7.0 a leakage current ? sperrstrom t j = 25c v r = v rrm i r < 10 a thermal resistance junction to ambient air w?rmewiderstand sperrschicht ? umgebende luft r tha < 15 k/w 1 ) type typ max. admissible load capacitor max. zul?ssiger ladekondensator c l [f] min. required protective resistor min. erforderl. schutzwiderstand r t [ ? ] b40c7000-4000a 10000 0.5 b80c7000-4000a 5000 1.0 B125C7000-4000A 2500 2.0 b250c7000-4000a 1500 4.0 b380c7000-4000a 1000 5.0 b500c7000-4000a 800 6.5 1 valid, if leads are kept to ambient temperature t a = 50c at a distance of 5 mm from case gltig, wenn die anschlussdr?hte in 5 mm vom geh?use auf umgebungstemperatur t a = 50c gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature zul. richtstrom in abh. von der umgebungstemp. i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 10 10 10 1 10 3 2 -1 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 t = 25c j t = 125c j 250a-(7.5a-1,05v)


▲Up To Search▲   

 
Price & Availability of B125C7000-4000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X