c ambion a technical data sheet wearnes cambion ltd castleton, hope valley, derbyshire, s33 8wr, england telephone: +44(0)1433 621555 fax: +44(0)1433 621290 web: www.cambion.com email: enquiries@cambion.com copyright cambion a friday, 21 february 2003 page 1 of 2 555-8062 surface mount power inductors, 5mm , 4.7 mh thru 220 m h how to order code 555-8062-xx x- y - zz basic part no xxx = inductance identifier, y = tolerance, zz = packaging electrical specifications basic part number (xxx)- inductance ( mh) frequency (mhz) dcr (max) (w) idc (max) (a) -4r7 4.7 7.96 0.06 2.60 -5r6 5.6 7.96 0.07 2.40 -6r8 6.8 7.96 0.07 2.20 -8r2 8.2 7.96 0.08 2.00 -100 10 2.52 0.10 1.44 -120 12 2.52 0.12 1.40 -150 15 2.52 0.14 1.30 -180 18 2.52 0.15 1.23 -220 22 2.52 0.18 1.11 -270 27 2.52 0.20 0.97 -330 33 2.52 0.23 0.88 -390 39 2.52 0.32 0.80 -470 47 2.52 0.37 0.72 -560 56 2.52 0.42 0.68 -680 68 2.52 0.46 0.61 -820 82 2.52 0.60 0.58 -101 100 1khz 0.70 0.52 -121 120 1khz 0.93 0.48 -151 150 1khz 1.10 0.40 -181 180 1khz 1.38 0.38 555-8062 -221 220 1khz 1.57 0.35 other electrical specifications to order - consult factory
c ambion a technical data sheet wearnes cambion ltd castleton, hope valley, derbyshire, s33 8wr, england telephone: +44(0)1433 621555 fax: +44(0)1433 621290 web: www.cambion.com email: enquiries@cambion.com copyright cambion a friday, 21 february 2003 page 2 of 2 tolerance (y) tolerance code (y) inductance tolerance notes j 5% made to order k 10% made to order m 20% standard packaging (zz) -00 loose piece made to order -36 taped and reeled standard - 1500 per reel material specifications operating temperature -30c to +100c insulation resistance over 100m w at 100 vdc between core and coil dielectric strength no dielectric breakdown at 100 vdc for 1 minute between core and coil temperature characteristics inductance coefficient (0-2000) x 10 6 /c (-25 - 85c) vibration resistance inductance deviation within 5%, (after vibration for 1 hour in each of three orientations with sweep vibration (10-55-10hz) and 1.5mm p-p amplitude)
|