Part Number Hot Search : 
EPR1541 TN9138PM B43857 FOD0720 LFZ28V05 150K100 ISL5239 209SY
Product Description
Full Text Search
 

To Download 4N55883B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? dual marked with device part number and dscc drawing number ? manufactured and tested on a mil-prf-38534 certified line ? qml-38534, class h and k ? five hermetically sealed package configurations ? performance guaranteed, over -55 c to +125 c ? high speed: typically 400 kbit/s ? 9 mhz bandwidth ? open collector output ? 2-18 volt v cc range ? 1500 vdc withstand test voltage ? high radiation immunity ? 6n135, 6n136, hcpl-2530/ -2531, function compatibility ? reliability data applications ? military and space ? high reliability systems ? vehicle command, control, life critical systems ? line receivers ? switching power supply ? voltage level shifting hermetically sealed, transistor output optocouplers for analog and digital applications technical data ? analog signal ground isolation (see figures 7, 8, and 13) ? isolated input line receiver ? isolated output line driver ? logic ground isolation ? harsh industrial environments ? isolation for test equipment systems description these units are single, dual and quad channel, hermetically sealed optocouplers. the products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full mil-prf-38534 class level h or k testing or from the appropriate dscc drawing. all devices are manufactured and tested on a mil-prf-38534 certified line and are included in the dscc qualified manufacturers list qml-38534 for hybrid microcircuits. each channel contains a gaasp light emitting diode which is optically coupled to an integrated photon detector. separate connections for the photodiodes and output transistor collectors improve the speed up to a hundred times that of a conven- tional phototransistor optocoupler by reducing the base-collector capacitance. these devices are suitable for wide bandwidth analog applica- tions, as well as for interfacing ttl to lsttl or cmos. current transfer ratio (ctr) is 9% mini- mum at i f = 16 ma. the 18 v v cc caution: it is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by esd. truth table (positive logic) input output on (h) l off (l) h functional diagram multiple channel devices available v cc gnd v o v b *see matrix for available extensions. 4n55* 5962-87679 hcpl-553x hcpl-653x hcpl-257k hcpl-655x 5962-90854 hcpl-550x the connection of a 0.1 m f bypass capacitor between v cc and gnd is recommended.
2 capability will enable the designer to interface any ttl family to cmos. the availability of the base lead allows optimized gain/ bandwidth adjustment in analog applications. the shallow depth of the ic photodiode provides better radiation immunity than conventional phototransistor couplers. these products are also available with the transistor base node connected to improve common mode noise immunity and esd susceptibility. in addition, higher ctr minimums are available by special request. package styles for these parts are 8 and 16 pin dip through hole (case outlines p and e respec- tively), 16 pin dip flat pack (case outline f), and leadless ceramic chip carrier (case outline 2). devices may be purchased with a variety of lead bend and plating options, see selection guide table for details. standard microcircuit drawing (smd) parts are available for each package and lead style. because the same functional die (emitters and detectors) are used for each channel of each device listed in this data sheet, absolute maximum ratings, recommended operating conditions, electrical specifications, and performance characteristics shown in the figures are identical for all parts. occasional exceptions exist due to package variations and limitations and are as noted. additionally, the same package assembly processes and materials are used in all devices. these similarities give justification for the use of data obtained from one part to represent other parts performance for die related reliability and certain limited radiation test results. selection guideCpackage styles and lead configuration options package 16 pin dip 8 pin dip 8 pin dip 16 pin flat pack 20 pad lccc lead style through hole through hole through hole unformed leads surface mount channels 2 1 2 4 2 common channel wiring none none v cc gnd v cc gnd none agilent part # & options commercial 4n55* hcpl-5500 hcpl-5530 hcpl-6550 hcpl-6530 mil-prf-38534, class h 4n55/883b hcpl-5501 hcpl-5531 hcpl-6551 hcpl-6531 mil-prf-38534, class k hcpl-257k hcpl-550k hcpl-553k hcpl-655k hcpl-653k standard lead finish gold plate gold plate gold plate gold plate solder pads solder dipped option #200 option #200 option #200 butt cut/gold plate option #100 option #100 option #100 gull wing/soldered option #300 option #300 option #300 class h smd part # prescript for all below 5962- 5962- 5962- 5962- 5962- either gold or solder 8767901ex 9085401hpx 8767902px 8767904fx 87679032x gold plate 8767901ec 9085401hpc 8767902pc 8767904fc solder dipped 8767901ea 9085401hpa 8767902pa 87679032a butt cut/gold plate 8767901uc 9085401hyc 8767902yc butt cut/soldered 8767901ua 9085401hya 8767902ya gull wing/soldered 8767901ta 9085401hxa 8767902xa prescript for all below 5962- 5962- 5962- 5962- 5962- either gold or solder 8767905kex 9085401kpx 8767906kpx 8767908kfx 8767907k2x gold plate 8767905kec 9085401kpc 8767906kpc 8767908kfc solder dipped 8767905kea 9085401kpa 8767906kpa 8767907k2a butt cut/gold plate 8767905kuc 9085401kyc 8767906kyc butt cut/soldered 8767905kua 9085401kya 8767906kya gull wing/soldered 8767905kta 9085401kxa 8767906kxa *jedec registered part.
3 0.20 (0.008) 0.33 (0.013) 4.45 (0.175) max. 20.06 (0.790) 20.83 (0.820) 0.51 (0.020) max. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) min. 0.89 (0.035) 1.65 (0.065) 8.13 (0.320) max. 7.36 (0.290) 7.87 (0.310) note: dimensions in millimeters (inches). 3.81 (0.150) min. functional diagrams 16 pin dip 8 pin dip 8 pin dip 16 pin flat pack 20 pad lccc through hole through hole through hole unformed leads surface mount 2 channels 1 channel 2 channels 4 channels 2 channels note: 8 pin dip and flat pack devices have common v cc and ground. 16 pin dip and lccc (leadless ceramic chip carrier) packages have isolated channels with separate v cc and ground connections. 1 3 2 4 8 6 7 5 v cc gnd v out v b 1 3 2 4 8 6 7 5 v cc gnd v o2 v o1 5 7 6 8 12 10 11 9 gnd v o4 v o3 1 3 2 4 16 14 15 13 v cc v o2 v o1 outline drawings 16 pin dip through hole, 2 channels gnd 1 v b2 19 20 2 3 v o1 8 7 v cc2 v cc1 10 gnd 2 15 13 12 14 v o2 v b1 9 anode 3 cathode 6 5 v o gnd i o i f 2 + v f 8 v cc 7 v b i b i cc 8 pin ceramic dip single channel schematic note base pin 7. 5 7 6 8 12 10 11 9 gnd v cc2 v b2 1 3 2 4 16 14 15 13 v cc1 gnd v o1 v o2 v b1
4 outline drawings 16 pin flat pack, 4 channels 8.13 (0.320) max. 5.23 (0.206) max. 2.29 (0.090) max. 7.24 (0.285) 6.99 (0.275) 1.27 (0.050) ref. 0.46 (0.018) 0.36 (0.014) 11.13 (0.438) 10.72 (0.422) 2.85 (0.112) max. 0.89 (0.035) 0.69 (0.027) 0.31 (0.012) 0.23 (0.009) 0.88 (0.0345) min. 9.02 (0.355) 8.76 (0.345) note: dimensions in millimeters (inches). 20 terminal lccc surface mount, 2 channels 8 pin dip through hole, 1 and 2 channel 3.81 (0.150) min. 4.32 (0.170) max. 9.40 (0.370) 9.91 (0.390) 0.51 (0.020) max. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) min. 0.76 (0.030) 1.27 (0.050) 8.13 (0.320) max. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) 7.16 (0.282) 7.57 (0.298) note: dimensions in millimeters (inches). 8.70 (0.342) 9.10 (0.358) 4.95 (0.195) 5.21 (0.205) 1.78 (0.070) 2.03 (0.080) 1.02 (0.040) (3 plcs) 4.95 (0.195) 5.21 (0.205) 8.70 (0.342) 9.10 (0.358) 1.78 (0.070) 2.03 (0.080) 0.51 (0.020) 0.64 (0.025) (20 plcs) 1.52 (0.060) 2.03 (0.080) metalized castillations (20 plcs) 2.16 (0.085) terminal 1 identifier note: dimensions in millimeters (inches). solder thickness 0.127 (0.005) max. 1.14 (0.045) 1.40 (0.055) leaded device marking leadless device marking compliance indicator,* date code, suffix (if needed) a qyywwz xxxxxx xxxxxxx xxx xxx 50434 country of mfr. agilent cage code* agilent designator dscc smd* pin one/ esd ident agilent p/n dscc smd* * qualified parts only compliance indicator,* date code, suffix (if needed) a qyywwz xxxxxx xxxx xxxxxx xxx 50434 dscc smd* agilent cage code* agilent designator country of mfr. agilent p/n pin one/ esd ident dscc smd* * qualified parts only
5 hermetic optocoupler options option description 100 surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. this option is available on commercial and hi-rel product in 8 and 16 pin dip (see drawings below for details). 200 lead finish is solder dipped rather than gold plated. this option is available on commercial and hi-rel product in 8 and 16 pin dip. dscc drawing part numbers contain provisions for lead finish. all leadless chip carrier devices are delivered with solder dipped terminals as a standard feature. 300 surface mountable hermetic optocoupler with leads cut and bent for gull wing assembly. this option is available on commercial and hi-rel product in 8 and 16 pin dip (see drawings below for details). this option has solder dipped leads. 1.14 (0.045) 1.40 (0.055) 4.32 (0.170) max. 0.51 (0.020) max. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) min. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) note: dimensions in millimeters (inches). 1.14 (0.045) 1.40 (0.055) 4.32 (0.170) max. 0.51 (0.020) max. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) min. 1.40 (0.055) 1.65 (0.065) 4.57 (0.180) max. 0.51 (0.020) max. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) min. 0.51 (0.020) min. 4.57 (0.180) max. 0.51 (0.020) max. 2.29 (0.090) 2.79 (0.110) 1.40 (0.055) 1.65 (0.065) 9.65 (0.380) 9.91 (0.390) 5?max. 4.57 (0.180) max. note: dimensions in millimeters (inches). 0.20 (0.008) 0.33 (0.013)
6 absolute maximum ratings (no derating required up to +125 c) storage temperature range, t s ................................... -65 c to +150 c operating temperature, t a .......................................... -55 c to +125 c case temperature, t c ................................................................ +170 c junction temperature, t j ........................................................... +175 c lead solder temperature ............................................... 260 c for 10 s peak forward input current, (each channel, 1 ms duration), i fpk .............................................................. 40 ma average input forward current, i favg (each channel) ................ 20 ma reverse input voltage, bv r ...................... see electrical characteristics average output current, i o (each channel) ................................... 8 ma peak output current, i o (each channel) ...................................... 16 ma supply voltage, v cc ......................................................... -0.5 v to 20 v output voltage, v o (each channel) ................................... -0.5 v to 20 v input power dissipation (each channel) ..................................... 36 mw output power dissipation (each channel) .................................. 50 mw package power dissipation, p d (each channel) ........................ 200 mw single channel 8 pin, dual channel 16 pin, and lccc only emitter base reverse voltage, v ebo ............................................... 3.0 v base current, i b (each channel) .................................................... 5 ma esd classification (mil-std-883, method 3015) 4n55, 4n55/883b, hcpl-257k, hcpl-5500/01/0k, and hcpl-6530/31/3k ............................................................... ( d ), class 1 hcpl-5530/31/3k, hcpl-6550/51/5k ............................ (dot), class 3 recommended operating conditions parameter symbol min. max. units input current, low level i fl 250 m a input current, high level i fh 12 20 ma supply voltage, output v cc 218v
7 electrical characteristics (t a = -55 c to +125 c, unless otherwise specified) group a [12] parameter symbol test conditions sub-groups min. typ.** max. units fig. note current transfer ctr* v o = 0.4 v, i f = 16 ma, 1, 2, 3 9 20 % 2, 3 1, 2, ration v cc = 4.5 v 10 logic high out- i oh i f = 0, 1, 2, 3 5 100 m a41 put current i f (other channels) = 20 ma, v o = v cc = 18 v output leakage i oleak *i f = 250 m a, 1, 2, 3 30 250 m a41 current i f (other channels) = 20 ma, v o = v cc = 18 v input-output i i-o *v i-o = 1500 vdc, 1 1.0 m a 3, 9 insulation leak- rh = 45% age current t a = 25 c, t = 5 s input forward v f *i f = 20 ma 1, 2, 3 1.55 1.8 v 1 1, 14 1.9 1, 13 reverse break- bv r *i r = 10 m a 1, 2, 3 5 v 1, 14 3 1, 13 logic single i cch *v cc = 18 v, i f = 0 ma 1, 2, 3 0.1 10 m a1 high channel dual v cc = 18 v, i f = 0 ma 0.2 20 1, 4 channel (all channels) quad v cc = 18 v, i f = 0 ma 0.4 40 1 channel (all channels) logic single i ccl *v cc = 18 v, i f = 20 ma 1, 2, 3 35 200 m a51 low channel dual v cc = 18 v, 70 400 1, 4 channel i f1 = i f2 = 20 ma quad v cc = 18 v, i f1 = i f2 = 140 800 1 channel i f3 = i f4 = 20 ma propagation t plh *r l = 8.2 k w , 9, 10, 11 1.0 6.0 m s 6, 9 1, 6 delay time to c l = 50 pf, logic high i f = 16 ma, at output v cc = 5 v propagation t phl * 0.4 2.0 delay time to logic low at output *for jedec registered parts. **all typical values are at v cc = 5 v, t a = 25 c. limits supply current supply current down voltage voltage
8 typical characteristics, t a = 25 c, v cc = 5 v parameter symbol typ. units test conditions fig. note input capacitance c in 60 pf v f = 0 v, f = 1 mhz 1 input diode temperature d v f -1.5 mv/ ci f = 20 ma 1 d t a resistance (input-output) r i-o 10 12 w v i-o 500 v 3 capacitance (input-output) c i-o 1.0 pf f = 1 mhz 1, 11 transistor dc current gain h fe 250 - v o = 5 v, i o = 3 ma 1 small signal current d i o 21 % v cc = 5 v, v o = 2 v 7 1 d i f common mode transient |cm h | 1000 v/ m si f = 0 ma, r l = 8.2 k w , 10 1, 7 immunity at logic high v o (min) = 2.0 v level output v cm = 10 v p-p common mode transient |cm l | -1000 v/ m si f = 16 ma, r l = 8.2 k w , 10 1, 7 immunity at logic low v o (max) = 0.8 v level output v cm = 10 v p-p bandwidth bw 9 mhz 8 8 multi-channel product only input-input insulation i i-i 1 pa relative humidity = 45% 5, 9 leakage current v i-i = 500 v, t = 5 s resistance (input-input) r i-i 10 12 w v i-i = 500 v 5 capacitance (input-input) c i-i 0.8 pf f = 1 mhz 5 notes: 1. each channel of a multi-channel device. 2. current transfer ratio is defined as the ratio of output collector current, i o , to the forward led input current, i f , times 100%. ctr is known to degrade slightly over the units lifetime as a function of input current, temperature, signal duty cycle, and system on time. refer to application note 1002 for more detail. ln short, it is recommended that designers allow at least 20-25% guardband for ctr degradation. 3. all devices are considered two-terminal devices; measured between all input leads or terminals shorted together and all output leads or terminals shorted together. 4. the 4n55, 4n55/883b, hcpl-257k, hcpl-6530, hcpl-6531, and hcpl-653k dual channel parts function as two independent single channel units. use the single channel parameter limits. i f = 0 ma for channel under test and i f = 20 ma for other channels. 5. measured between adjacent input pairs shorted together for each multichannel device. 6. t phl propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.5 v point on the leading edge of the output pulse. the t plh propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.5 v point on the trailing edge of the output pulse. 7. cm l is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic low state (v o < 0.8 v). cm h is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic high state (v o > 2.0 v). 8. bandwidth is the frequency at which the ac output voltage is 3 db below the low frequency asymptote. for the hcpl-5530 the typical bandwidth is 2 mhz. 9. this is a momentary withstand test, not an operating condition. 10. higher ctr minimums are available to support special applications. 11. measured between each input pair shorted together and all output connections for that channel shorted together. 12. standard parts receive 100% testing at 25 c (subgroups 1 and 9). smd and 883b parts receive 100% testing at 25, 125, and -55 c (subgroups 1 and 9, 2 and 10, 3 and 11, respectively). 13. not required for 4n55, 4n55/883b, hcpl-257k, 5962-8767901, and 5962-8767905 types. 14. required for 4n55, 4n55/883b, hcpl-257k, 5962-8767901, and 5962-8767905 types only. coefficient transfer ratio
9 figure 1. input diode forward current vs. forward voltage. figure 4. logic high output current vs. temperature. figure 2. dc and pulsed transfer characteristic. figure 3. normalized current transfer ratio vs. input diode forward current. figure 7. normalized small signal current transfer ratio vs. quiescent input current. figure 5. logic low supply current vs. input diode forward current. figure 6. propagation delay vs. temperature. i oh ?logic high output current ?? -60 140 100 0.001 t a ?temperature ?? -40 20 40 60 10 1 0.1 120 0.01 -20 80 0 100 i f = 250 ?, i f (other channels) = 20 ma i f = 0 ?, i f (other channels) = 20 ma i f = i f (other channels) = 0 ma v cc = v o = 18 v
10 gnd v cc +12 v v o (1 m w , 12 pf test input) d.u.t. r f v in 9.1 k w single channel testing, independent v cc devices 1 k w 2.1 k w +12 v q 1 47 ? 0.01 ? q 3 q 2 0.01 ? 1.2 k w 15 k w 470 w 100 w v b v o 51 w 22 w 100 w 0.1 ? 0.1 ? trim for unity gain q 1 , q 2 , q 3 : 2n3904 typical linearity = +3 % at v in = 1 v p-p typical snr = 50 db typical r f = 375 w typical v o dc = 3.8 v typical i f = 9 ma 1n4150 figure 9. switching test circuit.* *jedec registered data. gnd v cc i f +5 v v o d.u.t. 100 w i f monitor pulse gen. z o = 50 w t r = 5 ns c l * = 50 pf 10 % duty cycle 1/f < 100 ? r l notes: * c l includes probe and stray wiring capacitance. base lead not connected. single channel or common v cc devices gnd v cc +15 v v o d.u.t. 100 w ac input 100 w common v cc devices 560 w 20 k w +5 v set i f 2n3053 1.6 vdc 0.25 v p-p ac 0.1 ? normalized response ?db 0.1 100 +15 -20 f ?frequency ?mhz +10 +5 -5 -15 1.0 10 -10 0 t a = 25 ? independent v cc devices common v cc devices figure 8. frequency response.
11 figure 12. operating circuit for burn-in and steady state life tests. all channels tested simultaneously. gnd v cc v o d.u.t.* note: base lead not connected. t a = +125 ? v oc nominal conditions per channel: i f = 20 ma v cc v in + (each output) (each input) i o = 4 ma i cc = 30 ? 0.1 ? gnd v cc d.u.t. r l 220 w 5 v v cc logic gate 0.01 ? each channel ttl logic family lsttl cmos device no. 54ls14 cd40106bm v cc 5 v 5 v 15 v r l 5% tolerance 18 k w * 8.2 k w 22 k w *the equivalent output load resistance is affected by the lsttl input current and is approximately 8.2 k w . this is a worst case design which takes into account 25% degradation of ctr. see app. note 1002 to assess actual degradation and lifetime. v ff gnd v cc i f v cm r l +5 v v o + pulse gen. note: base lead not connected. a b d.u.t. r m single channel or common v cc devices figure 10. test circuit for transient immunity and typical waveforms. figure 11. recommended logic interface.
figure 13. isolation amplifier application circuit. v out i f 3 r 1 2 3 4 8 7 6 5 1 i f 2 v in u 1 2 u 3 -15 v + + i c 2 -15 v i cc 6 ma i c 1 = k 1 i f 1 i n 1 i c 2 = k 2 i f 2 i n 2 hcpl-5530 2 u 4 + 2 5 k w gain adjust r 4 1 k w 5 r 5 k w offset adjust i c 1 220 w r 2 2.7 k w r 1 2.7 k w + u 2 + u 1 , u 2 , u 3 , u 4 , lm307 50 k w f 1 f 2 description the schematic uses a dual- channel, high-speed optocoupler (hcpl-5530) to function as a servo type dc isolation amplifier. this circuit operates on the principle that two optocouplers will track each other if their gain changes by the same amount over a specific operating region. performance of circuit ? 1% linearity for 10 v peak-to- peak dynamic range ? gain drift: -0.03%/ c ? offset drift: 1 mv/ c ? 25 khz bandwidth (limited by op-amps u1, u2) mil-prf-38534 class h, class k, and dscc smd test program agilents hi-rel optocouplers are in compliance with mil-prf- 38534 classes h and k. class h and class k devices are also in compliance with dscc drawings 5962-87679, and 5962-90854. testing consists of 100% screen- ing and quality conformance inspection to mil-prf-38534. www.semiconductor.agilent.com data subject to change. copyright ? 2000 agilent technologies obsoletes 5966-4874e 5968-9409e (4/00)


▲Up To Search▲   

 
Price & Availability of 4N55883B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X