Part Number Hot Search : 
74F299SC C10100 DL4752A TDA4851 120FC S1300 2460LW 73120
Product Description
Full Text Search
 

To Download 2SC3902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3902 d escription with to-126 package complement to type 2sa1507 large current capacity high breakdown voltage applications color tv audio output ,converters, inverters pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 180 v v ceo collector-emitter voltage open base 160 v v ebo emitter-base voltage open collector 6 v i c collector current 1.5 a i cm collector current-peak 2.5 a t a =25 1.5 p d total power dissipation t c =25 10 w t j junction temperature 150  t stg storage temperature -55+150 
savantic semiconductor product specification 2 silicon npn power transistors 2SC3902 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =1ma ;r be = ; 160 v v (br)cbo collector-base breakdown voltage i c =10a ;i e =0 180 v v (br)ebo emitter-base breakdown voltage i e =10a;i c =0 6 v v cesat collector-emitter saturation voltage i c =500ma; i b =50ma 0.45 v v besat base-emitter saturation voltage i c =500ma; i b =50ma 1.2 v i cbo collector cut-off current v cb =120v; i e =0 0.1 a i ebo emitter cut-off current v eb =4v; i c =0 0.1 a h fe-1 dc current gain i c =100ma ; v ce =5v 100 400 h fe-2 dc current gain i c =10ma ; v ce =5v 90 c ob output capacitance i e =0 ; v cb =10v f=1mhz 14 pf f t transition frequency i c =50ma ; v ce =10v 120 mhz switching times t on turn-on time 0.04 s t s storage time 1.2 s t f fall time i c =0.7a; i b1 =-i b2 =0.07a v cc =100v ,r l =14.3 c 0.08 s  h fe-1 classifications r s t 100-200 140-280 200-400
savantic semiconductor product specification 3 silicon npn power transistors 2SC3902 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC3902


▲Up To Search▲   

 
Price & Availability of 2SC3902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X