Part Number Hot Search : 
F11N60 2SB12 HMC442 TLP4227 2918B 00950 TC5082P 9VF040
Product Description
Full Text Search
 

To Download 2SC2655 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC2655 2a , 50v npn plastic encapsulated transistor elektronische bauelemente 28-mar-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low saturation voltage v ce(sat) =0.5v(max)(i c =1a) ? high speed switching time t stg =1 s(typ.) ? complementary to 2sa1020 classification of h fe (1) product-rank 2SC2655-o 2SC2655-y range 70-140 120-240 absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 50 v collector to emitter voltage v ceo 50 v emitter to base voltage v ebo 5 v collector current - continuous i c 2 a collector power dissipation p c 0.9 w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 50 - - v i c =100 a, i e =0 collector to emitter breakdown voltage v (br)ceo 50 - - v i c =10ma, i b =0 emitter to base br eakdown voltage v (br)ebo 5 - - v i e =100 a, i c =0 collector cut-off current i cbo - - 1 a v cb =50v, i e =0 emitter cut-off current i ebo - - 1 a v eb =5v, i c =0 dc current gain h fe (1) 70 - 240 v ce =2v, i c =0.5a h fe (2) 40 - - v ce =2v, i c =1.5a collector to emitter saturation voltage v ce(sat) - - 0.5 v i c =1a, i b =0.05a base to emitter sa turation voltage v be(sat) - - 1.2 v i c =1a, i b =0.05a transition frequency f t - 100 - mhz v ce =2v, i c =0.5a collector output capacitance c ob - 30 - pf v cb =10v, i e =0, f=1mhz switch time turn-on time t on - 0.15 - s v cc =30v i b1 = -i b2 =0.05a i c =1a storage time t s - 2 - fall time t f - 0.15 - to-92mod ? emitte r ? collector ? base ref. millimete r ref. millimete r min. max. min. max. a 5.50 6.50 h 1.70 2.05 b 8.00 9.00 j 2.70 3.20 c 12.70 14.50 k 0.85 1.15 d 4.50 5.30 l 1.60 ma x e 0.35 0.65 m 0.00 0.40 f 0.30 0.51 n 4.00 min g 1.50 typ. a c e k f d b g h j l m n
2SC2655 2a , 50v npn plastic encapsulated transistor elektronische bauelemente 28-mar-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
2SC2655 2a , 50v npn plastic encapsulated transistor elektronische bauelemente 28-mar-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SC2655

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X