Part Number Hot Search : 
7716A UZ27B CD407 IN7100 S2A04R KM684002 74ALVC 250BZI
Product Description
Full Text Search
 

To Download 2SB546 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SB546 description ? ? with to-220c package ? complement to type 2sd401 ?collector current i c =-2a ? collector-base voltage v cbo =-200v applications ? for use in general purpose power amplifier,vertical output application pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -200 v v ceo collector-emitter voltage open base -150 v v ebo emitter-base voltage open collector -5 v i c collector current -2 a p c collector power dissipation t c =25 ?? 25 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SB546 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma; i b =0 -150 v v (br)cbo collector-base breakdown voltage i c =-0.5ma; i e =0 -200 v v (br)ebo emitter-base breakdown votage i e =-0.5ma; i b =0 -5 v v cesat collector-emitter saturation voltage i c =-500m a;i b =-50m a -1.0 v i cbo collector cut-off current v cb =-150v; i e =0 -50 | a i ebo emitter cut-off current v eb =-5v; i c =0 -50 | a h fe dc current gain i c =-0.4a ; v ce =-10v 40 240 f t transition frequency i c =-0.4a ; v ce =-10v 5 mhz ? h fe classifications r o y 40-80 70-140 120-240
inchange semiconductor product specification 3 silicon pnp power transistors 2SB546 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10 mm)
inchange semiconductor product specification 4 silicon pnp power transistors 2SB546


▲Up To Search▲   

 
Price & Availability of 2SB546

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X