Part Number Hot Search : 
SF1105 LZ801 71973 MAX15022 MC1404P5 ER102 S3540PF 11401
Product Description
Full Text Search
 

To Download TCTOAL1A685M8R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.06 - rev.d dimensions anode mark (unit : mm) l h s w 2 w 1 3.2 0.2 + ? 1.6 0.2 + ? 1.2 0.2 + ? 1.1 0.1 + ? 0.8 0.2 + ? al case l w 1 h w 2 ss conductive polymer chip tantalum capacitors ( bottom surface electrode type ) tcto series al case ? features (al) ? dimensions (unit : mm) 1) conductive polymer used for the cathode material. 2) ultra low esr 3) small package, but big capacitance 4) screening by thermal shock ? part no. explanation rated voltage capacitance tolerance nominal capacitance in pf in 3 digits: 2 significant figures followed by the figure representing the number of 0's. 8 : tape width r : positive electrode on the side opposite to sprocket hole 6 1 1 series name tcto 2 case style 3 4 nominal capacitance 5 taping 20% m : + ? 4 code 6.3 0j 10 1a rated voltage ( v) 0g 2.5 0e al m 0 j 8 r t o 4 7 6 c t a l 2 3 6 4 1 5 ? this specification has possibility of charge, due to underdevelopment product. please ask for latest specification to our sales.
2/5 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.06 - rev.d data sheet tcto series al case ? rated table rated voltage (v) remark) case size codes (al) in the above show products line-up. ( f) 4 0g 2.5 0e 22 (226) 33 (336) 47 (476) 68 (686) 100 (107) 150 (157) 6.3 0j 10 1a al al al al al 220 (227) al al ? al ? ? under development ? marking the indications listed below should be given on the surface of a capacitor. (1) polarity : the polarity should be shown by bar. (on the anode side) (2) rated dc voltage : due to the small size of al case, a voltage code is used as shown below. (3) visual typical example (1) voltage code (2) capacitance code voltage code rated dc voltage (v) capacitance code nominal capacitance ( f) [al case] note 1) note 2) voltage code and capacitance code are variable with parts number manufacture code ? (1) j ? (2) s g j a 4 e 2.5 6.3 10 j s j s n33 s47 w 68 100 a 150 e j22 s 4.7 w 6.8 a 10 15 e n 3.3 j 2.2 e 1.5 a 1.0
3/5 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.06 - rev.d data sheet tcto series al case ? characteristics item performance test conditions (based on jis c 5101 ? 1 and jis c 5101 ? 3 ) operating temperature ? 55 c to + 105 c maximum operating temperature with no voltage derating + 85 c rated voltage (vdc) 10 6.3 4 category voltage (vdc) 8 5 3.2 surge voltage (vdc) 13 8 5 2.5 2 3.2 dc leakage current shall be satisfied the voltage on " standard list " capacitance tolerance measuring frequency : 100 10khz measuring voltage : 0.5vrms or less measuring circuit : dc equivalent series circuit tangent of loss angle (df, tan ) esr resistance to soldering heat temperature cycle moisture resistance there should be no significant abnormality. the indications should be clear. appearance c / c df (tan ) l.c. shall be satisfied the voltage on " standard list " measuring frequency : 120 12hz measuring voltage : 0.5vrms + 1.5 to 2v.dc measuring circuit : dc equivalent series circuit shall be satisfied the voltage on " standard list " at 85 c at 105 c at 85 c voltage : rated voltage for 5min shall be satisfied allowance range. 20% measuring frequency : 120 12hz measuring voltage : 0.5vrms + 1.5 to 2v.dc measuring circuit : dc equivalent series circuit less than 300% of initial limit less than 300% of initial limit voltage reduction when temperature exceeds + 85 c as per 4.9 jis c 5101-1 as per 4.5.1 jis c 5101-3 as per 4.7 jis c 5101-1 as per 4.5.2 jis c 5101-3 as per 4.8 jis c 5101-1 as per 4.5.3 jis c 5101-3 as per 4.10 jis c 5101-1 as per 4.5.4 jis c 5101-3 as per 4.14 jis c 5101-1 as per 4.6 jis c 5101-3 dip in the solder bath solder temp : 240 5 c duration : 10 0.5s repetition : 1 after the specimens, leave it at room temperature for over 24h and then measure the sample. as per 4.16 jis c 5101-1 as per 4.10 jis c 5101-3 as per 4.22 jis c 5101-1 as per 4.12 jis c 5101-3 there should be no significant abnormality. the indications should be clear. appearance c / c df (tan ) l.c. less than 300% of initial limit after leaving the sample under such atmospheric condition that the temperature and humidity are 40 2 c and 90 to 95% rh, respectiveiy, for 500 12h leave it at room temperature for 24h and then measure the sample. within + 30/ ? 20% of initial value within 20% of initial value within 20% of initial value less than 300% of initial limit there should be no significant abnormality. the indications should be clear. appearance c / c df (tan ) l.c. less than 1000% of initial limit repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. less than 300% of initial limit temp. time 1 2 3 4 room temp. room temp. 3min. or less 3min. or less 30 3min. 30 3min. ? 55 3 c 105 2 c
4/5 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.06 - rev.d data sheet tcto series al case item performance test conditions (based on jis c 5101 ? 1 and jis c 5101 ? 3 ) temperature stability surge voltage shall be satisfied the voltage on " standard list " as per 4.29 jis c 5101-1 as per 4.13 jis c 5101-3 as per 4.23 jis c 5101-1 as per 4.15 jis c 5101-3 as per 4.35 jis c 5101-1 as per 4.9 jis c 5101-3 temp. appearance there should be no significant abnormality. temp. ? 55 c + 105 c df (tan ) l.c. l.c. less than 1.0cv shall be satisfied the voltage on " standard list " df (tan ) c / c within 0/ ? 20% of initial value c / c within + 50/0% of initial value ? loading at high temperature c / c df (tan ) l.c. l.c. less than 200% of initial value less than 200% of initial limit after applying the rated voltage for 1000 + 36/0 h without discontinuation via the serial resistance of 3 or less at a temperature of 85 2 c , leave the sample at room temperature / humidity for 24h and measure the value. as per 4.26jis c 5101-1 as per 4.14jis c 5101-3 apply the specified surge voltage every 5 0.5 min. for 30 5 s. each time in the atmospheric condition of 85 2 c . repeat this procedure 1,000 times. after the specimens, leave it at room temperature for over 24h and then measure the sample. df (tan ) less than 300% of initial limit less than 400% of initial limit c / c within 20% of initial value there should be no significant abnormality. appearance there should be no significant abnormality. appearance terminal strength the measured value should be stable. a force is applied to the terminal until it bends to 1mm and by a prescribed tool maintain the condition for 5s. (see the figure below) capacitance 1 f (apply force) (unit : mm) 20 50 r230 45 45 thickness=1.6mm within 20% of initial value adhesiveness dimensions the terminal should not come off. as per 4.34 jis c 5101-1 as per 4.8 jis c 5101-3 apply force of 5n in the two directions shown in the figure below for 10 1s after mounting the terminal on a circuit board. apply force a circuit board product ja refer to "external dimensions" measure using a caliper of jis b 7507 class 2 or higher grade. resistance to solvents the indication should be clear as per 4.32 jis c 5101-1 as per 4.18 jis c 5101-3 dip in the isopropyl alcohol for 30 5s, at room temperature. solderability 3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder. as per 4.15.2 jis c 5101-1 as per 4.7 jis c 5101-3 dip speed=25 2.5mm / s pre-treatment (accelerated aging): leave the sample on the boiling distilled water for 1 h. solder temp. : 245 5 c duration : 3 0.5s solder : m705 flux : rosin 25% ipa 75% capacitance vibration appearance measure value should not fluctuate during the measurement. there should be no significant abnormality. as per 4.17 jis c 5101-1 frequency : 10 to 55 to 10hz/min. amplitude : 1.5mm time : 2h each in x and y directions mounting : the terminal is soldered on a print circuit board.
5/5 www.rohm.com c 2011 rohm co., ltd. all rights reserved. 2011.06 - rev.d data sheet tcto series al case =tolerance(m : 20%) =under development part no. rated voltage 85 c (v) category voltage 105 c (v) surge voltage 85 c (v) cap. 120hz ( f) tolerance (%) leakage current 25 c 1wv.5min ( a) df 120hz (%) esr 100khz ? ? 55 c 105 c 25 c 85 c (m ) 4 40.0 27.2 tcto al 0g 686 tcto al 0g 107 68 100 3.2 5 4 3.2 5 10 10 15 10 10 15 200 200 20 33.0 tcto al 1a 336 33 10 8 13 10 10 15 200 20 2.5 25.0 tcto al 0e 107 100 2 3.2 10 10 15 200 20 22.0 tcto al 1a 226 22 10813 6 6 9 200 20 20 ? ? 29.7 tcto al 0j 476 47 6.3 5 8 10 10 15 200 20 42.9 tcto al 0j 686 68 6.3 5 8 10 10 15 200 20 2.5 37.5 tcto al 0e 157 150 2 3.2 10 10 15 200 20 taping [al case] case code feeding direction positiv electrode(+) chip al 2.0 0.05 4.0 0.1 4.0 0.1 8.0 0.2 3.5 0.05 1.75 0.1 1.5 + 0.1 ? 0 b 0.1 a 0.1 t 1 0.05 t 2 0.1 1.9 3.5 0.25 1.3 a b t 1 t 2 3,000pcs case code packaging taping al case packaging style plastic taping 180mm reel symbol r basic ordering unit s reel [al case] 13 0.2 60 + 1 0 0 ? 1.5 180 9.0 11.4 1.0 label sticking position eiaj et ? 7200a pull direction + ? + 1.0 0 + ?
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of TCTOAL1A685M8R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X