Part Number Hot Search : 
P1S21 ST202BD PN2906 MJ11016G CEIDL369 74AUP3G 33287 MDAG04
Product Description
Full Text Search
 

To Download SFM11PL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfm11 pl thru sfm18 pl 1 amp super fast recovery silicon rectifier 50 to 600 volts features x for surface mount applications x low power loss, high efficiency x high temp soldering: 260 q c for 10 seconds at terminals x operating temperature: -50 q c to +150 q c x storage temperature: -50 q c to +150 q c x maximum thermal resistance; 75 q c/w junction to ambient. mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sfm11 pl s1 50v 35v 50v sfm12 pl s2 100v 70v 100v sfm13 pl s3 150v 105v 150v sfm14 pl s4 200v 140v 200v sfm15 pl s5 300v 210v 300v sfm16 pl s6 400v 2 80 v 400v sfm17 pl s7 500v 350v 500v sfm18 pl s8 600v 420v 600v electrical characteristics @ 25 q c unless otherwise specified average forward current i f(av) 1.0a t a = 50 q c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage sfm11 pl -14 pl sfm15 pl -16 pl sfm17 pl -18 pl v f .95v 1.25v 1.70v i fm = 1.0a; t a = 25 q c maximum dc reverse current at rated dc blocking voltage i r 5 p a 100 p a ta = 25 q c ta = 100 q c maximum reverse recovery time t rr 35ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 10pf measured at 1.0mhz, v r =4.0v  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components revision: a 2011/01/01 www. mccsemi .com 1 of 3 sod-123fl 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d .037 .053 0.95 1.35 e .020 .039 0.50 1.00 g .010 ----- 0.25 ----- h ----- .008 ---- .20 a b e c d h g x welding iron temp:350 o c for 3s max. maximum ratings x lead free finish/rohs compliant (note1)("p"suffix designates compliant. see ordering information) x storage condition: less than 30 o c,rh<70% note: 1. high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
.4 .6 .8 1.0 1.2 1.4 .001 .01 .1 1.0 10 rating and characteristic curves fig.1-typical forward characteristics fig.5-typical junction capacitance instantaneous forward current,(a) forward voltage,(v) (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non- inductive notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive tj=25 c fig.2-typical forward current average forward current,(a) 0.2 0.4 0.6 0.8 1.0 1.2 single phase half wave 60hz resistive or inductive load derating curve ambient temperature ( c) 1.6 1.8 sfm15~sfm16 sf m11~sfm14 reverse voltage,(v) junction capacitance,(pf) 70 60 50 40 30 20 10 0 .01 .05 .1 .5 1 5 10 50 100 0 25 50 75 100 125 150 175 0 fig.4-maximum non-repetitive forward surge current 6 0 12 18 24 30 number of cycles at 60hz 110 5 50 100 tj=25 c 8.3ms single half sine wave jedec method peak forward surge current,(a) sfm17 ~sfm18 revision: a 2011/01/01 . mccsemi .com 2 of 3 micro commercial components mcc tm sfm11 pl thru sfm18pl
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 2 . 5 k p c s / r e e l ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SFM11PL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X