Part Number Hot Search : 
MBT2222A 30NM60ND 1N5264B 54HC3 CH8398A RBU403M GS101 24WC1
Product Description
Full Text Search
 

To Download RSF010P05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive pch mosfet RSF010P05 ? structure ? dimensions (unit : mm) silicon p-channel mosfet ? features 1) low on-resistance. 2) small high power package. 3) low voltage drive.(4v) ? application switching ? packaging specifications ? inner circuit package taping code tl basic ordering unit (pieces) 3000 RSF010P05 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss ? 45 v gate-source voltage v gss ? 20 v continuous i d ? 1a pulsed i dp ? 4a continuous i s ? 0.6 a pulsed i sp ? 4a power dissipation p d 0.8 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. ? thermal resistance symbol limits unit channel to ambient rth (ch-a) 156 ? c / w *mounted on a ceramic board. parameter type source current (body diode) drain current parameter * *2 *1 *1 *2 *1 abbreviated symbol : su (1) gate (2) source (3) drain ?1 esd protection diode ?2 body diode tumt3 0.2max. ?2 ?1 (3) (1) (2) 1/6 2011.03 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RSF010P05 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss ? 45 - - v i d = ? 1ma, v gs =0v zero gate voltage drain current i dss -- ? 1 ? av ds = ? 45v, v gs =0v gate threshold voltage v gs (th) ? 1.0 - ? 2.5 v v ds = ? 10v, i d = ? 1ma - 330 460 i d = ? 1a, v gs = ? 10v - 450 630 i d = ? 0.5a, v gs = ? 4.5v - 490 690 i d = ? 0.5a, v gs = ? 4v forward transfer admittance l y fs l1 - - si d = ? 1a, v ds = ? 10v input capacitance c iss - 160 - pf v ds = ? 10v output capacitance c oss - 40 - pf v gs =0v reverse transfer capacitance c rss - 17 - pf f=1mhz turn-on delay time t d(on) -6-nsi d = ? 0.5a, v dd ? 25v rise time t r -4-nsv gs = ? 10v turn-off delay time t d(off) - 18 - ns r l =50 ? fall time t f -6-nsr g =10 ? total gate charge q g - 2.3 - nc i d = ? 1a gate-source charge q gs - 0.9 - nc v dd ? 25v gate-drain charge q gd - 0.6 - nc v gs = ? 5v *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd -- ? 1.2 v i s = ? 1a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * ******** * * * 2/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF010P05 ? electrical characteristic curves (ta=25 ? c) 0 0.2 0.4 0.6 0.8 1 0 0.2 0.4 0.6 0.8 1 drain current : - i d [a] drain - source voltage : - v ds [v] fig.1 typical output characteristics ( ) v gs = - 2.5v v gs = - 10.0v v gs = - 4.0v v gs = - 4.5v v gs = - 2.8v v gs = - 3.0v t a =25 c pulsed 0 0.2 0.4 0.6 0.8 1 0 2 4 6 8 10 drain current : - i d [a] drain - source voltage : - v ds [v] fig.2 typical output characteristics ( ) v gs = - 2.5v v gs = - 10.0v v gs = - 4.0v v gs = - 4.5v v gs = - 2.8v v gs = - 3.0v t a =25 c pulsed 10 100 1000 10000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : - i d [a] fig.3 static drain - source on - state resistance vs. drain current v gs = - 4.0v v gs = - 4.5v v gs = - 10v t a =25 c pulsed 10 100 1000 10000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : - i d [a] fig.4 static drain - source on - state resistance vs. drain current v gs = - 10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 10 100 1000 10000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : - i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs = - 4.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 10 100 1000 10000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : - i d [a] fig.6 static drain - source on - state resistance vs. drain current v gs = - 4v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 3/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF010P05 0.01 0.1 1 10 0.001 0.01 0.1 1 10 forward transfer admittance y fs [s] drain current : - i d [a] fig.7 forward transfer admittance vs. drain current v ds = - 10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.001 0.01 0.1 1 10 1.0 1.5 2.0 2.5 3.0 3.5 4.0 drain currnt : - i d [a] gate - source voltage : - v gs [v] fig.8 typical transfer characteristics v ds = - 10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.01 0.1 1 10 0.0 0.5 1.0 1.5 2.0 source current : - is [a] source - drain voltage : - v sd [v] fig.9 source current vs. source - drain voltage v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0 500 1000 1500 0 2 4 6 8 10 static drain - source on - state resistance r ds(on) [m ] gate - source voltage : - v gs [v] fig.10 static drain - source on - state resistance vs. gate - source voltage i d = - 1.0a i d = - 0.5a t a =25 c pulsed 1 10 100 1000 0.01 0.1 1 10 switching time : t [ns] drain current : - i d [a] fig.11 switching characteristics t d(on) t r t d(off) t f v dd P - 25v v gs = - 10v r g =10 t a =25 c pulsed 0 2 4 6 8 10 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 gate - source voltage : - v gs [v] total gate charge : q g [nc] fig.12 dynamic input characteristics t a =25 c v dd = - 25v i d = - 1.0a pulsed 4/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF010P05 1 10 100 1000 0.01 0.1 1 10 100 capacitance : c [pf] drain - source voltage : - v ds [v] fig.13 typical capacitance vs. drain - source voltage t a =25 c f=1mhz v gs =0v c iss c oss c rss 0.01 0.1 1 10 0.1 1 10 100 drain current : - i d [ a ] drain - source voltage : - v ds [ v ] fig.14 maximum safe operating area t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) operation in this area is limited by r ds(on) (v gs = - 10v) p w = 100 s p w = 1ms p w = 10ms dc operation 0.0001 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.15 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =156 c /w rth (ch - a) (t)=r(t) rth (ch - a) 5/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF010P05 ? measurement circuits v gs r g v ds d.u.t. i d r l v dd 90% 90% 90% 10% 10% 10% 50% 50% pulse width v gs v ds t on t off t r t d(on) t f t d(off) v g v gs charge q g q gs q gd v gs i g(const.) v d s d.u.t. i d r l v dd fig.1-1 switching time measurement circuit fig.1-2 switching waveforms fig.2-1 gate charge measurement circuit fig.2-2 gate charge waveform 6/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RSF010P05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X