Part Number Hot Search : 
A3010Q ADC0809 ADC0809 4H56043 L161B DCXL20GN SR05S7V2 BY9304
Product Description
Full Text Search
 

To Download R1EX24008ASAS0I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  R1EX24008ASAS0I r1ex24008atas0i two-wire serial interface 8k eeprom (1024-word 8-bit) rej03c0364-0001 preliminary rev.0.01 dec. 28, 2007 description r1ex24xxx series are two-wire serial interface eep rom (electrically erasable and programmable rom). they realize high speed, low power consumption and a high level of reliability by employing advanced mnos memory technology and cmos process and low voltage circuitry technology. they also have a 16-byte page programming function to make their write operation faster. features ? single supply: 1.8 v to 5.5 v ? two-wire serial interface (i 2 c serial bus) ? clock frequency: 400 khz ? power dissipation: ? standby: 2 a (max) ? active (read): 1 ma (max) ? active (write): 3.0 ma (max) ? automatic page write: 16-byte/page ? write cycle time: 5 ms ? endurance: 10 6 cycles ? data retention: 10 years preliminary: the specifications of this device are subject to change without notice. please contact your nearest renesas technology?s sales dept. regarding specifications. rej03c0364-0001 rev.0.01 dec. 28, 2007 page 1 of 22
r1ex24008axxs0i ? small size packages: sop-8pin, tssop-8pin ? shipping tape and reel ? tssop 8-pin: 3,000 ic/reel ? sop 8-pin: 2,500 ic/reel ? temperature range: ? 40 to +85 c ? lead free products. ordering information type no. internal organization operating voltage frequency package R1EX24008ASAS0I 8k bit (1024 8-bit) 1.8 v to 5.5 v 400 khz 150 mil 8-pin plastic sop prsp0008df-b (fp-8dbv) lead free r1ex24008atas0i 8k bit (1024 8-bit) 1.8 v to 5.5 v 400 khz 8-pin plastic tssop ptsp0008jc-b (ttp-8dav) lead free pin arrangement /8-pin tssop 1 2 3 4 8 7 6 5 a0 a1 a2 v ss v cc wp scl sda (top view) 8-pin sop rej03c0364-0001 rev.0.01 dec. 28, 2007 page 2 of 22
r1ex24008axxs0i pin description pin name function a0 to a2 device address scl serial clock input sda serial data input/output wp write protect v cc power supply v ss ground nc no connection control logic high voltage generator address generator x decoder y decoder memory array y-select & sense amp. serial-parallel converter v cc v ss wp a0, a1, a2 scl sda block diagram absolute maximum ratings parameter symbol value unit supply voltage relative to v ss v cc ? 0.6 to +7.0 v input voltage relative to v ss vin ? 0.5 * 2 to +7.0 * 3 v operating temperature range * 1 topr ? 40 to +85 c storage temperature range tstg ? 55 to +125 c notes: 1. including electrical characteristics and data retention. 2. vin (min): ? 3.0 v for pulse width 50 ns. 3. should not exceed v cc + 1.0 v. rej03c0364-0001 rev.0.01 dec. 28, 2007 page 3 of 22
r1ex24008axxs0i dc operating conditions parameter symbol min typ max unit supply voltage v cc 1.8 ? 5.5 v v ss 0 0 0 v input high voltage v ih v cc 0.7 ? v cc + 0.5 v input low voltage v il ? 0.3 * 1 ? v cc 0.3 v operating tem perature topr ? 40 ? +85 c notes: 1. v il (min): ? 1.0 v for pulse width 50 ns. dc characteristics (ta = ? 40 to +85 c, v cc = 1.8 v to 5.5 v) parameter symbol min typ max unit test conditions input leakage current i li ? ? 2.0 a v cc = 5.5 v, vin = 0 to 5.5 v output leakage current i lo ? ? 2.0 a v cc = 5.5 v, vout = 0 to 5.5 v standby v cc current i sb ? 1.0 2.0 a vin = v ss or v cc read v cc current i cc1 ? ? 1.0 ma v cc = 5.5 v, read at 400 khz write v cc current i cc2 ? ? 3.0 ma v cc = 5.5 v, write at 400 khz output low voltage v ol2 ? ? 0.4 v v cc = 2.7 to 5.5 v, i ol = 3.0 ma v ol1 ? ? 0.2 v v cc = 1.8 to 2.7 v, i ol = 1.5 ma capacitance (ta = +25 c, f = 1 mhz) parameter symbol min typ max unit test conditions input capacitance (a0 to a2, scl, wp) cin * 1 ? ? 6.0 pf vin = 0 v output capacitance (sda) c i/o * 1 ? ? 6.0 pf vout = 0 v note: 1. this parameter is sampled and not 100 % tested. rej03c0364-0001 rev.0.01 dec. 28, 2007 page 4 of 22
r1ex24008axxs0i ac characteristics (ta = ? 40 to +85 c, v cc = 1.8 to 5.5 v) test conditions ? input pules levels: ? v il = 0.2 v cc ? v ih = 0.8 v cc ? input rise and fall time: 20 ns ? input and output timing reference levels: 0.5 v cc ? output load: ttl gate + 100 pf parameter symbol min typ max unit notes clock frequency f scl ? ? 400 khz clock pulse width low t low 1200 ? ? ns clock pulse width high t high 600 ? ? ns noise suppression time t i ? ? 50 ns 1 access time t aa 100 ? 900 ns bus free time for next mode t buf 1200 ? ? ns start hold time t hd.sta 600 ? ? ns start setup time t su.sta 600 ? ? ns data in hold time t hd.dat 0 ? ? ns data in setup time t su.dat 100 ? ? ns input rise time t r ? ? 300 ns 1 input fall time t f ? ? 300 ns 1 stop setup time t su.sto 600 ? ? ns data out hold time t dh 50 ? ? ns write protect hold time t hd.wp 1200 ? ? ns write protect setup time t su.wp 0 ? ? ns write cycle time t wc ? ? 5 ms 2 erase/write endurance ? ? 10 6 ? cycles 3 notes: 1. this parameter is sampled and not 100 % tested. 2. t wc is the time from a stop condition to t he end of internally controlled write cycle. 3. this parameter is sampled and not 100% tested. 10 6 cycles (ta = 25 c) 10 5 cycles (ta = 85 c) rej03c0364-0001 rev.0.01 dec. 28, 2007 page 5 of 22
r1ex24008axxs0i timing waveforms bus timing t f 1/f scl t high t su.sta t hd.sta t hd.dat t su.dat t su.sto t buf t dh t aa t low t r scl wp sda (in) sda (out) t su.wp t hd.wp scl sda d0 in write data ack (address (n)) t wc (internally controlled) stop condition start condition write cycle timing rej03c0364-0001 rev.0.01 dec. 28, 2007 page 6 of 22
r1ex24008axxs0i pin function serial clock (scl) the scl pin is used to control serial input/output data timing. the scl input is used to positive edge clock data into eeprom device and ne gative edge clock data out of each device. maximum clock rate is 400 khz. serial input/output data (sda) the sda pin is bidirectional for serial data transfer. the sda pin needs to be pulled up by resistor as that pin is open-drain driven structure. use proper resistor value for your system by considering v ol , i ol and the sda pin capacitance. except for a start condition and a stop condition which will be discussed later, the sda transition needs to be completed during the scl low period. data validity (sda data change timing waveform) scl sda data change data change note: high-to-low and low-to-high change of sda should be done during the scl low period. rej03c0364-0001 rev.0.01 dec. 28, 2007 page 7 of 22
r1ex24008axxs0i device address (a0, a1, a2) two devices can be wired for one common data bus lin e as maximum. device address pins are used to distinguish each device a nd device address pins should be connected to v cc or v ss . when device address code provided from sda pin matches corresponding hard-wired device address pins a0 to a2, that one device can be activated. pin connections for a0 to a2 pin connection memory size max connect number a2 a1 a0 note 8k bit 2 v cc /v ss * 1 * 2 * 2 use a0,a1 for memory address a8and a9 note: 1. during floating, ?v cc /v ss ? are fixed to v ss . 2. floating state can be possible. write protect (wp) when the write protect pin (wp) is high, the write protection feature is enabled and operates as shown in the following table. also, acknowledgment "0" is outputted after input ting device address and memory address. after inputting write data, acknowledgment "1"" (no ack) is outputted. when the wp is low, write operation for all memory arrays are allowed. the read operation is always activated irrespective of the wp pin status. write protect area write protect area wp pin status 8k bit v ih full (8k bit) v il normal read/write operation rej03c0364-0001 rev.0.01 dec. 28, 2007 page 8 of 22
r1ex24008axxs0i functional description start condition a high-to-low transition of the sda with the scl high is needed in order to start read, write operation (see start condition and stop condition). stop condition a low-to-high transition of the sda with the scl high is a stop condition. the stand-by operation starts after a read sequence by a stop condition. in the case of write operation, a stop condition terminates the write data inputs and place the device in a internally -timed write cycle to th e memories. after the internally-timed write cycl e which is specified as t wc , the device enters a standby mode (see write cycle timing). start condition and stop condition scl sda (in) stop condition start condition rej03c0364-0001 rev.0.01 dec. 28, 2007 page 9 of 22
r1ex24008axxs0i acknowledge all addresses and data words are serially transmitted to and from in 8-bit words. the receiver sends a zero to acknowledge that it has received each word. this happens during nint h clock cycle. the transmitter keeps bus open to receive acknowledgment from the receive r at the ninth clock. in the write operation, eeprom sends a zero to acknowledge after receiving ever y 8-bit words. in the read operation, eeprom sends a zero to acknowledge after receiving the devi ce address word. after sending read data, the eeprom waits acknowledgment by keeping bus open. if the eeprom receives zero as an acknowledge, it sends read data of next address. if the eeprom receives acknowledgment "1" (no acknowledgment) and a following stop condition, it stops the read ope ration and enters a stand-by mode. if the eeprom receives neither acknowledgment "0" nor a stop condition, the eeprom keeps bus open wit hout sending read data. acknowledge timing waveform scl sda in sda out 12 8 9 acknowledge out rej03c0364-0001 rev.0.01 dec. 28, 2007 page 10 of 22
r1ex24008axxs0i device addressing the eeprom device requires an 8-bit device address word following a start condition to enable the chip for a read or a write operation. the device address wo rd consists of 4-bit device code, 3-bit device address code and 1-bit read/write(r/w) code. the most significant 4-bit of the device address word are used to distinguish device type and this eeprom uses ?1010? fixed code. the device address word is followed by the 1-bit device address code a2, memory adderess a9, a8. the device addre ss code selects one device out of two devices which are connected to the bus. this means that the device is selected if the inputted 1- bit device address code is equal to th e corresponding hard-wired a2 pin status. the eighth bit of the device address word is the read/write(r/w) bit. a write operation is initiated if this bit is ?0? and a read operation is initiated if this bit is ?1? . the eeprom turns to a stand-by state if the device code is not ?1010? or device address code doesn?t coincide with status of the correspond hard-wired device address pins a0 to a2. device address word device address word (8-bit) device code (fixed) device address code r/w code * 1 8k 1 0 1 0 a2 a9 a8 r/w note: 1. r/w=?1? is read and r/w = ?0? is write. rej03c0364-0001 rev.0.01 dec. 28, 2007 page 11 of 22
r1ex24008axxs0i write operations (wp =low ) byte write: (write operation during wp =low status ) a write operation requires an 8-bit device address word with r/w = ?0?. then the eeprom sends acknowledgment "0" at the ninth clock cycle. afte r these, the 8k bit eeprom receives 8-bit memory address words. upon receipt of this memory address, the eeprom outputs acknowledgment "0" and receives a following 8-bit write data. after receipt of write data, the eeprom outputs acknowledgment "0". if the eeprom receives a stop condition, the eep rom enters an internally -timed write cycle and terminates receipt of scl, sda i nputs until completion of the write cycle. the eeprom returns to a standby mode after completion of the write cycle. byte write operation device address memory address (n) write data (n) 8k 1010 w a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack r/w ack wp rej03c0364-0001 rev.0.01 dec. 28, 2007 page 12 of 22
r1ex24008axxs0i page write: the eeprom is capable of the page write operation wh ich allows any number of bytes up to 16 bytes to be written in a single write cycle. the page write is the same sequence as the byte write except for inputting the more write data. the page write is initiated by a start condition, device address word, memory address(n) and write data (dn) with every ninth bit acknowledgment. the eeprom enters the page write operation if the eeprom receives more write data (dn+1) inst ead of receiving a stop condition. the a0 to a3 address bits are automatically incremented upon receiving write data (dn+1). the eeprom can continue to receive write data up to 16 bytes . if the a0 to a3 addre ss bits reaches the last address of the page, the a0 to a3 address bits will roll over to the first address of the same page and previous write data will be overwritten. upon receiving a stop condition, the eeprom stops receiving write data and enters internally-timed write cycle. page write operation device address memory address (n) write data (n+m) write data (n) 8k 1010 w a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d5 d4 d3 d2 d1 d0 stop start ack ack ack ack r/w wp rej03c0364-0001 rev.0.01 dec. 28, 2007 page 13 of 22
r1ex24008axxs0i write operations (wp =high ) byte write: (write operation during wp =high status ) a write operation requires an 8-bit device address word with r/w = ?0?. then the eeprom sends acknowledgment "0" at the ninth clock cycle. afte r these, the 8k bit eeprom receives 8-bit memory address. upon receipt of this memory address, the eeprom outputs acknowledgment "0". after receipt of 8-bit write data, the eeprom outputs acknowledgment "1" (no ack) . then the eeprom write operations are not allowed. byte write operation device address memory address (n) write data (n) 8k 1010 w a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack r/w no ack wp rej03c0364-0001 rev.0.01 dec. 28, 2007 page 14 of 22
r1ex24008axxs0i page write: the page write is the same sequence as the byte write. the page write is initiated by a start condition, device address word and memory address(n) with every ninth bit acknowledgmen t"0". but after inputting write data(dn) , the eeprom outputs acknowledgment "1" (no ack). then the eeprom write operations are not allowed. page write operation device address memory address (n) write data (n+m) write data (n) 8k 1010 w a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d5 d4 d3 d2 d1 d0 stop start ack no ack ack r/w wp no ack rej03c0364-0001 rev.0.01 dec. 28, 2007 page 15 of 22
r1ex24008axxs0i acknowledge polling: acknowledge polling feature is used to show if the eep rom is in a internally-timed write cycle or not. this feature is initiated by the stop condition after inputting write data. this requires the 8-bit device address word following the start condition during a internally-timed write cycle. acknowledge polling will operate when the r/w code = ?0?. acknowledgment ?1? (no acknowledgment) shows the eeprom is in a internally-timed write cycle and acknowledgment ?0? shows that the internally-timed write cycle has completed. see write cycle polling using ack. write cycle polling using ack send write command send stop condition to initiate write cycle send start condition send device address word with r/w = 0 send memory address send start condition send stop condition send stop condition proceed random address read operation proceed write operation next operation is addressing the memory ye s ye s no no ack returned rej03c0364-0001 rev.0.01 dec. 28, 2007 page 16 of 22
r1ex24008axxs0i read operation there are three read operations: current address r ead, random read, and sequential read. read operations are initiated the same way as write opera tions with the exception of r/w = ?1?. current address read: the internal address counter mainta ins the last address accessed during the last read or write operation, with incremented by one. current address read accesses the address kept by the in ternal address counter. after receiving a start condition and the device address word (r/w is ?1?), the eeprom outputs the 8-bit current address data from the most significant bit following acknowledgment ?0?. if the eeprom receives acknowledgment ?1? (no acknowledgment) and a following stop condition, the eeprom stops the read operation and is turned to a standby state. in case the eeprom has accessed the last address of the last page at previous read operation, the current address will roll over and returns to zero address. in case the eeprom has accessed the last address of the page at previous write opera tion, the current address will roll over within page addressing and returns to th e first address in the same page. the current address is valid while power is on. the current address after power on will be indefinite. the random read operation described below is necessary to define the memory address. current address read operation 8k device address read data (n+1) start stop 1010 r d7 d6 d5 d4 d3 d2 d1 d0 ack no ack r/w 1* note:1* don't care bit 1* rej03c0364-0001 rev.0.01 dec. 28, 2007 page 17 of 22
r1ex24008axxs0i random read: this is a read operation with defined read address. a random read requires a dummy write to set read address. the eeprom receives a start condition, device address word (r/w=0) and memory address 2 8-bit sequentially. the eeprom outputs acknowledgment ?0? after receiving memory address then enters a current address read with receivi ng a start condition. the eeprom outputs the read data of the address which was defined in the dummy write operation. after receiving acknowledgment ?1?(no acknowledgment) and a following stop condition, the eeprom stops the random read operation and returns to a standby state. random read operation notes: 1. don't care bit 2. 2nd device address code(#)should be same as 1st(@). device address device address memory address (n) read data (n) 8k 10 10 1010 r w a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start start ack no ack ack r/w ack r/w dummy write currect address read * 1 * 1 @ # * 1 * 1 rej03c0364-0001 rev.0.01 dec. 28, 2007 page 18 of 22
r1ex24008axxs0i sequential read: sequential reads are initiated by either a current addr ess read or a random read. if the eeprom receives acknowledgment ?0? after 8-bit read data, the read address is incremented and the next 8-bit read data are coming out. this operation can be continued as long as the eeprom receives acknowledgment ?0?. the address will roll over and returns address zero if it reaches the last addre ss of the last page. the sequential read can be continued after roll over. the seque ntial read is terminated if the eeprom receives acknowledgment ?1? (no acknowledgment) and a following stop condition. sequential read operation device address read data (n+m) read data (n) read data (n+1) read data (n+2) 8k 1010 r d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack no ack ack r/w ack *1: don't care bit *1 *1 rej03c0364-0001 rev.0.01 dec. 28, 2007 page 19 of 22
r1ex24008axxs0i notes data protection at v cc on/off when v cc is turned on or off, noise on the scl and sda inputs generated by external circuits (cpu, etc) may act as a trigger and turn the eeprom to unintentional program mode. to prevent this unintentional programming, this eeprom has a power on reset function. be careful of the notices described below in order for the power on reset function to operate correctly. ? scl and sda should be fixed to v cc or v ss during v cc on/off. low to high or high to low transition during v cc on/off may cause the trigger for the unintentional programming. ? v cc should be turned off after the eep rom is placed in a standby state. ? v cc should be turned on from the ground level(v ss ) in order for the eeprom not to enter the unintentional programming mode. ? v cc turn on speed should be longer than 10 s. noise suppression time this eeprom have a noise suppression function at scl and sda inputs, that cut noise of width less than 50 ns. be careful not to allow noise of width more than 50 ns. rej03c0364-0001 rev.0.01 dec. 28, 2007 page 20 of 22
r1ex24008axxs0i package dimensions R1EX24008ASAS0I (prsp0008df-b / previous code: fp-8dbv) a l e c 1 b 1 d e a 2 b p c x y h e z l 1 4.89 1.06 0.25 0 8 6.02 0.15 0.20 0.25 0.45 0.102 0.14 0.254 3.90 0.406 0.60 0.889 1.73 reference symbol dimension in millimeters min nom max 5.15 a 1 0.35 0.40 6.20 5.84 1.27 0.10 0.69 index mark e 1 y xm p *3 *2 *1 f 4 85 d e h a z b p terminal cross section ( ni/pd/au plating ) b c detail f 1 1 l l a note) 1. dimensions" *1 (nom)"and" *2" do not include mold flash. 2. dimension" *3"does not include trim offset. e p-sop8-3.9x4.89-1.27 0.08g mass[typ.] fp-8dbv prsp0008df-b renesas code jeita package code previous code rej03c0364-0001 rev.0.01 dec. 28, 2007 page 21 of 22
r1ex24008axxs0i rej03c0364-0001 rev.0.01 dec. 28, 2007 page 22 of 22 r1ex24008atas0i (ptsp0008jc-b / previous code: ttp-8dav) a l e c 1 b 1 d e a 2 b p c x y h e z l 1 3.00 1.00 0.13 0 8 6.40 0.10 0.15 0.20 0.25 0.03 0.07 0.10 4.40 0.40 0.50 0.60 1.10 reference symbol dimension in millimeters min nom max 3.30 a 1 0.15 0.20 6.60 6.20 0.65 0.10 0.805 *1 85 e *2 index mark 14 *3 p mx y f a d e h z b detail f 1 1 a l l p terminal cross section ( ni/pd/au plating ) c b note) 1. dimensions" *1 (nom)"and" *2" do not include mold flash. 2. dimension" *3"does not include trim offset. e p-tssop8-4.4x3-0.65 0.034g mass[typ.] ttp-8dav ptsp0008jc-b renesas code jeita package code previous code
revision history r1ex24008axxs0i data sheet contents of modification rev. date page description 0.01 dec. 28, 2007 ? initial issue
notes: 1. this document is provided for reference purposes only so that renesas customers may select the appropriate renesas products for their use. renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of renesas or any third party with respect to the information in this document. 2. renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of the use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. you should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. when exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. all information included in this document such as product data, diagrams, charts, programs, algorithms, and application circuit examples, is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any renesas products listed in this document, please confirm the latest product information with a renesas sales office. also, please pay regular and careful attention to additional and different information to be disclosed by renesas such as that disclosed through our website. (http://www.renesas.com ) 5. renesas has used reasonable care in compiling the information included in this document, but renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. when using or otherwise relying on the information in this document, you should evaluate the information in light of the total system before deciding about the applicability of such information to the intended application. renesas makes no representations, warranties or guaranties regarding the suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this document or renesas products. 7. with the exception of products specified by renesas as suitable for automobile applications, renesas products are not designed, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of human injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion control, aerospace and aeronautics, nuclear power, or undersea communication transmission. if you are considering the use of our products for such purposes, please contact a renesas sales office beforehand. renesas shall have no liability for damages arising out of the uses set forth above. 8. notwithstanding the preceding paragraph, you should not use renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to use renesas products in any of the foregoing applications shall indemnify and hold harmless renesas technology corp., its affiliated companies and their officers, directors, and employees against any and all damages arising out of such applications. 9. you should use the products described herein within the range specified by renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas shall have no liability for malfunctions or damages arising out of the use of renesas products beyond such specified ranges. 10. although renesas endeavors to improve the quality and reliability of its products, ic products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. please be sure to implement safety measures to guard against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. among others, since the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. in case renesas products listed in this document are detached from the products to which the renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. you should implement safety measures so that renesas products may not be easily detached from your products. renesas shall have no liability for damages arising out of such detachment. 12. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from renesas. 13. please contact a renesas sales office if you have any questions regarding the information contained in this document, renesas semiconductor products, or if you have any other inquiries. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com refer to "http://www.renesas.com/en/network" for the latest and detailed information. renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500, fax: <1> (408) 382-7501 renesas technology europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k. tel: <44> (1628) 585-100, fax: <44> (1628) 585-900 renesas technology (shanghai) co., ltd. unit 204, 205, aziacenter, no.1233 lujiazui ring rd, pudong district, shanghai, china 200120 tel: <86> (21) 5877-1818, fax: <86> (21) 6887-7858/7898 renesas technology hong kong ltd. 7th floor, north tower, world finance centre, harbour city, canton road, tsimshatsui, kowloon, hong kong tel: <852> 2265-6688, fax: <852> 2377-3473 renesas technology taiwan co., ltd. 10th floor, no.99, fushing north road, taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 3518-3399 renesas technology singapore pte. ltd. 1 harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas technology korea co., ltd. kukje center bldg. 18th fl., 191, 2-ka, hangang-ro, yongsan-ku, seoul 140-702, korea tel: <82> (2) 796-3115, fax: <82> (2) 796-2145 renesas technology malaysia sdn. bhd unit 906, block b, menara amcorp, amcorp trade centre, no.18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: <603> 7955-9390, fax: <603> 7955-9510 renesas sales offices ? 2008. renesas technology corp., all rights reserved. printed in japan. colophon .7.2


▲Up To Search▲   

 
Price & Availability of R1EX24008ASAS0I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X