Part Number Hot Search : 
7152AM11 LVC14 AN4460 SK301 SPCA533 ALVCH16 SRC12 TIP50
Product Description
Full Text Search
 

To Download PTVS3V3S1UR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description 400 w unidirectional transient voltage suppressor (tvs) in a sod123w small and ?at lead low-pro?le surface-mounted device (smd) plastic package, designed for transient overvoltage protection. 1.2 features 1.3 applications n power supply protection n automotive application n industrial application n power management 1.4 quick reference data [1] in accordance with iec 61643-321 (10/1000 m s current waveform). [2] for PTVS3V3S1UR: p ppm = 350 w ptvsxs1ur series 400 w transient voltage suppressor rev. 01 2 february 2009 product data sheet n rated peak pulse power: p ppm = 400 w (350 w for 3v3) n small plastic package suitable for surface-mounted design n reverse standoff voltage range: v rwm =3.3vto18v n very low package height: 1 mm n reverse current: i rm = 0.001 m a n aec-q101 quali?ed table 1. quick reference data symbol parameter conditions min typ max unit p ppm rated peak pulse power [1] [2] - - 400 w v rwm reverse standoff voltage 3.3 - 18 v
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 2 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor 2. pinning information [1] the marking bar indicates the cathode. 3. ordering information [1] the series consists of 18 types with reverse standoff voltages from 3.3 v to 18 v. 4. marking table 2. pinning pin description simpli?ed outline graphic symbol 1 cathode [1] 2 anode 2 1 006aaa152 2 1 table 3. ordering information type number package name description version PTVS3V3S1UR to ptvs18vs1ur [1] - plastic surface-mounted package; 2 leads sod123w table 4. marking codes type number marking code PTVS3V3S1UR a1 ptvs5v0s1ur a2 ptvs6v0s1ur a3 ptvs6v5s1ur a4 ptvs7v0s1ur a5 ptvs7v5s1ur a6 ptvs8v0s1ur a7 ptvs8v5s1ur a8 ptvs9v0s1ur a9 ptvs10vs1ur aa ptvs11vs1ur ab ptvs12vs1ur ac ptvs13vs1ur ad ptvs14vs1ur ae ptvs15vs1ur af ptvs16vs1ur ag ptvs17vs1ur ah ptvs18vs1ur ak
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 3 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor 5. limiting values [1] in accordance with iec 61643-321 (10/1000 m s current waveform). [2] for PTVS3V3S1UR: p ppm = 350 w 6. thermal characteristics [1] device mounted on an fr4 printed-circuit board (pcb), single-sided copper, tin-plated and standard footprint. [2] device mounted on an fr4 pcb, single-sided copper, tin-plated, mounting pad for cathode 1 cm 2 . [3] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. [4] soldering point of cathode tab. table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit p ppm rated peak pulse power [1] [2] - 400 w i ppm rated peak pulse current [1] - see t ab le 7 and 8 i fsm non-repetitive peak forward current single half-sine wave; t p = 8.3 ms -50a t j junction temperature - 150 c t amb ambient temperature - 55 +150 c t stg storage temperature - 65 +150 c table 6. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air [1] - - 250 k/w [2] - - 140 k/w [3] --70k/w r th(j-sp) thermal resistance from junction to solder point [4] --20k/w
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 4 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor 7. characteristics table 7. characteristics per type; PTVS3V3S1UR to ptvs7v0s1ur t j =25 c unless otherwise speci?ed. type number reverse standoff voltage v rwm (v) breakdown voltage v br (v) reverse leakage current i rm ( m a) clamping voltage v cl (v) i r =10ma at v rwm (v) max min typ max typ max max i ppm (a) PTVS3V3S1UR 3.3 5.20 5.60 6.00 5 600 8.0 43.8 ptvs5v0s1ur 5.0 6.40 6.70 7.00 5 400 9.2 43.5 ptvs6v0s1ur 6.0 6.67 7.02 7.37 5 400 10.3 38.8 ptvs6v5s1ur 6.5 7.22 7.60 7.98 5 250 11.2 35.7 ptvs7v0s1ur 7.0 7.78 8.20 8.60 3 100 12.0 33.3 table 8. characteristics per type; ptvs7v5s1ur to ptvs18vs1ur t j =25 c unless otherwise speci?ed. type number reverse standoff voltage v rwm (v) breakdown voltage v br (v) reverse leakage current i rm ( m a) clamping voltage v cl (v) i r =1ma at v rwm (v) max min typ max typ max max i ppm (a) ptvs7v5s1ur 7.5 8.33 8.77 9.21 0.2 50 12.9 31.0 ptvs8v0s1ur 8.0 8.89 9.36 9.83 0.03 25 13.6 29.4 ptvs8v5s1ur 8.5 9.44 9.92 10.40 0.01 10 14.4 27.8 ptvs9v0s1ur 9.0 10.00 10.55 11.10 0.005 5 15.4 26.0 ptvs10vs1ur 10 11.10 11.70 12.30 0.005 2.5 17.0 23.5 ptvs11vs1ur 11 12.20 12.85 13.50 0.005 2.5 18.2 22.0 ptvs12vs1ur 12 13.30 14.00 14.70 0.005 2.5 19.9 20.1 ptvs13vs1ur 13 14.40 15.15 15.90 0.001 0.1 21.5 18.6 ptvs14vs1ur 14 15.60 16.40 17.20 0.001 0.1 23.2 17.2 ptvs15vs1ur 15 16.70 17.60 18.50 0.001 0.1 24.4 16.4 ptvs16vs1ur 16 17.80 18.75 19.70 0.001 0.1 26.0 15.4 ptvs17vs1ur 17 18.90 19.90 20.90 0.001 0.1 27.6 14.5 ptvs18vs1ur 18 20.00 21.00 22.10 0.001 0.1 29.2 13.7
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 5 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor fig 1. 10/1000 m s pulse waveform according to iec 61643-321 fig 2. relative variation of rated peak pulse power as a function of junction temperature; typical values t amb =25 c (1) ptvs5v0s1ur to ptvs18vs1ur (2) PTVS3V3S1UR fig 3. rated peak pulse power as a function of pulse duration; typical values t p (ms) 0 4.0 3.0 1.0 2.0 006aab319 50 100 150 i pp (%) 0 50 % i pp ; 1000 m s 100 % i pp ; 10 m s t j ( c) 0 200 150 50 100 006aab321 0.4 0.8 1.2 p ppm 0 p ppm(25 c) 006aab418 10 - 1 t p ( m s) 10 3 10 4 10 2 110 10 4 10 3 10 5 p ppm (w) 10 2 (2) (1)
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 6 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor 8. test information 8.1 quality information this product has been quali?ed in accordance with the automotive electronics council (aec) standard q101 - stress test quali?cation for discrete semiconductors , and is suitable for use in automotive applications. 9. package outline fig 4. v-i characteristics for a unidirectional tvs protection diode 006aab324 - v cl - v br - v rwm - i rm - i r - i pp v i p-n - + - i ppm fig 5. package outline sod123w 08-11-06 dimensions in mm 2.8 2.4 3.7 3.3 1.05 0.75 1.9 1.5 1 2 0.6 0.3 0.22 0.10 1.1 0.9
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 7 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor 10. packing information [1] for further information and the availability of packing methods, see section 13 . [2] the series consists of 18 types with reverse standoff voltages from 3.3 v to 18 v. 11. soldering table 9. packing methods the indicated -xxx are the last three digits of the 12nc ordering code. [1] type number package description packing quantity 3000 PTVS3V3S1UR to ptvs18vs1ur [2] sod123w 4 mm pitch, 8 mm tape and reel -115 re?ow soldering is the only recommended soldering method. fig 6. re?ow soldering footprint sod123w 2.9 2.8 4.4 1.6 2.1 1.2 (2 ) 1.1 (2 ) solder lands solder resist occupied area solder paste 1.1 (2 ) 1.2 (2 ) sod123w_fr dimensions in mm
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 8 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor 12. revision history table 10. revision history document id release date data sheet status change notice supersedes ptvsxs1ur_ser_1 20090202 product data sheet - -
ptvsxs1ur_ser_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 2 february 2009 9 of 10 nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 13.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 13.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. quick reference data the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. esd protection devices these products are only intended for protection against electrostatic discharge (esd) pulses and are not intended for any other usage including, without limitation, voltage regulation applications. nxp semiconductors accepts no liability for use in such applications and therefore such use is at the customers own risk. 13.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www .nxp.com for sales of?ce addresses, please send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors ptvsxs1ur series 400 w transient voltage suppressor ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 2 february 2009 document identifier: ptvsxs1ur_ser_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 15. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 thermal characteristics. . . . . . . . . . . . . . . . . . . 3 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 test information . . . . . . . . . . . . . . . . . . . . . . . . . 6 8.1 quality information . . . . . . . . . . . . . . . . . . . . . . 6 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6 10 packing information. . . . . . . . . . . . . . . . . . . . . . 7 11 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8 13 legal information. . . . . . . . . . . . . . . . . . . . . . . . 9 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9 13.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 13.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 14 contact information. . . . . . . . . . . . . . . . . . . . . . 9 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10


▲Up To Search▲   

 
Price & Availability of PTVS3V3S1UR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X