Part Number Hot Search : 
2160B WITCH BR5200 ULCE13 HV9860 6CUT04 MPR032 SF2N5601
Product Description
Full Text Search
 

To Download PTVS3V3P1UP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description 600 w unidirectional transient voltage suppressor (tvs) in a sod128 small and flat lead surface-mounted device (smd) plastic packag e, designed for transient overvoltage protection. 1.2 features and benefits 1.3 applications ? power supply protection ? automotive application ? industrial application ? power management 1.4 quick reference data [1] in accordance with iec 61643-321 (10/1000 s current waveform). ptvsxp1up series 600 w transient voltage suppressor rev. 2 ? 6 january 2011 product data sheet ? rated peak pulse power: p ppm = 600 w ? very low package height: 1 mm ? reverse standoff voltage range: v rwm =3.3vto64v ? small plastic package suitable for surface-mounted design ? reverse current: i rm =0.001 a ? aec-q101 qualified table 1. quick reference data symbol parameter conditions min typ max unit p ppm rated peak pulse power [1] --600w v rwm reverse standoff voltage 3.3 - 64 v
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 2 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor 2. pinning information [1] the marking bar indicates the cathode. 3. ordering information [1] the series consists of 35 types with reverse standoff voltages from 3.3 v to 64 v. 4. marking table 2. pinning pin description simplified outline graphic symbol 1 cathode [1] 2 anode 12 sym035 12 table 3. ordering information type number [1] package name description version ptvsxp1up series - plastic surfac e-mounted package; 2 leads sod128 table 4. marking codes type number marking code type number marking code PTVS3V3P1UP aj ptvs20vp1up b3 ptvs5v0p1up ak ptvs22vp1up b4 ptvs6v0p1up al ptvs24vp1up b5 ptvs6v5p1up am ptvs26vp1up b6 ptvs7v0p1up an ptvs28vp1up b7 ptvs7v5p1up ap ptvs30vp1up b8 ptvs8v0p1up aq ptvs33vp1up b9 ptvs8v5p1up ar ptvs36vp1up ba ptvs9v0p1up as ptvs40vp1up bb ptvs10vp1up at ptvs43vp1up bc ptvs11vp1up au ptvs45vp1up bd ptvs12vp1up av ptvs48vp1up be ptvs13vp1up aw ptvs51vp1up bf ptvs14vp1up ax ptvs54vp1up bg ptvs15vp1up ay ptvs58vp1up bh ptvs16vp1up az ptvs60vp1up bj ptvs17vp1up b1 ptvs64vp1up bk ptvs18vp1up b2 - -
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 3 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor 5. limiting values [1] in accordance with iec 61643-321 (10/1000 s current waveform). [1] device stressed with ten non-repetitiv e electrostatic discharge (esd) pulses. [2] soldering point of cathode tab. 6. thermal characteristics [1] device mounted on an fr4 printed-circuit board ( pcb), single-sided copper, tin-plated and standard footprint. [2] device mounted on an fr4 pcb, single-sided c opper, tin-plated, mounting pad for cathode 1 cm 2 . [3] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. [4] soldering point of cathode tab. table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit p ppm rated peak pulse power [1] -600w i ppm rated peak pulse current [1] -see ta b l e 9 and 10 i fsm non-repetitive peak forward current single half-sine wave; t p =8.3ms -100a t j junction temperature - 150 c t amb ambient temperature ? 55 +150 c t stg storage temperature ? 65 +150 c table 6. esd maximum ratings t amb =25 c unless otherwise specified. symbol parameter conditions min max unit per diode v esd electrostatic discharge voltage iec 61000-4-2 (contact discharge) [1] [2] -30kv table 7. esd standards compliance standard conditions per diode iec 61000-4-2; level 4 (esd) > 15 kv (air); > 8 kv (contact) mil-std-883; class 3 (human body model) > 4 kv table 8. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air [1] --200k/w [2] --120k/w [3] --60k/w r th(j-sp) thermal resistance from junction to solder point [4] --12k/w
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 4 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor 7. characteristics table 9. characteristics per ty pe; PTVS3V3P1UP to ptvs7v0p1up t j =25 c unless otherwise specified. type number reverse standoff voltage v rwm (v) breakdown voltage v br (v) reverse leakage current i rm ( a) clamping voltage v cl (v) i r =10ma at v rwm (v) max min typ max typ max max i ppm (a) PTVS3V3P1UP 3.3 5.20 5.60 6.00 5 600 8.0 75.0 ptvs5v0p1up 5.0 6.40 6.70 7.00 5 400 9.2 65.2 ptvs6v0p1up 6.0 6.67 7.02 7.37 5 400 10.3 58.3 ptvs6v5p1up 6.5 7.22 7.60 7.98 5 250 11.2 53.6 ptvs7v0p1up 7.0 7.78 8.20 8.60 3 100 12.0 50.0 table 10. characteristics per ty pe; ptvs7v5p1up to ptvs64vp1up t j =25 c unless otherwise specified. type number reverse standoff voltage v rwm (v) breakdown voltage v br (v) reverse leakage current i rm ( a) clamping voltage v cl (v) i r =1ma at v rwm (v) max min typ max typ max max i ppm (a) ptvs7v5p1up 7.5 8.33 8.77 9.21 0.2 50 12.9 46.5 ptvs8v0p1up 8.0 8.89 9.36 9.83 0.03 25 13.6 44.1 ptvs8v5p1up 8.5 9.44 9.92 10.40 0.01 10 14.4 41.7 ptvs9v0p1up 9.0 10.00 10.55 11.10 0.005 5 15.4 39.0 ptvs10vp1up 10 11.10 11.70 12.30 0.005 2.5 17.0 35.3 ptvs11vp1up 11 12.20 12.85 13.50 0.005 2.5 18.2 33.0 ptvs12vp1up 12 13.30 14.00 14.70 0.005 2.5 19.9 30.2 ptvs13vp1up 13 14.40 15.15 15.90 0.001 0.1 21.5 27.9 ptvs14vp1up 14 15.60 16.40 17.20 0.001 0.1 23.2 25.9 ptvs15vp1up 15 16.70 17.60 18.50 0.001 0.1 24.4 24.6 ptvs16vp1up 16 17.80 18.75 19.70 0.001 0.1 26.0 23.1 ptvs17vp1up 17 18.90 19.90 20.90 0.001 0.1 27.6 21.7 ptvs18vp1up 18 20.00 21.00 22.10 0.001 0.1 29.2 20.5 ptvs20vp1up 20 22.20 23.35 24.50 0.001 0.1 32.4 18.5 ptvs22vp1up 22 24.40 25.60 26.90 0.001 0.1 35.5 16.9 ptvs24vp1up 24 26.70 28.10 29.50 0.001 0.1 38.9 15.4 ptvs26vp1up 26 28.90 30.40 31.90 0.001 0.1 42.1 14.3 ptvs28vp1up 28 31.10 32.80 34.40 0.001 0.1 45.4 13.2 ptvs30vp1up 30 33.30 35.10 36.80 0.001 0.1 48.4 12.4 ptvs33vp1up 33 36.70 38.70 40.60 0.001 0.1 53.3 11.3 ptvs36vp1up 36 40.00 42.10 44.20 0.001 0.1 58.1 10.3 ptvs40vp1up 40 44.40 46.80 49.10 0.001 0.1 64.5 9.3
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 5 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor ptvs43vp1up 43 47.80 50.30 52.80 0.001 0.1 69.4 8.6 ptvs45vp1up 45 50.00 52.65 55.30 0.001 0.1 72.7 8.3 ptvs48vp1up 48 53.30 56.10 58.90 0.001 0.1 77.4 7.8 ptvs51vp1up 51 56.70 59.70 62.70 0.001 0.1 82.4 7.3 ptvs54vp1up 54 60.00 63.15 66.30 0.001 0.1 87.1 6.9 ptvs58vp1up 58 64.40 67.80 71.20 0.001 0.1 93.6 6.4 ptvs60vp1up 60 66.70 70.20 73.70 0.001 0.1 96.8 6.2 ptvs64vp1up 64 71.10 74.85 78.60 0.001 0.1 103.0 5.8 table 10. characteristics per ty pe; ptvs7v5p1up to ptvs64vp1up ?continued t j =25 c unless otherwise specified. type number reverse standoff voltage v rwm (v) breakdown voltage v br (v) reverse leakage current i rm ( a) clamping voltage v cl (v) i r =1ma at v rwm (v) max min typ max typ max max i ppm (a)
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 6 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor fig 1. 10/1000 s pulse waveform according to iec 61643-321 fig 2. relative variation of rated peak pulse power as a function of junction temperature; typical values t amb =25 ct amb =25 c; f = 1 mhz (1) ptvs5v0p1up (2) ptvs12vp1up (3) ptvs24vp1up (4) ptvs64vp1up fig 3. rated peak pulse power as a function of pulse duration; typical values fig 4. diode capacitance as a function of reverse voltage; typical values t p (ms) 0 4.0 3.0 1.0 2.0 006aab319 50 100 150 i pp (%) 0 50 % i pp ; 1000 s 100 % i pp ; 10 s t j ( c) 0 200 150 50 100 006aab321 0.4 0.8 1.2 p ppm 0 p ppm(25 c) 006aac172 10 4 10 3 10 5 p ppm (w) 10 2 t p ( s) 10 ? 1 10 4 10 3 110 2 10 006aac173 10 3 10 2 10 4 c d (pf) 10 v r (v) 110 2 10 (1) (2) (3) (4)
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 7 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor 8. test information 8.1 quality information this product has been qualified in accordance with the automotive electronics council (aec) standard q101 - stress test qualificat ion for discrete semiconductors , and is suitable for use in automotive applications. 9. package outline fig 5. v-i characteristics for a unidirectional tvs protection diode 006aab32 4 ? v cl ? v br ? v rwm ? i rm ? i r ? i pp v i p-n ? + ? i ppm fig 6. package outline sod128 07-09-12 dimensions in mm 1.1 0.9 0.22 0.10 0.6 0.3 5.0 4.4 4.0 3.6 1.9 1.6 2.7 2.3 1 2
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 8 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor 10. packing information [1] for further information and the avai lability of packing methods, see section 14 . [2] the series consists of 35 types with reverse standoff voltages from 3.3 v to 64 v. 11. soldering table 11. packing methods the indicated -xxx are the last thre e digits of the 12nc ordering code. [1] type number [2] package description packing quantity 3000 ptvsxp1up series sod128 4 mm pitch, 12 mm tape and reel -115 reflow soldering is the only recommended soldering method. fig 7. reflow soldering footprint sod128 solder lands solder resist occupied area solder paste 2.5 3.4 2.1 (2 ) 1.9 (2 ) 4.4 4.2 6.2 1.2 (2 ) 1.4 (2 ) sod128_ fr dimensions in mm
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 9 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor 12. revision history table 12. revision history document id release date data sheet status change notice supersedes ptvsxp1up_ser v.2 20110106 product data sheet - ptvsxp1up_ser v.1 modifications: ? table 6 ? esd maximum ratings ? : added. ? section 13 ? legal information ? : updated. ptvsxp1up_ser v.1 20100527 product data sheet - -
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 10 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 13.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 13.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
ptvsxp1up_ser all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 6 january 2011 11 of 12 nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comple te, exhaustive or legally binding. 13.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors ptvsxp1up series 600 w transient voltage suppressor ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 6 january 2011 document identifier: ptvsxp1up_ser please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 15. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 thermal characteristics . . . . . . . . . . . . . . . . . . 3 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 test information . . . . . . . . . . . . . . . . . . . . . . . . . 7 8.1 quality information . . . . . . . . . . . . . . . . . . . . . . 7 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 10 packing information . . . . . . . . . . . . . . . . . . . . . 8 11 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 13 legal information. . . . . . . . . . . . . . . . . . . . . . . 10 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 10 13.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 13.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 11 14 contact information. . . . . . . . . . . . . . . . . . . . . 11 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


▲Up To Search▲   

 
Price & Availability of PTVS3V3P1UP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X