m u r 6 0 8 0 , MUR60100 m u r 6 0 8 0 m u r 6 0 1 0 0 v r s m v 8 0 0 1 0 0 0 v r r m v 8 0 0 1 0 0 0 s y m b o l test conditions m a x i mum ratings u n i t i f r m s i favm i f r m t v j = t v j m t c = 6 0 o c ; rectangular, d=0.5 t p < 1 0 u s ; rep. rating, pulse width limited by t v j m 1 0 0 6 0 8 0 0 a t v j = 4 5 o c t = 1 0 m s ( 5 0 h z ) , s i n e t = 8 . 3 m s ( 6 0 h z ) , s i n e t v j = 1 5 0 o c t = 1 0 m s ( 5 0 h z ) , s i n e t = 8 . 3 m s ( 6 0 h z ) , s i n e 5 0 0 5 4 0 4 5 0 4 8 0 a i f s m t v j = 4 5 o c t = 1 0 m s ( 5 0 h z ) , s i n e t = 8 . 3 m s ( 6 0 h z ) , s i n e t v j = 1 5 0 o c t = 1 0 m s ( 5 0 h z ) , s i n e t = 8 . 3 m s ( 6 0 h z ) , s i n e 1 2 5 0 1 2 0 0 1 0 0 0 9 5 0 a 2 s i 2 t t v j t v j m t s t g - 4 0 . . . + 1 5 0 1 5 0 - 4 0 . . . + 1 5 0 o c p t o t t c = 2 5 o c m d m o u n t i n g t o r q u e 1 8 9 0 . 8 . . . 1 . 2 6 w n m weight g d i m e n s i o n s to-247ac a = a n o d e, c=cathode, tab=cathode c a c a c ( t a b ) d i m . m i l l i m e t e r i n c h e s m i n . m a x . m i n . m a x . a 1 9 . 8 1 2 0 . 3 2 0 . 7 8 0 0 . 8 0 0 b 2 0 . 8 0 2 1 . 4 6 0 . 8 1 9 0 . 8 4 5 c 1 5 . 7 5 1 6 . 2 6 0 . 6 1 0 0 . 6 4 0 d 3 . 5 5 3 . 6 5 0 . 1 4 0 0 . 1 4 4 e 4 . 3 2 5 . 4 9 0 . 1 7 0 0 . 2 1 6 f 5 . 4 6 . 2 0 . 2 1 2 0 . 2 4 4 g 1 . 6 5 2 . 1 3 0 . 0 6 5 0 . 0 8 4 h - 4 . 5 - 0 . 1 7 7 j 1 . 0 1 . 4 0 . 0 4 0 0 . 0 5 5 k 1 0 . 8 1 1 . 0 0 . 4 2 6 0 . 4 3 3 l 4 . 7 5 . 3 0 . 1 8 5 0 . 2 0 9 m 0 . 4 0 . 8 0 . 0 1 6 0 . 0 3 1 n 1 . 5 2 . 4 9 0 . 0 8 7 0 . 1 0 2 u l t r a f a s t r e c o v e r y d i o d e s
m u r 6 0 8 0 , MUR60100 a dvantages * h i g h r e l i a b i l i t y c i r c u i t o p e ration * l ow voltage peaks for reduced p r o t e c t i o n c i r c u i t s * l ow noise switching * l ow losses * o p e rating at lower temperature or s p a c e s aving by reduced cooling a p p l i c ations * a n t i p a rallel diode for high frequency switching devices * a n t i s a t u ration diode * s nubber diode * free wheeling diode in converters a n d m o t o r c o n t r o l c i r c u i t s * r e c t i f i e r s i n switch mode power s u p p l i e s ( s m p s ) * i n d u c t i ve heating and melting * u n i n t e r ruptible power supplies (ups) * u l t rasonic cleaners and welders f e atures * i n t e rnational standard package j e d e c to-247ac * p l a n a r p a s s i vatd chips * very short recovery time * e x t r e m e l y l ow switching losses * l ow i r m - values * s o f t r e c overy behaviour s y m b o l test conditions c h a r a c t e r i s t i c values t y p . max. u n i t t v j = 2 5 o c ; v r = v r r m t v j = 2 5 o c ; v r = 0 . 8 . v r r m t v j = 1 2 5 o c ; v r = 0 . 8 . v r r m 3 0 . 5 1 4 m a i r i f = 6 0 a ; t v j = 1 5 0 o c t v j = 2 5 o c 1 . 8 2 . 3 v v f r t h j c r t h c k r t h ja 0 . 6 6 3 5 k / w 0 . 2 5 v r = 5 4 0 v; i f = 6 0 a ; -di f / d t = 4 8 0 a / u s ; l<0.05uh; t v j = 1 0 0 o c t r r i f = 1 a ; -di/dt=200a/us; v r = 3 0 v; t v j = 2 5 o c n s i r m a 3 5 v to for power-loss calculations only 1 . 4 3 v r t 6 . 1 m t v j = t v j m 5 0 3 2 _ 3 6 u l t r a f a s t r e c o v e r y d i o d e s
m u r 6 0 8 0 , MUR60100 f i g . 1 f o r w a r d c u r r e n t f i g . 2 r e c o v e r y c h a r g e v e r s u s - d i f / d t . f i g . 3 p e a k r e v e r s e c u r r e n t v e r s u s v e r s u s v o l t a g e d r o p . - d i f / d t . f i g . 4 d y n a m i c p a r a m e t e r s v e r s u s f i g . 5 r e c o v e r y t i m e v e r s u s - d i f / d t . f i g . 6 p e a k f o r w a r d v o l t a g e j u n c t i o n t e m p e r a t u r e . v e r s u s d i f / d t . f i g . 7 t r a n s i e n t t h e r m a l i m p e d a n c e j u n c t i o n t o c a s e . u l t r a f a s t r e c o v e r y d i o d e s
|