Part Number Hot Search : 
G72FB 188VLA D37P0F0T BUV94 34S241K 0459846 B270Q GES2219A
Product Description
Full Text Search
 

To Download MPC8306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated communications processors mpc8309 powerquicc ii pro processor overview the mpc8309 processor is part of the entry level mpc830x communications portfolio based on the e300 core architecture. it addresses the requirements of networking applications, including i/o cards for low-end base stations, low-end ethernet switches, residential gateways, modem/routers, industrial control, factory automation and test and measurement applications. the mpc830x portfolio extends current powerquicc processor offerings, delivering an impressive 1.99 dmips/mhz in cpu performance, additional functionality and faster interfaces while maintaining code compatibility with powerquicc i and powerquicc ii processors. mpc830x processors also provide sub-$10, low power consumption, a compact board footprint and a time to market advantage through cost-effective evaluation kits with optimized bsp and drivers. core complex the mpc8309 incorporates the e300c3 (mpc603e-based) core, built on power architecture ? technology, which includes 16 kb of l1 instruction and data caches, dual integer units and on-chip memory management units (mmus). quicc engine technology a communications complex based on quicc engine technology forms the heart of the networking capability of the mpc830x portfolio. the quicc engine block contains several peripheral controllers and a 32-bit risc controller. protocol support is provided by the main workhorses of the devicethe unified communication controllers (uccs). each of the five uccs can support a variety of communication protocols, including 10/100 mbps ethernet and high-level data link control (hdlc). two of the uccs can also support ieee ? 1588 version-2 time stamping. system interface unit the mpc8309 processor also includes a 16/32- bit double data rate (ddr2) memory controller with ecc support, 4 x can, 4 x uarts, high-speed usb 2.0 controller, enhanced sdhc controller, a 32-bit peripheral component interconnect (pci) controller, a 16-bit local bus and two direct memory access controllers (dmac). in summary, the mpc8309 provides users with a highly integrated, fully programmable communications processor helping to ensure that a cost-effective system solution can be quickly developed while offering the flexibility to accommodate new standards and evolving system requirements. mpc8309 features ? excellent performance, low-power, sub-$10 communications processor ? the e300 core, built on power architecture technology, with dual integer units enables more efficient operations to be conducted in parallel, resulting in a significant performance improvement ? the single-risc quicc engine communications module offers a future- proof solution for next-generation designs by supporting programmable protocol termination and network interface termination to meet evolving protocol standards ? ddr2 memory controllerone 16/32-bit interface at up to 333 mhz with ecc support ? peripheral interfaces such as 32-bit, 66 mhz pci, 16-bit, 66 mhz local bus interface and high-speed usb 2.0, 4 x can, 4 x uarts, enhanced sdhc controller mpc8309 block diagram 16/32-bit ddr2 controller e300 core complex local bus 16 kb d-cache 16 kb i-cache 2 x duart i 2 c, spi gpio, interrupt controller dma pci esdhc 8-bit 4 x can 8-bit usb 2.0 or 16-bit gpio quicc engine coherent system bus up to 3 x rmii/mii or 2 x with ieee ? 1588 2 x hdlc /tdm accelerators i/o core
? high degree of software compatibility with previous generation powerquicc processor-based designs for backward compatibility and easier software migration quicc engine technology ? single 32-bit risc controller for flexible support of communications peripherals ? serial dma channel for receive and transmit on all serial channels ? five uccs supporting the following interfaces (not all simultaneously) - 10/100 mbps ethernet/ieee std. 802.3 through mii and rmii interfaces - ieee 1588 version-2 support - hdlc/transparent (bit rate up to quicc engine operating frequency divided by eight) - hdlc bus (bit rate up to 10 mbps) - profibus protocol support - asynchronous hdlc (bit rate up to 2 mbps) - two tdm interfaces supporting up to 128 channels, each running at 64 kbps the uccs are similar to the powerquicc ii peripherals in that the serial communications controller (scc) supports the uart and hdlc bus and fast serial communications controller (fcc) supports fast ethernet and hdlc. enablement the mpc8309-kit is a cost-optimized reference development kit for the mpc8309 processor. the kit consists of a carrier card and processor-specific system on module (som) card. the som interfaces with peripherals through the carrier card. this same carrier card can be used for the MPC8306 processor som card. the mpc830x-kit board support package (bsp) can be customized per project and combined with off-the-shelf software for product development. the bsp components provide the tools, device drivers and additional features needed for embedded linux ? os projects. mpc8309-kit contents ? mpc8309 som board ? mpc830x carrier card ? bsp ? uart cable ? ethernet cable ? power adaptor (12vC5a) and cable learn more: for current information about freescale products and documentation, please visit freescale.com/powerquicc. freescale, the freescale logo and powerquicc are trademarks of freescale semiconductor, inc. reg. u.s. pat. & tm.off. quicc engine is a trademark of freescale semiconductor, inc. all other product or service names are the property of their respective owners. the power architecture and power.org word marks and the power and power. org logos and related marks are trademarks and service marks licensed by power.org. ? 2010C2011 freescale semiconductor, inc. document number: mpc8309fs rev 2 mpc830x powerquicc ii pro processor portfolio mpc8308 mpc8309 MPC8306 MPC8306s core e300 e300 e300 e300 i-cache/d-cache 16k/16k 16k/16k 16k/16k 16k/16k floating point unit yes yes yes yes core frequency 266/333/400 266/333/400/417 133/200/266 133/200/266 quicc engine subsystem no 32-bit risc 32-bit risc 32-bit risc memory controller 16/32-bit ddr2 with ecc 16/32-bit ddr2 with ecc 16-bit ddr2 16-bit ddr2 local bus 8/16-bit up to 66 mhz 8/16-bit up to 66 mhz 8/16-bit up to 66 mhz 8/16-bit up to 66 mhz pci interface no (1 x pci express) 32-bit up to 66 mhz no no ethernet 2 x 10/100/1000 mii/rgmii 3 x 10/100 mii/rmii or 2 x 10/100 with ieee 1588 v2 3 x 10/100 mii / rmii or 2 x 10/100 with ieee 1588 v2 3 x 10/100 mii/rmii usb 2.0 yes yes yes yes uart yes (2 x) yes (4 x) yes (4 x) yes (4 x) i 2 c controller dual dual dual dual spi yes yes yes yes interrupt controller ipic ipic ipic ipic ieee ? 1588 support yes yes yes no esdhc yes yes yes no flexcan no yes yes no package 473-pin mapbga 489-pin mapbga 369-pin mapbga 369-pin mapbga


▲Up To Search▲   

 
Price & Availability of MPC8306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X