Part Number Hot Search : 
01E104 14D431K 13009 LCFS1055 90130 HI1276Y TA8061 FN4575
Product Description
Full Text Search
 

To Download MK4019GAX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.5? hard disk drive installation notes - 9.5mm series p/n 480040-p0 p/n 480040-p0 2.5? hard disk drive installation notes - 9.5mm series 01/04 01/04 toshiba storage device division 2.5" hdd series installation notes - 9.5mm series ? 2004 toshiba america information systems, inc. contents subject to change without prior notice. general description toshiba?s 9.5mm series of 2.5" hard disk drives is comprised of fast, high-capacity drives which comply with ata-5 standards. toshiba recommends that these drives be installed by a qualified technician. additional installation hardware may be required depending on how and or where the drive is being installed. specifications mk3019 mk4019 mk6022 mk4020 gax gax gax gls hdd2172 hdd2171 hdd2184 hdd2178 formatted capacity 30.00gb 40.00gb 60.011gb 40.00gb height 9.5mm 9.5mm 9.5mm 9.5mm # of disks (platters) 2222 # of data heads 3444 mk4026 mk6026 mk8026 mk5024 gax gax gax gay hdd2193 hdd2194 hdd2191 hdd2186 formatted capacity 40.007 60.011 80.012 50.020gb height 9.5mm 9.5mm 9.5mm 9.5mm # of disks (platters) 1222 # of data heads 2444 functional specification logical drive mk3019 mk4019 mk6022 mk4020 parameters gax gax gax gls hdd2171 hdd2171 hdd2184 hdd2178 # of cylinders (user) 33,440 33,440 47,080 33,280 bytes per sector 512 512 512 512 lba sectors 58,605,120 78,140,160 11,210,240 78,140,160 buffer size (kbytes) 16,384 16,384 16,384 2048 rotation speed (.1%) 5400 5400 5400 4200 transfer rate 200.8 ? 200.8 ? 202.9 ? 156.9 ? internal (mbits/sec.) 333.2 333.2 373.3 290.4 # of cylinders (logical) 16,383 16,383 16,383 16,383 # of heads 16 16 16 16 # of sec./track 63 63 63 63 pio/ultra dma (mbits/sec.) 16.6/100 16.6 16.6/100 16.6/100 seek time (msec.) average 12121212 track-to-track 2222 maximum 22 22 22 22 cabling information drive interface signals pin signal pin signal 1 -reset 2 ground 3 dd 7 4 dd 8 5 dd 6 6 dd 9 7 dd 5 8 dd 10 9 dd 4 10 dd 11 11 dd 3 12 dd 12 13 dd 2 14 dd 13 15 dd 1 16 dd 14 17 dd 0 18 dd 15 19 ground 20 key 21 dmarq 22 ground 23 -diow 24 ground stop 25 -dior 26 ground -dmardy hstrobe 27 iordy 28 csel -dmardy -dstrobe 29 -dmack 30 ground 31 intrq 32 - iocs16 33 da1 34 - pdiag 35 da0 36 da 2 37 - cs0 38 - cs1 39 - dasp 40 ground 41 +5v (logic) 42 +5v (motor) 43 ground 44 reserved note: symbol (?) in front of signal indicates negative logic. technical support should you require technical support, contact your computer distributor. if your distributor is unable to answer your questions, have them call toshiba storage device division techni- cal support, on your behalf. toshiba - storage device divison technical support phone: 503/615-4364 fax: 503/615-4379 email: toshibatech@teleplan.com you can also visit toshiba?s web site at: http://www.sdd.toshiba.com
2.5? hard disk drive installation notes - 9.5mm series p/n 480040-p0 p/n 480040-p0 2.5? hard disk drive installation notes - 9.5mm series 01/04 01/04 logical drive mk4026 mk6026 mk8026 mk5024 parameters gax gax gax gay hdd2193 hdd2194 hdd2191 hdd2186 # of cylinders (user) 54,000 42,480 54,000 44,160 bytes per sector 512 512 512 512 lba sectors 78,140,160 117,210,240 156,310,488 97,696,368 buffer size (kbytes) 16,384 16,384 16,384 16,384 rotation speed (.1%) 5400 5400 5400 7,200 transfer rate 233 ? 446 258 ? 394 233 ? 446 249 ? 440.5 internal (mbits/sec.) # of cylinders (logical) 16,383 16,383 16,383 16,383 # of heads 16 16 16 16 # of sec./track 63 63 63 63 pio/ultra dma (mbits/sec.) 16.6/100 16.6/100 16.6/100 16.6/100 seek time (msec.) average 12121212 track-to-track 2222 maximum 22 22 22 22 unp a cking pr ocedure visually inspect the shipping container prior to unpacking for any signs of damage to the container or its contents (the carrier is responsible for any damage incurred during shipment). the drive is a precision device and even a small drop onto any surface can cause damage. prior to opening the anti-static bag, it is recommended that the user ground themself with a ground strap or by touching the pc chassis or other metal object. remove the drive from the anti-static bag and check it for damage. place the drive on the anti-static bag while configuring jumpers to avoid any electrostatic discharge. save the shipping container and packing material for possible use later. drive configuration toshiba?s 2.5" hard disk drives can be configured as either master or slave units. master configuration is used for all single drive applications, and master or slave configuration (only one of each per port) is used for two drive applications. use the information in the following table before setting m/s drive. master configuration is obtained by setting jumpers b, c & d open (no jumper). slave configuration is obtained by setting jumpers c-d. when b-d jumper is installed, the drive is configured as cable select. if pin 28 = low, the drive is master. if pin 28 = high, the drive is slave. figure 1 ? 2.5" hdd jumper locations jumper p28 drive no jumper - master drive c-d jumper - slave drive b-d jumper low master drive b-d jumper high slave drive a-b jumper - slave drive/ a-c j umper - prohibit figure 2 ? mounting hole locations installation instructions note: toshiba?s 2.5? hdds are primarily used in notebook devices. installation into a notebook varies depending on the system manufacturer. toshiba?s 2.5? drives that are installed into a desktop pc require a 3.5? installation kit. 1. determine mounting configuration (can be mounted in either a horizontal or verti- cal orientation). 2. configure drive for system application. 3. install the i/f cable to the system?s 44 pin connector port or adapter board (if required). ensure pin 1 is oriented correctly. (pin 1 on the cable is usually identi- fied by a red or blue stripe.) 4. refer to applicable manuals for software installation instructions. 43 key pin 20 1ca db jumpers interface connector mounting holes
2.5? hard disk drive installation notes - 9.5mm series p/n 480040-p0 p/n 480040-p0 2.5? hard disk drive installation notes - 9.5mm series 01/04 01/04 logical drive mk4026 mk6026 mk8026 mk5024 parameters gax gax gax gay hdd2193 hdd2194 hdd2191 hdd2186 # of cylinders (user) 54,000 54,000 54,000 44,160 bytes per sector 512 512 512 512 lba sectors 78,140,160 117,210,240 156,310,488 97,696,368 buffer size (kbytes) 16,384 16,384 16,384 16,384 rotation speed (.1%) 5400 5400 5400 7,200 transfer rate 233 ? 446 258 ? 394 233 ? 446 249 ? 440.5 internal (mbits/sec.) # of cylinders (logical) 16,383 16,383 16,383 16,383 # of heads 16 16 16 16 # of sec./track 63 63 63 63 pio/ultra dma (mbits/sec.) 16.6/100 16.6/100 16.6/100 16.6/100 seek time (msec.) average 12121212 track-to-track 2222 maximum 22 22 22 22 unp a cking pr ocedure visually inspect the shipping container prior to unpacking for any signs of damage to the container or its contents (the carrier is responsible for any damage incurred during shipment). the drive is a precision device and even a small drop onto any surface can cause damage. prior to opening the anti-static bag, it is recommended that the user ground themself with a ground strap or by touching the pc chassis or other metal object. remove the drive from the anti-static bag and check it for damage. place the drive on the anti-static bag while configuring jumpers to avoid any electrostatic discharge. save the shipping container and packing material for possible use later. drive configuration toshiba?s 2.5" hard disk drives can be configured as either master or slave units. master configuration is used for all single drive applications, and master or slave configuration (only one of each per port) is used for two drive applications. use the information in the following table before setting m/s drive. master configuration is obtained by setting jumpers b, c & d open (no jumper). slave configuration is obtained by setting jumpers c-d. when b-d jumper is installed, the drive is configured as cable select. if pin 28 = low, the drive is master. if pin 28 = high, the drive is slave. figure 1 ? 2.5" hdd jumper locations jumper p28 drive no jumper - master drive c-d jumper - slave drive b-d jumper low master drive b-d jumper high slave drive a-b jumper - slave drive/ a-c j umper - prohibit figure 2 ? mounting hole locations installation instructions note: toshiba?s 2.5? hdds are primarily used in notebook devices. installation into a notebook varies depending on the system manufacturer. toshiba?s 2.5? drives that are installed into a desktop pc require a 3.5? installation kit. 1. determine mounting configuration (can be mounted in either a horizontal or verti- cal orientation). 2. configure drive for system application. 3. install the i/f cable to the system?s 44 pin connector port or adapter board (if required). ensure pin 1 is oriented correctly. (pin 1 on the cable is usually identi- fied by a red or blue stripe.) 4. refer to applicable manuals for software installation instructions. 43 key pin 20 1ca db jumpers interface connector mounting holes
2.5? hard disk drive installation notes - 9.5mm series p/n 480040-p0 p/n 480040-p0 2.5? hard disk drive installation notes - 9.5mm series 01/04 01/04 toshiba storage device division 2.5" hdd series installation notes - 9.5mm series ? 2004 toshiba america information systems, inc. contents subject to change without prior notice. general description toshiba?s 9.5mm series of 2.5" hard disk drives is comprised of fast, high-capacity drives which comply with ata-5 standards. toshiba recommends that these drives be installed by a qualified technician. additional installation hardware may be required depending on how and or where the drive is being installed. specifications mk3019 mk4019 mk6022 mk4020 gax gax gax gls hdd2172 hdd2171 hdd2184 hdd2178 formatted capacity 30.00gb 40.00gb 60.011gb 40.00gb height 9.5mm 9.5mm 9.5mm 9.5mm # of disks (platters) 2222 # of data heads 3444 mk4026 mk6026 mk8026 mk5024 gax gax gax gay hdd2193 hdd2194 hdd2191 hdd2186 formatted capacity 40.007 60.011 80.012 50.020gb height 9.5mm 9.5mm 9.5mm 9.5mm # of disks (platters) 1222 # of data heads 2444 functional specification logical drive mk3019 mk4019 mk6022 mk4020 parameters gax gax gax gls hdd2171 hdd2171 hdd2184 hdd2178 # of cylinders (user) 33,440 33,440 47,080 33,280 bytes per sector 512 512 512 512 lba sectors 58,605,120 78,140,160 11,210,240 78,140,160 buffer size (kbytes) 16,384 16,384 16,384 2048 rotation speed (.1%) 5400 5400 5400 4200 transfer rate 200.8 ? 200.8 ? 202.9 ? 156.9 ? internal (mbits/sec.) 333.2 333.2 373.3 290.4 # of cylinders (logical) 16,383 16,383 16,383 16,383 # of heads 16 16 16 16 # of sec./track 63 63 63 63 pio/ultra dma (mbits/sec.) 16.6/100 16.6 16.6/100 16.6/100 seek time (msec.) average 12121212 track-to-track 2222 maximum 22 22 22 22 cabling information drive interface signals pin signal pin signal 1 -reset 2 ground 3 dd 7 4 dd 8 5 dd 6 6 dd 9 7 dd 5 8 dd 10 9 dd 4 10 dd 11 11 dd 3 12 dd 12 13 dd 2 14 dd 13 15 dd 1 16 dd 14 17 dd 0 18 dd 15 19 ground 20 key 21 dmarq 22 ground 23 -diow 24 ground stop 25 -dior 26 ground -dmardy hstrobe 27 iordy 28 csel -dmardy -dstrobe 29 -dmack 30 ground 31 intrq 32 - iocs16 33 da1 34 - pdiag 35 da0 36 da 2 37 - cs0 38 - cs1 39 - dasp 40 ground 41 +5v (logic) 42 +5v (motor) 43 ground 44 reserved note: symbol (?) in front of signal indicates negative logic. technical support should you require technical support, contact your computer distributor. if your distributor is unable to answer your questions, have them call toshiba storage device division techni- cal support, on your behalf. toshiba - storage device divison technical support phone: 503/615-4364 fax: 503/615-4379 email: toshibatech@teleplan.com you can also visit toshiba?s web site at: http://www.sdd.toshiba.com


▲Up To Search▲   

 
Price & Availability of MK4019GAX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X