Part Number Hot Search : 
IRS21 STM6968 2500V GR40N60 US1DL AC12V P6NB80FP HMC606L
Product Description
Full Text Search
 

To Download MBU100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  +vo bipolar push-pull inverter +vin -vin -vo block diagram low profile i/o isolation 1000 vdc low cost $ taking up as little as 0.18 s quare inches of board space, minmax's MBU100 1w dc/dc's are specially designed to provide power distribution applicat ions where space is critical in an ultra-miniature sip package. the series consists of 12 models with input voltages of 5v, 12v and 24vdc which offers standard single output voltages of 5v, 9v, 12v, 15vdc. the MBU100 series is an excellent selection for a variety of applications including dist ributed power systems, mixed analog/digital subsystems, port able test equipments, local power networks and battery backed systems. y industry standard pinout y internal smd construction y ul 94v-0 package material y temperature performance -40] to +75] y output 5, 9, 12 and 15vdc y input 5, 12 and 24vdc y low cost y mtbf > 2,000,000 hours y 1000vdc isolation y efficiency up to 80% key features 1w, ultra miniature sip, si ngle output dc/dc converter MBU100 series rev:0 2005/04 minmax 1
79 4 53 1 67 15 mbu124 79 4 53 1.5 84 12 mbu123 76 5 54 2 110 9 mbu122 70 8 7 60 4 200 5 24 (21.6~26.4) mbu121 80 4 105 1 67 15 mbu114 79 5 106 1.5 84 12 mbu113 77 5 107 2 110 9 mbu112 71 9 13 117 4 200 5 12 (10.8~13.2) mbu111 78 6 258 1 67 15 mbu104 77 7 262 1.5 84 12 mbu103 76 8 260 2 110 9 mbu102 69 11 30 290 4 200 5 5 (4.5~5.5) mbu101 % (typ.) % (max.) ma (typ.) ma (typ.) ma ma vdc vdc @max. load @no load @max. load min. max. efficiency load regulation input current output current output voltage input voltage model number model selection guide free-air convection cooling % 95 --- humidity ] +125 -40 storage temperature ] +90 -40 case operating temperature ] +75 -40 ambient operating temperature unit max. min. conditions parameter environmental specifications exceeding the absolute maximum rati ngs of the unit could cause damage. these are not conti nuous operating ratings. mw 450 --- internal power dissipation ] 260 --- lead temperature (1.5mm from case for 10 sec.) vdc 30 -0.7 24vdc input models vdc 18 -0.7 12vdc input models vdc 9 -0.7 5vdc input models input surge voltage ( 1000 ms ) unit max. min. parameter notes : 1. specifications typical at ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. ripple & noise measurement bandwidth is 0-20 mhz. 3. these power converte rs require a minimum output loading to maintain specified regulation. 4. operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 5. all dc/dc converters s hould be externally fused at the front end for protection. 6. other input and output voltage may be available, please contact factory. 7. specifications subjec t to change without notice. absolute maximum ratings internal capacitor input filter a 0.3 --- --- all models reverse polarity input current 26.4 24 21.6 24v input models 13.2 12 10.8 12v input models vdc 5.5 5 4.5 5v input models input voltage range unit max. typ. min. model parameter input specifications MBU100 series 2 minmax rev:0 2005/04
k hours --- --- 2000 mil-hdbk-217f @ 25], ground benign mtbf khz 110 90 50 switching frequency pf 100 60 --- 100khz,1v isolation capacitance m[ --- --- 1000 500vdc isolation resistance vdc --- --- 1100 flash tested for 1 second isolation voltage test vdc --- --- 1000 60 seconds isolation voltage rated unit max. typ. min. conditions parameter general specifications 0.5 second max. output short circuit %/] {0.02 {0.01 --- temperature coefficient % --- --- 120 over load mv rms 5 --- --- ripple & noise (20mhz) mv p-p 200 --- --- over line, load & temp. ripple & noise (20mhz) mv p-p 150 100 --- ripple & noise (20mhz) % see model selection guide io=20% to 100% load regulation % {1.5 {1.2 --- for vin change of 1% line regulation % {3.0 {1.0 --- output voltage accuracy unit max. typ. min. conditions parameter output specifications uf 33 33 33 33 maximum capacitive load unit 15v 12v 9v 5v models by vout capacitive load 100ma slow - blow type 200ma slow - blow type 500ma slow - blow type 24v input models 12v input models 5v input models input fuse selection guide MBU100 series rev:0 2005/04 minmax 3
derating curve ( all other output ) derating curve ( 5v output only ) ? ] ambient temperature output power (%) 0 20 40 60 80 100 -40 50 60 80 100 110 90 70 400lfm 200lfm 100lfm natural convection ? ] ambient temperature output power (%) 0 20 40 60 80 100 -40 50 60 80 100 110 90 70 400lfm 200lfm 100lfm natural convection efficiency vs output load efficiency vs input voltage 20 30 40 50 60 70 80 90 load current (%) efficiency (%) 100 60 40 20 10 80 50 60 70 80 90 100 efficiency (%) input voltage (v) nom low high MBU100 series 4 minmax rev:0 2005/04
test configurations input reflected-ripple current test setup input reflected-ripple current is measured with a inductor lin (4.7uh) and cin (220uf, esr < 1.0[ at 100 khz) to simulate source impedance. capacitor cin, offsets possible battery impedance. current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 khz . peak-to-peak output noise measurement test use a cout 0.33uf ceramic capacitor. scope measurement should be made by using a bnc socket, measurement bandwidth is 0-20 mhz. position the load between 50 mm and 75 mm from the dc/dc converter. design & feature considerations maximum capacitive load the MBU100 series has limitation of maximum connected capacitance at the output. the power module may be oper ated in current limiting mode during start-up, affecti ng the ramp-up and the startup time. for optimum performance we recommend 33uf maximum capacitive load for devices. the maximum capacitance can be found in the data sheet. input source impedance the power module should be connected to a low ac-impedance input source. highly inductive source impedances can affect the st ability of the power module. in applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low equivalent series resistance (esr < 1.0[ at 100 khz) capacitor of a 1.5uf for t he 5v input devices, a 1.0uf for the 12v input devices and a 0.47uf for the 24v devices. output ripple reduction a good quality low esr capacitor placed as close as practicable across the load will give the best ripple and noise performance. to reduce output ripple, it is recommended to use 1uf capacitors at the output. thermal considerations many conditions affect the thermal performance of the power module, such as orientat ion, airflow over the module and board spacing. to avoid exceeding the maximum temperature rating of t he components inside the power module, the case temperatur e must be kept below 90c. the derating curves are det ermined from measurements obtained in an exper imental apparatus. MBU100 series rev:0 2005/04 minmax 5 +out -out +vin -vin dc / dc converter load battery + lin + cin to oscilloscope current probe +out -out +vin -vin single output dc / dc converter resistive load scope copper strip cout + +out -out +vin -vin dc / dc converter load dc power source + - cin +out -out +vin -vin load dc power source + - cout single output dc / dc converter dut position of air velocity probe and thermocouple 50mm / 2in air flow 15mm / 0.6in
the MBU100 converter is encapsulated in a low thermal resistance molding compound t hat has excellent resistance/electrical characteristics over a wide temperatur e range or in high humidity environments. the encapsulant and unit case are both rated to ul 94v-0 flammability specifications. leads are tin plated for improved solderability. 1.7g (24v input) 1.3g (5 & 12v input) : weight non-conductive black plastic : case material 0.45*0.28*0.40 inches +vout 4 11.5*7.1*10.2mm : case size (24v input) -vout 3 +vin 2 0.45*0.24*0.40 inches -vin 1 11.5*6.1*10.2 mm : case size (5 & 12v input) function pin physical characteristics pin connections {0.002 {0.05 pin x.xxx{0.005 x.xx{0.13 x.xx{0.01 x.x{0.25 inches millimeters tolerance t: 7.1(0.28) for 24v input models t: 6.1(0.24) for 5v&12v input models 11.5 [0.45] 10.2 [0.40] 0.5 [0.02] t 12 1.8 [0.07] 34 1.9 [0.08] 3.2 [0.13] 10.5 [0.41] 2.54 [0.100] 0.25 [0.010] connecting pin patterns bottom view ( 2.54 mm / 0.1 inch grids ) mechanical dimensions MBU100 series 6 minmax rev:0 2005/04


▲Up To Search▲   

 
Price & Availability of MBU100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X