Part Number Hot Search : 
PSVT9012 200BZ 101001 SMAB3608 PI49FCT 2SC36 SDR2KSMS LTC36
Product Description
Full Text Search
 

To Download IXZ2210N50L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ixz210n50l & IXZ2210N50L rf power mosfet v dss = 500 v i d25 = 10 a symbol test conditions maximum ratings v dss t j = 25c to 150c 500 v v dgr t j = 25c to 150c; r gs = 1 m 500 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25c 10 a i dm t c = 25c, pulse width limited by t jm 60 a i ar t c = 25c 16 a e ar t c = 25c tbd mj dv/dt i s i dm , di/dt 100a/ s, v dd v dss , t j 150c, r g = 0.2 5 v/ns i s = 0 >200 v/ns p dc 470 940 w p dhs t c = 25c, derate 6.0w/c above 25c 235 470 w p damb t c = 25c 10 10 w r thjc 0.32 0.16 c/w r thjhs 0.57 0.29 c/w ixz210n50l IXZ2210N50L min. typ. max. v dss v gs = 0 v, i d = 4 ma 500 v v gs(th) v ds = v gs , i d = 250 3.5 4.95 6.5 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = 0.8v dss t j = 25c v gs =0 t j =125c 50 1 a ma r ds(on) v gs = 20 v, i d = 0.5i d25 pulse test, t 300 s, duty cycle d 2% 1.0 g fs v ds = 50 v, i d = 0.5i d25 , pulse test 3.8 s t j -55 +175 c t jm +175 c t stg -55 + 175 c t l 1.6mm(0.063 in) from case for 10 s 300 c weight 4 g features ? isolated substrate ? high isolation voltage (>2500v) ? excellent thermal transfer ? increased temperature and power cycling capability ? ixys rf low capacitance z-mos tm process ? very low insertion inductance (<2nh) ? no beryllium oxide (beo) or other hazardous materials advantages ? high performance rf package ? easy to mountno insulators needed (1) thermal specifications are for the pack- age, not per transistor n-channel enhancement mode linear 175mhz rf mosfet low capacitance z-mos tm mosfet process optimized for linear operation ideal for class ab & c, broadcast & communications applications 150v (operating) 300 & 550 watts 175mhz note: all data is per the ixz210n50l single ended d evice unless otherwise noted.
ixz210n50l & IXZ2210N50L rf power mosfet symbol test conditions characteristic values ( t j = 25c unless otherwise specified) min. typ. max. c iss 560 622 690 pf c oss v gs = 0 v, v ds = 0.8 v dss(max) , f = 1 mhz 50 77 150 pf c rss 10 12 13 pf c stray back metal to any pin 21 pf t d(on) 4 ns t on v gs = 15 v, v ds = 0.8 v dss i d = 0.5 i dm r g = 1 (external) 3 ns t d(off) 4 ns t off 5 ns vhf communications min. typ. max. gps vdd= 50v, pout=200w, f=175mhz 13 16 drain efficiency vdd= 50v, pout=200w, f=175mhz 50 60 load mismatch vdd= 150v, pout=300w, f=175mhz tbd db % 3t mri min. typ. max. gps(1) vdd=150v, p out =475w, f=128mhz 12 13 db drain efficiency vdd= 50v, pout=200w, f=175mhz 60 65 % zin= 0.59-j0.90 zout= 5.86+j9.34 (1) - as measured under pulsed conditions (5 ms, 5% ) with a gated bias in class ab, at p1db.
ixz210n50l & IXZ2210N50L rf power mosfet 1 10 100 1000 10000 0 50 100 150 200 250 300 350 400 vds in volts c apacitance in pf \ ixz210n50l capacitance verses vds ciss coss crss
ixz210n50l & IXZ2210N50L rf power mosfet s-parmaters for ids = 200ma and vds = 100v f mhz mag s11 ang s11 mag s12 ang s12 mag s21 ang s21 mag s22 ang s22 2.00 1.00 -61.49 0.01 72.80 64.02 152.19 0.88 -51.4 2 2.56 0.95 -74.73 0.01 50.41 54.88 136.18 0.78 -61.8 5 3.12 0.92 -85.18 0.01 36.03 46.48 125.23 0.70 -69.8 5 3.68 0.90 -94.18 0.02 33.42 39.80 117.56 0.64 -76.5 2 4.24 0.89 -101.51 0.01 24.74 34.43 111.83 0.59 -81. 83 4.80 0.88 -107.76 0.02 23.38 30.24 107.62 0.56 -86. 25 5.36 0.88 -113.39 0.01 18.24 26.95 104.21 0.53 -90. 12 5.92 0.87 -118.05 0.02 21.02 24.14 101.58 0.50 -93. 86 6.48 0.87 -122.38 0.02 20.15 21.89 99.12 0.48 -96.9 1 7.04 0.87 -125.89 0.01 8.21 20.03 97.24 0.47 -99.89 7.60 0.87 -129.15 0.02 11.90 18.44 95.40 0.46 -102. 23 8.16 0.87 -132.06 0.02 5.83 17.06 93.95 0.45 -104.5 3 8.72 0.88 -134.68 0.02 9.67 15.88 92.60 0.45 -106.3 0 9.28 0.88 -136.96 0.02 3.87 14.88 91.37 0.44 -107.9 3 9.84 0.88 -139.10 0.01 11.87 13.96 90.58 0.43 -109. 34 10.40 0.88 -141.24 0.01 2.91 13.13 89.43 0.43 -110. 69 10.96 0.88 -142.85 0.01 5.48 12.44 88.35 0.43 -112. 27 11.52 0.88 -144.45 0.01 3.66 11.77 87.69 0.43 -113. 80 12.08 0.88 -145.98 0.01 -0.44 11.15 86.75 0.43 -114 .55 12.64 0.88 -147.31 0.01 -1.43 10.63 85.86 0.43 -115 .60 13.20 0.89 -148.50 0.01 4.33 10.16 85.17 0.43 -116. 56 13.76 0.89 -149.72 0.02 7.20 9.71 84.54 0.43 -117.3 7 14.32 0.89 -150.84 0.01 3.37 9.29 83.87 0.43 -118.5 6 14.88 0.89 -151.71 0.01 6.52 8.94 83.32 0.44 -118.8 3 15.44 0.89 -152.76 0.01 6.34 8.58 82.74 0.44 -119.5 6 16.00 0.89 -152.79 0.01 4.79 8.57 82.70 0.44 -119.6 4 16.56 0.89 -153.60 0.01 -2.91 8.26 82.15 0.44 -120. 22 17.12 0.89 -154.31 0.01 4.60 7.96 81.57 0.44 -120.7 9 17.68 0.89 -155.09 0.01 3.83 7.68 81.02 0.45 -121.3 7 18.24 0.89 -155.97 0.01 -3.23 7.43 80.50 0.45 -121. 90 18.80 0.89 -156.64 0.01 2.53 7.19 79.91 0.46 -122.4 5 19.36 0.90 -157.26 0.01 -7.10 6.95 79.33 0.46 -123. 00 19.92 0.90 -157.88 0.02 2.86 6.74 78.75 0.46 -123.3 9 20.48 0.90 -158.51 0.01 -2.49 6.55 78.27 0.47 -123. 87 21.04 0.90 -159.06 0.01 0.66 6.36 77.80 0.47 -124.2 4 21.60 0.90 -159.38 0.01 1.39 6.17 77.35 0.48 -124.8 4 22.16 0.90 -160.04 0.01 -0.33 6.01 76.69 0.48 -125. 20 22.72 0.90 -160.47 0.01 0.37 5.85 76.38 0.48 -125.6 4 23.28 0.90 -160.97 0.01 -1.11 5.70 75.91 0.49 -126. 10 23.84 0.90 -161.44 0.01 -4.88 5.55 75.27 0.49 -126. 27 24.40 0.90 -161.68 0.01 -1.29 5.41 74.80 0.50 -126. 56 24.96 0.90 -162.29 0.01 -0.45 5.28 74.39 0.50 -127. 29 25.52 0.90 -162.56 0.02 -2.68 5.16 73.82 0.51 -127. 36 26.08 0.90 -162.98 0.01 -5.35 5.04 73.46 0.51 -127. 78 26.64 0.90 -163.29 0.01 -4.70 4.92 72.84 0.52 -128. 36 27.20 0.90 -163.81 0.01 -3.38 4.82 72.28 0.52 -128. 52 27.76 0.91 -164.05 0.01 -7.12 4.71 71.75 0.52 -128. 88 28.32 0.90 -164.26 0.01 -1.90 4.59 71.36 0.53 -129. 17 28.88 0.91 -164.63 0.01 -1.98 4.51 70.81 0.53 -129. 54 29.44 0.91 -164.83 0.01 -2.49 4.42 70.42 0.54 -129. 83 30.00 0.91 -165.24 0.01 -3.00 4.31 69.85 0.54 -130. 17
ixz210n50l & IXZ2210N50L rf power mosfet s-parmaters for ids = 500ma and vds = 85v f mhz mag s11 ang s11 mag s12 ang s12 mag s21 ang s21 mag s22 ang s22 2.00 1.00 -75.60 0.01 51.67 98.32 135.58 0.83 -77.1 9 2.56 0.92 -88.14 0.01 41.71 76.78 120.80 0.73 -90.2 1 3.12 0.89 -97.38 0.01 26.40 61.88 111.89 0.65 -99.7 4 3.68 0.87 -105.23 0.01 20.78 51.39 105.98 0.61 -107 .26 4.24 0.87 -111.43 0.01 17.69 43.57 101.80 0.57 -113 .20 4.80 0.87 -116.93 0.01 13.57 37.75 98.72 0.55 -118. 05 5.36 0.87 -121.73 0.01 11.35 33.33 96.32 0.53 -121. 94 5.92 0.87 -125.77 0.01 14.74 29.65 94.63 0.52 -125. 82 6.48 0.88 -129.43 0.01 18.53 26.68 92.99 0.51 -128. 85 7.04 0.88 -132.51 0.01 5.00 24.33 91.67 0.51 -131.5 0 7.60 0.89 -135.38 0.01 11.59 22.32 90.53 0.50 -133. 72 8.16 0.89 -137.91 0.01 4.28 20.59 89.62 0.50 -135.7 9 8.72 0.90 -140.21 0.01 2.67 19.14 88.81 0.50 -137.3 0 9.28 0.90 -142.15 0.01 -0.50 17.89 87.97 0.49 -138. 59 9.84 0.91 -144.08 0.01 7.28 16.77 87.74 0.49 -139.8 6 10.40 0.91 -145.79 0.01 3.08 15.74 86.98 0.49 -140. 96 10.96 0.91 -147.24 0.01 4.92 14.91 86.27 0.49 -142. 13 11.52 0.91 -148.71 0.01 4.59 14.13 85.96 0.49 -143. 40 12.08 0.92 -150.00 0.01 0.05 13.37 85.37 0.49 -143. 90 12.64 0.92 -151.28 0.01 -3.47 12.74 84.86 0.49 -144 .57 13.20 0.92 -152.29 0.01 3.75 12.20 84.42 0.49 -145. 23 13.76 0.93 -153.33 0.01 6.98 11.65 84.06 0.49 -145. 74 14.32 0.93 -154.29 0.01 -1.36 11.15 83.58 0.49 -146 .57 14.88 0.93 -155.22 0.01 7.91 10.75 83.43 0.49 -146. 58 15.44 0.93 -156.05 0.01 6.46 10.32 83.03 0.50 -147. 08 16.00 0.93 -156.02 0.01 4.31 10.32 83.01 0.50 -147. 08 16.56 0.93 -156.80 0.01 3.45 9.95 82.75 0.50 -147.2 9 17.12 0.93 -157.45 0.01 3.31 9.60 82.30 0.50 -147.7 7 17.68 0.93 -158.24 0.01 7.43 9.26 81.97 0.50 -148.0 5 18.24 0.93 -159.00 0.01 -0.33 8.98 81.69 0.50 -148. 23 18.80 0.93 -159.52 0.01 8.91 8.71 81.27 0.51 -148.6 0 19.36 0.94 -160.13 0.01 -5.90 8.41 80.91 0.51 -148. 70 19.92 0.94 -160.64 0.01 6.68 8.18 80.48 0.51 -148.8 3 20.48 0.94 -161.22 0.01 6.33 7.96 80.17 0.51 -149.0 5 21.04 0.94 -161.70 0.01 13.23 7.74 79.82 0.51 -149. 25 21.60 0.94 -162.01 0.01 10.44 7.51 79.49 0.52 -149. 55 22.16 0.94 -162.64 0.01 4.32 7.33 79.06 0.52 -149.5 6 22.72 0.94 -163.02 0.01 6.04 7.14 78.83 0.52 -149.6 9 23.28 0.94 -163.36 0.01 8.23 6.97 78.51 0.52 -149.7 5 23.84 0.94 -163.92 0.01 4.67 6.80 77.96 0.53 -149.9 1 24.40 0.94 -164.13 0.01 3.79 6.62 77.61 0.53 -149.9 1 24.96 0.94 -164.61 0.01 7.04 6.48 77.41 0.53 -150.1 9 25.52 0.95 -164.83 0.01 4.29 6.34 76.89 0.53 -150.0 0 26.08 0.94 -165.25 0.01 1.02 6.20 76.63 0.53 -150.2 1 26.64 0.95 -165.49 0.01 1.65 6.06 76.12 0.54 -150.4 1 27.20 0.95 -165.87 0.01 4.26 5.95 75.63 0.54 -150.4 0 27.76 0.95 -166.18 0.01 4.00 5.82 75.23 0.54 -150.4 6 28.32 0.95 -166.42 0.01 11.55 5.68 74.90 0.55 -150. 43 28.88 0.95 -166.71 0.01 9.83 5.58 74.44 0.55 -150.4 8 29.44 0.95 -166.89 0.01 5.47 5.47 74.11 0.55 -150.5 7 30.00 0.95 -167.21 0.01 2.61 5.35 73.63 0.55 -150.6 9
ixz210n50l & IXZ2210N50L rf power mosfet s-parmaters for ids = 200ma and vds = 150v freq mag s11 ang s11 mag s12 ang s12 mag s21 ang s21 mag s22 ang s22 30.00 0.985 / -164 0.027 / -0.428 2.988 / 87.481 0. 469 / -104.432 40.00 0.972 / -169.4 0.028 / -12.122 2.418 / 75.537 0.627 / -110.792 50.00 0.963 / -172.1 0.023 / -24.503 1.824 / 62.952 0.756 / -124.821 60.00 0.963 / -174.1 0.020 / -30.560 1.406 / 55.303 0.806 / -134.397 70.00 0.963 / -175.8 0.016 / -31.162 1.129 / 49.494 0.835 / -141.129 80.00 0.965 / -177.1 0.013 / -30.040 0.929 / 44.780 0.857 / -146.214 90.00 0.967 / -178.3 0.010 / -27.418 0.781 / 40.232 0.872 / -150.048 100.00 0.968 / -179.3 0.008 / -19.867 0.667 / 36.24 6 0.886 / -153.386 110.00 0.969 / 179.75 0.006 / -2.754 0.574 / 32.733 0.898 / -155.949 120.00 0.970 / 178.99 0.006 / 8.322 0.502 / 29.717 0.906 / -157.947 130.00 0.972 / 178.23 0.006 / 27.617 0.441 / 26.947 0.912 / -160.096 140.00 0.971 / 177.29 0.006 / 44.780 0.393 / 24.016 0.921 / -162.016 150.00 0.972 / 176.6 0.008 / 59.471 0.350 / 21.579 0.924 / -163.648 160.00 0.972 / 175.9 0.009 / 63.960 0.316 / 19.409 0.929 / -165.262 170.00 0.973 / 175.24 0.010 / 70.370 0.285 / 17.254 0.936 / -166.491 180.00 0.974 / 174.48 0.012 / 69.920 0.258 / 15.438 0.940 / -167.653 190.00 0.975 / 173.97 0.013 / 72.865 0.237 / 14.006 0.943 / -168.645 200.00 0.975 / 173.41 0.015 / 75.453 0.216 / 12.167 0.949 / -169.803 210.00 0.975 / 172.77 0.017 / 76.271 0.198 / 10.962 0.952 / -170.829 220.00 0.975 / 172.25 0.018 / 77.550 0.183 / 10.057 0.952 / -171.632 230.00 0.975 / 171.67 0.020 / 77.798 0.170 / 8.978 0.956 / -172.337 240.00 0.973 / 171.1 0.021 / 79.336 0.157 / 8.367 0 .958 / -172.989 250.00 0.976 / 170.67 0.022 / 78.614 0.147 / 7.595 0.960 / -173.679 260.00 0.976 / 170.24 0.023 / 79.747 0.138 / 6.905 0.960 / -174.288 270.00 0.975 / 169.51 0.025 / 78.724 0.129 / 6.519 0.964 / -174.901 280.00 0.976 / 169.12 0.027 / 78.855 0.120 / 6.542 0.961 / -175.772 290.00 0.974 / 168.54 0.028 / 79.646 0.114 / 6.613 0.962 / -176.021 300.00 0.974 / 168.04 0.030 / 79.190 0.106 / 6.674 0.964 / -176.781 310.00 0.976 / 167.42 0.031 / 79.014 0.100 / 6.851 0.963 / -177.411 320.00 0.976 / 166.98 0.033 / 78.105 0.095 / 7.030 0.964 / -178.015 330.00 0.976 / 166.5 0.034 / 78.442 0.090 / 7.987 0 .967 / -178.532 340.00 0.976 / 165.94 0.035 / 77.971 0.085 / 8.645 0.968 / -179.04 350.00 0.976 / 165.52 0.037 / 77.664 0.081 / 9.272 0.970 / -179.518 360.00 0.976 / 165.04 0.038 / 77.268 0.078 / 10.502 0.972 / -179.938 370.00 0.976 / 164.52 0.040 / 76.920 0.075 / 11.048 0.973 / 179.613 380.00 0.975 / 164 0.041 / 76.879 0.072 / 12.402 0. 974 / 179.206 390.00 0.975 / 163.53 0.043 / 76.965 0.070 / 14.281 0.974 / 178.814 400.00 0.974 / 163.07 0.045 / 75.997 0.068 / 15.804 0.975 / 178.486 410.00 0.974 / 162.55 0.046 / 75.803 0.064 / 16.417 0.976 / 178.031 420.00 0.974 / 162.01 0.048 / 75.481 0.064 / 19.270 0.976 / 177.687 430.00 0.974 / 161.52 0.050 / 75.195 0.063 / 20.871 0.977 / 177.312 440.00 0.974 / 161.01 0.052 / 74.760 0.063 / 22.992 0.978 / 177.021 450.00 0.974 / 160.48 0.053 / 74.080 0.061 / 24.363 0.978 / 176.675 460.00 0.973 / 159.97 0.055 / 74.002 0.061 / 26.305 0.978 / 176.295 470.00 0.973 / 159.44 0.057 / 73.527 0.061 / 28.226 0.979 / 175.969 480.00 0.973 / 158.91 0.059 / 73.280 0.061 / 30.056 0.980 / 175.612 490.00 0.972 / 158.36 0.061 / 72.979 0.061 / 32.020 0.979 / 175.328 500.00 0.972 / 157.82 0.063 / 72.422 0.061 / 33.671 0.979 / 175.012
ixz210n50l & IXZ2210N50L rf power mosfet s-parmaters for ids = 500ma and vds = 150v f mhz mag s11 ang s11 mag s12 ang s12 mag s21 ang s21 mag s22 ang s22 30.00 0.972 / -166.83 0.024/ 1.31 4.123 / 80.919 0. 437 / -122.05 40.00 0.961 / -171.25 0.024/ -9.42 3.213 / 71.151 0 .550 / -122.51 50.00 0.953 / -173.48 0.021/ -20.57 2.409 / 60.370 0.679 / -131.24 60.00 0.954 / -175.24 0.018/ -25.77 1.852 / 53.746 0.745 / -138.67 70.00 0.956 / -176.58 0.014/ -25.66 1.479 / 48.975 0.784 / -144.34 80.00 0.959 / -177.85 0.012/ -24.77 1.214 / 44.916 0.815 / -148.72 90.00 0.962 / -178.91 0.009/ -16.63 1.021 / 41.457 0.837 / -152.18 100.00 0.963 / -179.92 0.008/ -10.71 0.876 / 38.215 0.855 / -155.14 110.00 0.965 / 179.28 0.007/ 3.84 0.760 / 35.387 0. 871 / -157.52 120.00 0.966 / 178.51 0.006 / 21.43 0.669 / 32.840 0.881 / -159.44 130.00 0.968 / 177.76 0.007 / 33.62 0.590 / 30.369 0.890 / -161.35 140.00 0.968 / 176.94 0.007 / 50.63 0.530 / 27.881 0.899 / -163.19 150.00 0.969 / 176.26 0.009 / 57.23 0.476 / 25.671 0.902 / -164.66 160.00 0.970 / 175.50 0.011 / 67.29 0.431 / 23.797 0.910 / -166.27 170.00 0.969 / 174.91 0.011 / 68.91 0.392 / 21.572 0.918 / -167.38 180.00 0.970 / 174.21 0.013 / 70.26 0.359 / 19.869 0.922 / -168.47 190.00 0.971 / 173.68 0.014 / 73.60 0.330 / 18.274 0.926 / -169.38 200.00 0.971 / 173.07 0.015 / 74.18 0.299 / 17.196 0.932 / -170.41 210.00 0.971 / 172.50 0.017 / 74.24 0.280 / 14.998 0.937 / -171.32 220.00 0.972 / 171.86 0.019 / 75.56 0.260 / 13.641 0.938 / -172.13 230.00 0.972 / 171.45 0.019 / 77.06 0.242 / 12.329 0.942 / -172.75 240.00 0.972 / 170.91 0.021 / 76.73 0.225 / 11.133 0.945 / -173.40 250.00 0.976 / 170.36 0.023 / 77.85 0.212 / 9.768 0 .947 / -174.06 260.00 0.974 / 170.07 0.024 / 78.35 0.199 / 9.038 0 .948 / -174.64 270.00 0.971 / 169.36 0.025 / 78.20 0.187 / 8.074 0 .953 / -175.13 280.00 0.972 / 168.83 0.027 / 77.62 0.176 / 7.216 0 .952 / -175.79 290.00 0.971 / 168.31 0.029 / 78.26 0.165 / 6.391 0 .952 / -176.24 300.00 0.972 / 167.79 0.030 / 78.12 0.156 / 6.231 0 .953 / -176.96 310.00 0.973 / 167.33 0.031 / 78.03 0.149 / 5.587 0 .952 / -177.58 320.00 0.973 / 166.83 0.033 / 77.49 0.140 / 5.009 0 .954 / -178.17 330.00 0.972 / 166.36 0.034 / 77.15 0.133 / 5.291 0 .957 / -178.68 340.00 0.972 / 165.83 0.036 / 76.97 0.126 / 4.941 0 .959 / -179.18 350.00 0.974 / 165.40 0.037 / 77.21 0.120 / 4.956 0 .960 / -179.63 360.00 0.973 / 164.91 0.039 / 76.74 0.115 / 4.758 0 .963 / 179.99 370.00 0.974 / 164.44 0.040 / 76.57 0.110 / 4.702 0 .964 / 179.59 380.00 0.972 / 163.91 0.042 / 76.23 0.105 / 5.234 0 .966 / 179.22 390.00 0.972 / 163.46 0.043 / 75.70 0.101 / 6.041 0 .966 / 178.82 400.00 0.971 / 162.98 0.045 / 75.39 0.097 / 6.513 0 .968 / 178.45 410.00 0.971 / 162.47 0.046 / 75.27 0.094 / 5.051 0 .968 / 178.05 420.00 0.971 / 161.95 0.048 / 74.85 0.090 / 7.829 0 .969 / 177.73 430.00 0.971 / 161.46 0.050 / 74.48 0.087 / 8.676 0 .971 / 177.35 440.00 0.971 / 160.95 0.051 / 74.33 0.084 / 9.387 0 .973 / 177.04 450.00 0.970 / 160.44 0.053 / 73.64 0.082 / 11.009 0.972 / 176.73 460.00 0.970 / 159.94 0.055 / 73.50 0.080 / 11.543 0.972 / 176.37 470.00 0.970 / 159.42 0.057 / 73.10 0.078 / 13.145 0.973 / 176.05 480.00 0.970 / 158.90 0.059 / 72.90 0.077 / 14.432 0.974 / 175.71 490.00 0.969 / 158.36 0.061 / 72.67 0.075 / 16.109 0.973 / 175.41 500.00 0.969 / 157.83 0.063 / 71.99 0.074 / 17.437 0.974 / 175.12
ixz210n50l & IXZ2210N50L rf power mosfet s-parmaters for ids = 1a and vds = 150v 30 0.963 / -169.123 0.020 / 3.477 4.942 / 77.820 0.435 / -137.513 40 0.951 / -172.917 0.021 / -4.926 3.815 / 69.106 0.505 / -134.339 50 0.943 / -174.788 0.018 / -12.764 2.890 / 58.963 0.618 / -137.849 60 0.946 / -176.203 0.016 / -18.683 2.230 / 52.200 0.687 / -142.755 70 0.948 / -177.357 0.014 / -16.858 1.779 / 47.123 0.733 / -147.101 80 0.952 / -178.457 0.012 / -16.420 1.458 / 43.025 0.772 / -150.627 90 0.955 / -179.449 0.009 / -10.102 1.220 / 39.458 0.802 / -153.615 100 0.957 / 179.705 0.008 / -1.389 1.038 / 36.186 0.824 / -156.184 110 0.960 / 178.936 0.007 / 9.658 0.894 / 33.271 0.843 / -158.326 120 0.962 / 178.170 0.007 / 24.560 0.783 / 30.862 0.858 / -160.076 130 0.963 / 177.479 0.007 / 36.896 0.688 / 28.701 0.870 / -161.908 140 0.964 / 176.627 0.008 / 51.624 0.615 / 26.345 0.880 / -163.607 150 0.965 / 175.974 0.009 / 60.710 0.551 / 24.277 0.886 / -165.069 160 0.966 / 175.320 0.011 / 64.471 0.498 / 22.370 0.895 / -166.662 170 0.966 / 174.688 0.012 / 68.556 0.451 / 20.406 0.904 / -167.7 180 0.968 / 174.005 0.013 / 70.179 0.415 / 18.797 0.909 / -168.732 190 0.969 / 173.455 0.014 / 72.336 0.383 / 17.392 0.915 / -169.635 200 0.969 / 172.895 0.016 / 75.100 0.350 / 15.646 0.921 / -170.668 f mhz mag s11 ang s11 mag s12 ang s12 mag s21 ang s21 mag s22 ang s22
ixz210n50l & IXZ2210N50L rf power mosfet a ixys company 2401 research blvd., suite 108 fort collins, co usa 80526 970-493-1901 fax: 970-493-1903 email: info@ixysrf.com web: http://www.ixysrf.com doc #dsixz210n50l rev 04/07 ? 2007 ixys rf ixys rf reserves the right to change limits, test c onditions and dimensions. ixys rf mosfets are covered by one or more of the f ollowing u.s. patents: 4,835,592 4,860,072 4,881,106 4,891,686 4,931,844 5 ,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5 ,486,715 5,381,025 5,640,045 6,404,065 6,583,505 6,710,463 6 ,727,585


▲Up To Search▲   

 
Price & Availability of IXZ2210N50L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X