Part Number Hot Search : 
06N60 7201L30 C4368 264M64 ZSWXX RT916207 1G175 7313S
Product Description
Full Text Search
 

To Download IXFH40N50Q208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 500 v v dgr t j = 25 c to 150 c, r gs = 1m 500 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c 40 a i dm t c = 25 c, pulse width limited by t jm 160 a i a t c = 25 c 40 a e as t c = 25 c 2.5 j dv/dt i s i dm , v dd v dss , t j 150 c 20 v/ns p d t c = 25 c 560 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6mm (0.063 in) from case for 10s 300 c m d mounting torque 1.13/10 nm/lb.in. weight 6 g hiperfet tm power mosfets q2-class n-channel enhancement mode avalanche rated, high dv/dt, low q g low intrinsic r g , low t rr features double metal process for low gate resistance international standard package epoxy meet ul 94 v-0, flammability classification avalanche energy and current rated fast intrinsic rectifier applications dc-dc converters switched-mode and resonant-mode power supplies, >500khz switching dc choppers pulse generation laser drivers advantages easy to mount space savings high power density symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0v, i d = 250 a 500 v v gs(th) v ds = v gs , i d = 4ma 3.0 5.5 v i gss v gs = 30v, v ds = 0v 200 na i dss v ds = v dss 25 a v gs = 0v t j = 125 c 1 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25, note 1 160 m g = gate d = drain s = source tab = drain ds98970d(5/08) v dss = 500v i d25 = 40a r ds(on) 160m t rr 250ns ixfh40n50q2 g d s to-247 (ixfh) (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh40n50q2 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 15 28 s c iss 4850 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 680 pf c rss 170 pf t d(on) resistive switching times 17 ns t r v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 13 ns t d(off) r g = 2 (external) 42 ns t f 8 ns q g(on) 110 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 25 nc q gd 50 nc r thjc 0.22 c/w r thck 0.21 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 40 a i sm repetitive, pulse width limited by t jm 160 a v sd i f = i s , v gs = 0 v, note 1 1.5 v t rr 250 ns q rm 1 c i rm 9 a i f = 25a, -di/dt = 100 a/ s, v r = 100 v ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 notes: 1. pulse test, t 300 s; duty cycle, d 2%. dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 e ? p to-247 (ixfh) outline 1 2 3 terminals: 1 - gate 2 - drain
? 2008 ixys corporation, all rights reserved ixfh40n50q2 fig. 2. extended output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 036912151821242730 v d s - volts i d - amperes v gs = 10v 8v 5v 6v 7v fig. 3. output characteristics @ 125 o c 0 5 10 15 20 25 30 35 40 0 2 4 6 8 10121416 v d s - volts i d - amperes 4.5v 5.5v 5v 6v v gs = 10v 7v fig. 1. output characteristics @ 25 o c 0 5 10 15 20 25 30 35 40 01234567 v d s - volts i d - amperes v gs = 10v 7v 6v 5v 5.5v 4.5v fig. 4. r ds(on ) normalized to 0.5 i d25 v alue vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalized i d = 40a i d = 20a v gs = 10v fig. 6. drain current vs. case temperature 0 5 10 15 20 25 30 35 40 45 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) normalized to 0.5 i d25 value vs. i d 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 0 102030405060708090100 i d - amperes r d s ( o n ) - normalized t j = 125oc t j = 25oc v gs = 10v
ixys reserves the right to change limits, test conditions, and dimensions. ixfh40n50q2 fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100110 q g - nanocoulombs v g s - volts v ds = 250v i d = 20a i g = 10ma fig. 7. input admittance 0 5 10 15 20 25 30 35 40 45 50 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 v g s - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 5 10 15 20 25 30 35 40 45 50 55 0 5 10 15 20 25 30 35 40 45 50 55 60 65 i d - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 9. source current vs. source-to-drain voltage 0 10 20 30 40 50 60 70 80 90 100 110 120 0.40.50.60.70.80.91.01.11.2 v s d - volts i s - amperes t j = 125oc t j = 25oc fig. 12. forward-bias safe operating area 1 10 100 1000 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 150oc t c = 25oc single pulse r ds(on) limi t 10ms 25 s
? 2008 ixys corporation, all rights reserved ixfh40n50q2 fig. 13. maximum transient thermal impedance 0.00 0.01 0.10 1.00 0.1 1 10 100 1000 10000 pulse width - milliseconds z ( t h ) j c - o c / w ixys ref: f_40n50q2 (84)5-28-08-c


▲Up To Search▲   

 
Price & Availability of IXFH40N50Q208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X