Part Number Hot Search : 
HE84770 ADC206 U06P40PT BZX84C12 C5346 16C85 AS001 F0512
Product Description
Full Text Search
 

To Download HY514400B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HY514400B 1mx4, fast page mode this family is a 4m bit dynamic ram organized 1,048,576 x 4- bit configuration with extended data out mode cmos drams . extended data out mode is a kind of page mode which is useful for the read operation. the circuit and process design allow this device to achieve high performance and low power dissipation. optional features are access time(50, 60 or 70ns) and package type(soj or tsop-ii) and power consumption (normal or low power with self refresh). hyundai ? s advanced circuit design and process technology allow this device to achieve high bandwidth, low power consumption and high reliability. description features ? fast page mode operation ? read-modify-write capability ? ttl compatible inputs and outputs ? /cas-before-/ras , /ras-only, hidden and self refresh capability ? max. active power dissipation speed 50 power 550 mw ? fast access time and cycle time speed 50 60 trac 50 ns 60 ns tcac 15 ns 15 ns tpc 35 ns 40 ns ? refresh cycle part number HY514400B refresh 1 k normal 16 ms sl-part 128 ms this document is a general product description and is subject to change without notice. hyundai electronics does not assume any responsibility for use of circuits described. no patent licences are implied rev.00 / sep.97 ordering information part name HY514400Bj refresh 1 k power package 20/26 pin soj HY514400Blj 1 k l-part 20/26 pin soj HY514400Bt 1 k 20/26 pin tsop-ii HY514400Blt 1 k l-part 20/26 pin tsop-ii HY514400Bslt 1 k sl-part 20/26 pin tsop-ii 60 495 mw hyundai semiconductor ? jedec standard pinout ? 20/26-pin soj (300mil ) 20/26- pin tsop -ii (300mil ) ? single power supply of 5v 10% ? early write or output enable controlled write 1 * sl : low power with self refresh 70 440 mw 70 70 ns 20 ns 45 ns HY514400Bslj 1 k sl-part 20/26 pin soj
HY514400B functional block diagram we cas oe data input buffer data output buffer cas clock generator cloumn predecoder (10) refresh controller refresh counter (10) column decoder sense amp i/o gate memory array 1,048,576 x 4 row decoder row predecoder (10) ras clock generator substrate bias generator v cc v ss address buffer ras dq0 ~ dq3 10 10 4 8 4 4 a0 a1 a2 2 a3 a4 a5 a6 a7 a8 4 a9 1 mx4,fp dram rev.10 / jan.97
HY514400B pin configuration (marking side) pin description / ras / cas row address strobe column address strobe / we write enable / oe output enable a0 ~a9 address input dq0 ~dq3 data in/out vcc power (5v) vss ground 20/26 pin plastic tsop- ii (300mil ) pin name parameter 3 20/26 pin plastic soj (300mil ) dq0 dq1 ras a9 a0 a1 a2 a3 vcc 1 2 3 4 5 9 10 11 12 13 26 25 24 23 22 18 17 16 15 14 v ss dq3 dq2 cas oe a8 a7 a6 a5 a4 we dq0 dq1 ras a9 a0 a1 a2 a3 vcc 1 2 3 4 5 9 10 11 12 13 26 25 24 23 22 18 17 16 15 14 v ss dq3 dq2 cas oe a8 a7 a6 a5 a4 we 1 mx4,fp dram rev.10 / jan.97
HY514400B absolute maximum ratings symbol t a parameter ambient temperature rating 0 to 70 unit c t stg storage temperature -55 to 150 c v in, v out voltage on any pin relative to v ss -1.0 to 7.0 v v cc voltage on v cc relative to v ss -1.0 to 7.0 v i os short circuit output current 50 ma p d power dissipation 0.9 w t solder soldering temperature ? time 260 ? 10 c ? sec note : operation at or above absolute maximum ratings can adversely affect device reliability symbol i li parameter input leakage current (any input) unit m a min -10 max 10 test condition v ss v in v cc + 1.0 all other pins not under test = v ss dc operating characteristics i lo output leakage current (any input) m a -10 10 v ss v out v cc /ras & /cas at v ih v ol output low voltage v - 0.4 i ol = 4.2 ma v oh output high voltage v 2.4 - i oh = -5.0 ma 4 recommended dc operating conditions symbol v cc parameter power supply voltage unit v max 5.5 typ 5.0 min 4.5 v ih input high voltage v v cc+ 1.0 - 2.4 v il input low voltage v 0.8 - -1.0 note : all voltages are referenced to v ss . ( t a = 0 c to 70 c ) 1 mx4,fp dram rev.10 / jan.97
HY514400B dc characteristics symbol i cc1 parameter operating current speed 50 60 70 unit ma ( t a = 0 c to 70 c , v cc = 5v 10% , v ss = 0v, unless otherwise noted.) note 100 90 80 test condition / ras, /cas cycling t rc = t rc (min) max. i cc2 ttl standby current ma 2 / ras, /cas 3 v ih(min) other inputs 3 v ss i cc3 / ras-only refresh current 50 60 70 ma 100 90 80 / ras cycling,/cas = v ih t rc = t rc (min) i cc4 fast page mode current 50 60 70 ma 70 60 50 / cas cycling, /ras = v il t hpc = t hpc (min) i cc5 cmos standby current sl-part ma m a 1 200 / ras = /cas 3 v cc - 0.2v i cc6 / cas-before-/ras refresh current 50 60 70 ma 100 90 80 / ras & /cas = 0.2v t rc = t rc (min.) i cc7 battery back-up current (sl-part) m a trc =125 s /cas = cbr cycling or 0.2v /oe & /we = v cc - 0.2v address = vcc -0.2v or 0.2v dq0 ~dq3 = vcc -0.2, 0.2v or open i cc8 self refresh current (sl-part) m a 200 / ras & /cas = 0.2v other pins are same as i cc7 1. i cc1 , i cc3 , i cc4 and i cc6 depend on output loading and cycle rates( t rc and t pc ). 2. specified values are obtained with output unloaded. 3. i cc is specified as an average current. in i cc1 , i cc3 , i cc6 , address can be changed only once while /ras=v il . in i cc4 , address can be changed maximum once while /cas=v ih within one cycle time t pc . 4. only tras (max) = 1 s is applied to refresh of battery backup but tras (max) = 10 s is to applied to normal functional operation. 5. icc5(max.), icc7 and icc8 are applied to sl-part only. 5 300 1 mx4,fp dram rev.10 / jan.97
t rc random read or write cycle time 110 ns symbol parameter min max min max unit note 60 ns 70 ns ac characteristics ( t a = 0 c to 70 c , v cc = 5 v 10% , v ss = 0v, unless otherwise noted.) HY514400B read-modify-write cycle time 155 fast page mode cycle time 40 fast page mode read-modify-write cycle time 80 access time from /ras - access time from /cas - access time from column address - access time from /cas precharge - / cas to output low impedance transition time(rise and fall) / ras precharge time / ras pulse width / ras pulse width (fp mode) / ras hold time / cas hold time / cas pulse width / ras to /cas delay time / ras to column address delay time / cas to /ras precharge time / cas precharge time row address set-up time row address hold time column address set-up time column address hold time column address to /ras lead time read command set-up time read command hold time referenced to /cas t rwc t pc t prwc t rac t cac t aa t cpa t clz t t t rp t ras t rasp t rsh t csh t cas t rcd t rad t crp t cp t asr t rah t asc t cah t ral t rcs t rch 0 3 40 60 60 15 60 15 20 15 5 10 0 10 0 15 30 0 0 - - - - 60 15 30 35 - 50 - 10 k 200 k - - 10 k 45 30 - - - - - - - - - 130 185 45 95 - - - - 0 3 50 70 70 20 70 20 20 15 5 10 0 10 0 15 35 0 0 - - - - 70 20 35 40 - 50 - 10 k 200 k - - 10 k 50 35 - - - - - - - - - ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 6 4,9,10 4,9 4,10 4,15 4 3 9 10 15 17 14 14 14 6,14 read command hold time referenced to /ras t rrh 0 - 0 - ns 6 write command hold time write command pulse width t wch t wp 10 10 - - 15 15 - - ns ns 14 50 ns 90 min max 130 35 75 - - - - 0 3 30 50 50 15 50 15 15 10 5 10 0 8 0 15 25 0 0 - - - - 50 15 25 30 - 50 - 10 k 200 k - - 10 k 35 25 - - - - - - - - - 0 - 10 10 - - write command hold time from /ras t wcr 45 - 55 - ns 40 - column address hold time from /cas t ar 50 - 55 - ns 40 - write command to /ras lead time t rwl 15 - 20 - ns 15 - 1 mx4,fp dram rev.10 / jan.97
symbol parameter min max min max unit note 60 ns 70 ns ac characteristics continued HY514400B data-in set-up time data-in hold time refresh period (1024 cycles) refresh period(sl-part) write command set-up time / cas to /we delay time / ras to /we delay time column address to /we delay time / cas set-up time(cbr cycle) / cas hold time(cbr cycle) / ras to /cas precharge time / cas precharge time(cbr counter test) / ras hold time referenced to /oe / oe access time / oe to data delay output buffer turn-off delay time from /oe / oe command hold time / we delay time from /cas precharge / ras hold time from /cas precharge / ras pulse width(self refresh) t ds t dh t ref t wcs t cwd t rwd t awd t csr t chr t rpc t cpt t roh t oea t oed t oez t oeh t cpwd t rhcp t rass 0 15 16 128 0 40 85 55 5 10 5 20 10 - 15 0 15 55 35 100 - - - - - - - - - - - - - 15 - 15 - - - - 0 15 16 128 0 50 100 65 5 10 5 25 10 - 20 0 20 65 40 100 - - - - - - - - - - - - - 20 - 20 - - - - ns ns ms ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 7 7 7 12 11 84 8 8 8 14 15 14 17 5 8 / we to /ras precharge time (cbr cycle) write command hole time (test mode in) t rps t chs t wrp t wrh t wts t wth 130 -50 10 10 10 10 - - - - - - 150 -50 10 10 10 10 - - - - - - ns ns ns ns ns ns / ras precharge time (self refresh) / cas hold time (self refresh) write command set-up time (test mode in) min max 0 15 16 128 0 35 70 45 5 10 5 20 10 - 15 0 15 50 30 100 - - - - - - - - - - - - - 15 - 15 - - - - 120 -50 10 10 10 10 - - - - - - 50 ns data-in hold time referenced to /ras t dhr 45 - 55 - ns 40 - t cwl write command to /cas lead time ns 15 - 20 - 16 15 - 1 mx4,fp dram rev.10 / jan.97 / we to /ras hold time (cbr cycle)
HY514400B note 8 capacitance symbol c in1 parameter input capacitance (a0 ~a9) max 5 unit pf c in2 input capacitance (/ ras, /cas , /we, /oe) 7 pf c dq data input / output capacitance (dq0 ~dq3) 7 pf ( t a = 25 c, v cc = 5v 10%, v ss = 0v and f=1mhz, unless otherwise noted.) typ . - - - 1 mx4,fp dram rev.10 / jan.97 1. an initial pause of 200 m s is required after power-up followed by 8 /ras only refresh cycles before proper device operation is achieved. in case of using internal refresh counter, a minimum of 8 cbr refresh cycles instead of 8 /ras-only refresh cycles are required. 2. if /ras= vss during power-up,the HY514400B could begin an active cycle. this condition results in higher current than necessary current which is demanded from the power supply during power-up. it is recommended that /ras and /cas track with vcc during power-up or be held at a valid vih in other to minimize the power-up current. 3. vih(min.) and vil(max.) are reference levels for measuring timing of input signals. transition times are measured between vih(min.) and vil(max.),and are assumed to be 5ns for all inputs. 4. measured at v oh =2.0v and v ol =0.8v with a load equivalent to 2ttl loads and 100pf. 5. toff(max.) and toez define the time at which the output achieves the open circuit condition and is not referenced to output voltage levels. 6. either trch or trrh must be satisfied for a read cycle. 7. t cez and t oez define the time at which the output achieves the open circuit condition and is not referenced to output voltage levels. 8. t wcs , t rwd , t cwd , t awd and t cpwd are not restrictive operating parameters. they are included in the data sheet as electrical characteristics only. if t wcs 3 t wcs(min.) , the cycle is an early write cycle and data out pin will remain open circuit (high impedance) through the entire cycle. if t rwd 3 t rwd (min.) , t cwd 3 t cwd (min.) , t awd 3 t awd (min) , and t cpwd 3 t cpwd (min.) , the cycle is a read-modify-write cycle and data out will contain data read from the selected cell. if neither of the above sets of conditions is satisfied, the condition of the data out (at access time) is indeterminate. 9. operation within the t rcd(max.) limit ensures that t rac(max.) can be met. t rcd(max.) is specified as a reference point only. if t rcd is greater than the specified t rcd(max.) limit, then access time is controlled by t cac . 10.operation within the t rad(max.) limit ensures that t rac(max.) can be met. t rad(max.) is specified as a reference point only. if t rad is greater than the specified t rad(max.) limit, then access time is controlled by t aa . 11 . tref (max.)=128ms is applied to sl -parts only. 12.a burst of 1024 cbr refresh cycles must be executed within 16ms (128ms for sl-part) after exiting self refresh. 13.when cas goes low at the same time, 4bits data are written into the device. 14.these parameters are determined by the earlier falling edge of /cas . 15.these parameters are determined by the later rising edge of /cas . 16. tcwl must be satisfied by /cas for 4bits access cycle. 17. tcp and tcpt are measured when /cas and is high state.


▲Up To Search▲   

 
Price & Availability of HY514400B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X