Part Number Hot Search : 
IBAADS WRB4805 AP09N90W 5071A SKDT115 UM36541S ICS8547 SDA803C
Product Description
Full Text Search
 

To Download HPC3CT52R102K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hpc/pcf ceramic fixed power type leaded resistor features ? coated with ul94v0 flameproof material ? suitable for automatic machine insertion ? able to replace carbon composition resistors in most applications ? marking: hfc size: reddish brown body color with alpha-numeric marking, pcf size:light green body color with color-coded bands ? products with lead-free terminations meet eu rohs requirements t631 t52 ordering information 2 significant figures + 1 multiplier 3 significant figures + 1 multiplier 1/2: 0.5w 1: 1w 2: 2w 3: 3w 4: 4w 5: 5w hpc pcf c: sncu r: reel k: 10% m: 20% pcf 1/2 c r termination material type power rating nominal resistance tolerance packaging taping part # t631 102 k for further information on packaging, please refer to appendix c. dimensions and construction d d marking flame retardant coating end cap lead wire l l c ceramic body l 1.50.118 (38.03.0) .031 (0.8) .138.039 (3.50.1) .177.039 (4.51.0) .197.039 (5.01.0) __ __ __ .433.039 (11.02.0) 0.630.039 (16.02.0) .827.039 (21.02.0) hpc1/2 hpc1 hpc2 type c (max.) d d (nom.) l dimensions inches (mm) .039 (1.0) .236.039 (6.01.0) .276.039 (7.01.0) .295.039 (7.51.0) __ __ __ 1.02.039 (26.02.0) 1.50.039 (38.02.0) 1.73.039 (44.02.0) hpc3 hpc4 hpc5 1.18.118 (30.03.0) 1.50.118 (38.03.0) .031 (0.8) .028 (0.7) .138.02 (3.50.5) .217.039 (5.51.0) .276.039 (7.01.0) .437 (11.1) .748 (19.0) .886 (22.5) .354.039 (9.01.0) 0.65.039 (16.51.0) .748.039 (19.01.0) pcf1/2 pcf1 pcf2 pms 300 neg. black neg. eu 121 koa speer electronics, inc. ? 199 bolivar drive ? bradford, pa 16701 ? usa ? 814-362-5536 ? fax: 814-362-8883 ? www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 12/29/08 resistors new d d 3mm max. coating ll resistive body electrode cap lead wire pcf hpc 1733 reader's spreads pg1-203:document 1/27/09 4:09 pm page 119
122 koa speer electronics, inc. ? 199 bolivar drive ? bradford, pa 16701 ? usa ? 814-362-5536 ? fax: 814-362-8883 ? www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 12/29/08 resistors hpc/pcf ceramic fixed power type leaded resistor derating curve environmental applications % rated po wer 100 80 60 40 20 -60 -40 -20 0 4 0608 01 001 80 20 ambient temperature (c) 0 120 140 160 200 70 performance characteristics parameter requirement limit typical test method within regulated to tolerance resistance t.c.r hpc: -900300x10 -6 /k: r<100 -1200300x10 -6 /k :r 100 pcf: -900300:r<100 -1300300:r>100 +25c/-40c and +25c/+125c voltage coefficient (apply for over 1k ) 0~-0.2%/v (hpc1/2, pcf) 0~-0.1%/v (hpc1) 0~-0.05%/v (hpc2,3,4,5) rated voltage and rated voltage x 10% resistance measurement voltage 3.3~8.2 0.3v 10~82 1.0v 100~390k 3.0v overload 2 0.4 resistance to pulse 5 rated voltage x 2.5 or maximum overload voltage for 5s, whichever less the resistor mounted to the test circuit as below. 1 sec. on and 1 sec. off. 20,000 cycles. the voltage is applied with maximum pulse voltage. resistance to soldering heat 2 0.8 350c10c, 3.5s0.5s rapid change of temperature 2 0.4 -40c(30min.)/+85c(30min.), 5 cycles moisture resistance 5 0.6 40c2c, 90%~95%rh, 1000h, 1.5h on/0, 5h off cycles load life 5 0.4 hpc: 40c2c, 1000h, 1.5h on/0, 5h off cycles pcf: 70c3c, 1000h, 1.5h on/0, 5h off cycles sw c=1.000pf 1 sec on 1 sec off 10k dc (max. pulse  voltage) rx absolute maximum overload voltage resistance tolerance absolute maximum working voltage part designation absolute maximum pulse voltage* power rating @ 70c applications and ratings minimum dielectric withstanding voltage resistance range e-12 (10%) e-6 (20%) hpc1/2 hpc1 hpc2 0.5w 1.0w 2.0w 200v 300v 400v 10 - 390k (+10%) 3.3 - 330k (+20%) 200v 300v 400v k: 10% m: 20% t.c.r. (ppm/c) -900300: r<100 -1200300: r100 400v 8kv 600v 15kv 800v 25kv operating temperature range -40c to +200c * resistance to pulse: change shall be 5% of the pre-test values. 1 sec. on, 1 second off, 20,000 cycles. the voltage is applied with maximum pulse voltage. hpc3 hpc4 hpc5 3.0w 4.0w 5.0w 450v 500v 550v 450v 500v 550v 900v 25kv 1000v 25kv 1100v 25kv pcf1/2 pcf1 pcf2 0.5w 1.0w 2.0w 500v 700v 4.7 - 100k 3.3 - 390k 200v 300v 400v -900300: r<100 -1300300: r<100 400v 10kv 600v 14kv 800v 20kv 1733 reader's spreads pg1-203:document 1/27/09 4:09 pm page 120


▲Up To Search▲   

 
Price & Availability of HPC3CT52R102K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X