Part Number Hot Search : 
H11D4X FAMILY MS524PYA TDA7437 02S20 GRM21BR TCZM39B 34151
Product Description
Full Text Search
 

To Download HMC187AMS8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com freq. multipliers - p a ssi v e - s m t 5 5 - 1 HMC187AMS8 / 187ams8e gaas mmic smt passive frequency doubler, 0.85 - 2.0 ghz input v00.0410 general description features functional diagram conversion l oss: 15 db fo, 3fo, 4fo i solation: 40 db i nput drive l evel: 10 to 20 dbm electrical specifcations, t a = +25 c, as a function of drive level typical applications t he hmc187am s 8( e ) is ideal for: ? wireless l ocal l oop ? l md s , v s a t , and p oint-to- p oint r adios ? u n ii & hiper l an ? t est e quipment t he hmc187am s 8( e ) is a miniature frequency dou - bler mm i c in plastic 8-lead m s o p package. t he sup - pression of undesired fundamental and higher order harmonics is 40 db typical with respect to input signal levels. t he doubler uses the same diode/balun tech - nology used in hittite mm i c mixers. t he doubler is ideal for high volume applications where frequency doubling of a lower frequency is more economical than directly generating a higher frequency. t he pas - sive s chottky diode doubler technology contributes no measurable additive phase noise onto the multiplied signal. i nput = +10 dbm i nput = +15 dbm i nput = +20 dbm p arameter min. t yp. max. min. t yp. max. min. t yp. max. u nits frequency r ange, i nput 1.25 - 1.75 1.0 - 1.75 0.85 - 2.0 ghz frequency r ange, output 2.5 - 3.5 2.0 - 3.5 1.7 - 4.0 ghz conversion l oss 18 22 14 17 15 18 db fo i solation (with respect to input level) 35 45 db 3fo i solation (with respect to input level) 42 46 db 4fo i solation (with respect to input level) 30 40 db * n/c denotes no internal connection, however, it is recommended to connect these pins to ground. *
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com freq. multipliers - p a ssi v e - s m t 5 5 - 2 conversion gain @ +15 dbm drive level isolation @ +15 dbm drive level* input return loss vs. drive level output return loss for several input frequencies *with respect to input level -35 -30 -25 -20 -15 -10 -5 0 1 2 3 4 5 6 +85 c +25 c -40 c conversion gain (db) output frequency (ghz) -25 -20 -15 -10 -5 0 0 2 4 6 8 10 2.50 ghz 1.75 ghz 1.00 ghz return loss (db) output frequency (ghz) -90 -75 -60 -45 -30 -15 0 0 2 4 6 8 10 12 1f0 3f0 4f0 isolation (db) frequency (ghz) -30 -25 -20 -15 -10 -5 0 0.5 1 1.5 2 2.5 3 17 dbm 15 dbm 13 dbm 10 dbm return loss (db) input frequency (ghz) HMC187AMS8 / 187ams8e v00.0410 gaas mmic smt passive frequency doubler, 0.85 - 2.0 ghz input
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com freq. multipliers - p a ssi v e - s m t 5 5 - 3 conversion gain @ 25 c vs. drive level output return loss with 1 ghz input conversion gain @ -40 c vs. drive level output return loss with 2.5 ghz input conversion gain @ +85 c vs. drive level output return loss with 1.75 ghz input -20 -15 -10 -5 0 0 1 2 3 4 5 6 17 dbm 15 dbm 10 dbm return loss (db) output frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 1 2 3 4 5 6 20 dbm 17 dbm 15 dbm 13 dbm 11 dbm 9 dbm conversion gain (db) output frequency (ghz) -20 -15 -10 -5 0 0 1 2 3 4 5 6 17 dbm 15 dbm 10 dbm return loss (db) output frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 1 2 3 4 5 6 20 dbm 17 dbm 15 dbm 13 dbm 11 dbm 9 dbm conversion gain (db) output frequency (ghz) -20 -15 -10 -5 0 0 1 2 3 4 5 6 17 dbm 15 dbm 10 dbm return loss (db) output frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 1 2 3 4 5 6 20 dbm 17 dbm 15 dbm 13 dbm 11 dbm 9 dbm conversion gain (db) output frequency (ghz) HMC187AMS8 / 187ams8e v00.0410 gaas mmic smt passive frequency doubler, 0.85 - 2.0 ghz input
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com freq. multipliers - p a ssi v e - s m t 5 5 - 4 absolute maximum ratings outline drawing i nput drive +27 dbm s torage t emperature -65 to +150 c operating t emperature -40 to +85 c ele c tr o st a ti c se n siti v e de v ic e ob ser v e hand li ng pre ca uti on s p art number p ackage body material l ead finish m sl r ating p ackage marking [3] hmc187am s 8 l ow s tress i njection molded p lastic s n/ p b s older m sl 1 [1] h187a xxxx hmc187am s 8 e r oh s -compliant l ow s tress i njection molded p lastic 100% matte s n m sl 1 [2] h187a xxxx [1] max peak refow temperature of 235 c [2] max peak refow temperature of 260 c [3] 4-digit lot number xxxx package information no tes: 1. le adframe ma terial : copper all oy 2. dimensions are in inches [millim eters]. 3. dimension does no t include moldfla s h of 0.15mm per side. 4. dimension does no t include moldfla sh of 0.25mm per side. 5. all gr ound leads m ust be soldered t o pcb rf gr ou nd. HMC187AMS8 / 187ams8e v00.0410 gaas mmic smt passive frequency doubler, 0.85 - 2.0 ghz input
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com freq. multipliers - p a ssi v e - s m t 5 5 - 5 pin description p in number function description i nterface s chematic 1, 4, 5, 8 n/c t hese pins are not connected internally; however, all data shown herein was measured with these pins connected to r f/dc ground externally. 3, 6 gnd all ground leads must be soldered to p cb r f/dc ground. 2 r f i n p in is dc coupled and matched to 50 ohms. 7 r fo ut p in is dc coupled and matched to 50 ohms. HMC187AMS8 / 187ams8e v00.0410 gaas mmic smt passive frequency doubler, 0.85 - 2.0 ghz input
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com freq. multipliers - p a ssi v e - s m t 5 5 - 6 evaluation pcb list of materials for evaluation pcb 103313 [1] i tem description j1, j2 p cb mount s ma connector u 1 hmc187am s 8( e ) doubler p cb [2] 103311 e val board [1] r eference this number when ordering complete evaluation p cb [2] circuit board material: r ogers 4350 t he circuit board used in the application should be generated with proper r f circuit design tech - niques. s ignal lines should have 50 ohm imped - ance while the package n/c and ground leads should be connected directly to the ground plane similar to that shown. t he evaluation circuit board shown is available from hittite upon request. HMC187AMS8 / 187ams8e v00.0410 gaas mmic smt passive frequency doubler, 0.85 - 2.0 ghz input


▲Up To Search▲   

 
Price & Availability of HMC187AMS8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X