Part Number Hot Search : 
SD882 ST72324B BB503M X428306 3055E D401A BZX55C1 ST72324B
Product Description
Full Text Search
 

To Download GBL08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? glass passivated junction ? ideal for printed circuit board ? high case dielectric strength ? typical ir less than 0.1ua ? high surge current capability mechanical data gblxx = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol gbl 005 gbl 01 gbl 02 gbl 04 gbl 06 gbl 08 gbl 10 unit v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i 2 ta 2 s cj pf t j o c t stg o c ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 maximum average forward rectified current @t c =50 @t a =40 i f(av) ? mounting position: any maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage version:f11 rating for fusing (t<8.3ms) o c/w ? high temperature soldering guaranteed: 260 / 10 seconds at 5lbs., (2.3kg) tension 4.0 3.0 a 93 95 40 typical thermal resistance ? weight: 2.0 grams ? case: molded plastic body type number - 55 to + 150 operating temperature range storage temperature range gbl005 - gbl10 marking diagram gbl ? green compound with suffix "g" on packing code & prefix "g" on datecode dimensions in inches and (millimeters) single phase 4.0amps. glass passivated bridge rectifiers features ? plastic material ha underwriters laboratory flammability classification 94v-0 notes 1: pulse test with pw=300 usec, 1% duty cycle maximum dc reverse current @t a =25 at rated dc block voltage @ t a =125 i r maximum instantaneous forward voltage (note 1) @2.0a @4.0a ua - 55 to + 150 r ja r jl r jc 32 13 8 v i fsm 150 a typical junction capabitance 5 500 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) v f 1.0 1.1 pb rohs compliance rohs compliance
version:f11 ratings and characteristic curves (gbl005 thru gbl10) fig.1 forward current derating curve 0 1 2 3 4 5 0 20 40 60 80 100 120 140 160 ambient temperature ( o c) average forward current (a) heat-sink mounting 2"x3"x0.25" al-plate p.c.b. mounting 0.5"x0.5" copper pads fig. 3 maximum non-repetitive forward surge current 0 25 50 75 100 125 150 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave (jedec method) fig. 2 typical reverse characteristics 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 4 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) a 50v-400v 600v-1000v fig. 5 typical forward characterisrics 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 forward voltage (v) instantaneous forward current (a)


▲Up To Search▲   

 
Price & Availability of GBL08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X