Part Number Hot Search : 
0BGXC TXN0512 MS6310 DTC115G UC3891 CS1213 HAF1008 IRFR410
Product Description
Full Text Search
 

To Download DSR8U600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DSR8U600 document number: ds35011 rev. 2 - 2 1 of 4 www.diodes.com september 2010 ? diodes incorporated DSR8U600 new product 8a diodestar rectifier features ? diodestar tm is a proprietary process for high voltage rectifiers which delivers: ? ultra-fast reverse recovery (t rr < 30ns) giving a rapid switching response ? soft recovery for low emi noise ? excellent high temperature stability ? high forward surge capability ? enables high efficiency as t he boost diode in pfc circuits ? lead free finish, rohs compliant (note 1) mechanical data ? case: to-220ac ? case material: molded plastic, ul flammability classification rating 94v-0 ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ordering information (note 2) part number case packaging DSR8U600 to-220ac 50 pieces/tube notes: 1. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied, see eu directive 2002/95/ec annex notes. 2. for packaging details, go to our websit e at http://www.diodes.com/datasheets/ap02007.pdf. marking information package pin out confi g uration base cathode cathode anode 13 1 DSR8U600 = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 10 = 2010) ww = week (01 - 53) DSR8U600 yyww ab
DSR8U600 document number: ds35011 rev. 2 - 2 2 of 4 www.diodes.com september 2010 ? diodes incorporated DSR8U600 new product maximum ratings @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 600 v average rectified output current i o 8 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 85 a thermal characteristics characteristic symbol value unit typical thermal resistance (note 3) r jc 2 oc/w operating and storage temperature range t j , t stg -65 to +175 oc electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition forward voltage drop v f - - 2.5 v i f = 8a, t j = 25oc - 1.3 1.8 i f = 8a, t j = 125oc leakage current (note 4) i r - - 20 a v r = 600v, t j = 25oc - - 200 v r = 600v, t j = 125oc reverse recovery time t rr - 23 28 ns i f = 1a, v r = 30v, di/dt = 100a/ s softness factor s - 1.0 - - i f = 8a, dl/dt = 50a/ s, v r = 400v, t j = 25oc reverse recovery current i rm - 1.4 - a reverse recovery charges q rr - 74 - nc softness factor s - 0.6 - - i f = 8a, dl/dt = 50a/ s, v r = 400v, t j = 125oc reverse recovery current i rm - 2.5 - a reverse recovery charges q rr - 185 - nc junction capacitance c j - 55 - pf 4.0v, 1mhz notes: 3. test with additional heatsink, (black aluminum, 45mm*20mm*12mm) 4. short duration pulse test used to minimize self-heating effect. 0 2 4 6 8 10 12 0246810 p , p o we r dissi p a t i o n (w) d fig. 1 forward power dissipation i , average forward current (a) f(av) 0 0.4 0.8 1.2 1.6 2.0 2.4 fig. 2 typical forward characteristics v , instantaneous forward voltage (v) f 0.0001 0.001 0.01 0.1 1 10 i, i n s t a n t a n e o u s f o r wa r d c u r r e n t (a) f t = 25c a t = 85c a t = 125c a t = 150c a
DSR8U600 document number: ds35011 rev. 2 - 2 3 of 4 www.diodes.com september 2010 ? diodes incorporated DSR8U600 new product 0 100 200 300 400 500 600 fig. 3 typical reverse characteristics v , instantaneous reverse voltage (v) r 0.01 0.1 1 10 100 1,000 i, ins t an t ane o u s r eve r se c u r r en t (a) r t = 25c a t = 85c a t = 125c a t = 150c a 0 5 10 15 20 25 30 35 40 fig. 4 total capacitance vs. reverse voltage v , dc reverse voltage (v) r 10 100 1,000 c , t o t al c a p a c i t an c e (p f ) t 0 1 2 3 4 5 6 7 8 9 25 50 75 100 125 150 175 fig. 5 forward current derating curve t , lead temperature (c) l i , average forward current (a) f(av) based on lead temp (t ) l note 3 0 120 240 360 480 600 fig. 6 operating temperature derating v , dc reverse voltage (v) r 0 25 50 75 100 125 175 t , de r a t ed ambien t t em p e r a t u r e ( c ) a 150 package outline dimensions to-220ac dim min max a 4.47 4.67 a1 2.52 2.82 b 0.71 0.91 b1 1.17 1.37 c 0.31 0.53 c1 1.17 1.37 d 10.01 10.31 e 8.50 8.90 e1 12.06 12.46 e 2.54 typ e1 4.98 5.18 f 2.59 2.89 h 0.00 0.30 l 13.40 13.80 l1 3.56 3.96 l2 - 1.00 3.735 3.935 all dimensions in mm a c1 c d l b e1 b1 h f l1 a1 e1 e l2 e
DSR8U600 document number: ds35011 rev. 2 - 2 4 of 4 www.diodes.com september 2010 ? diodes incorporated DSR8U600 new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2010, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DSR8U600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X