Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download CDBMT230-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  o maximum ratings (at t a =25 c unless otherwise noted) pa ra m et er sy m bo l un it repetitive peak reverse voltage continuous reverse voltage rms voltage forward rectified current maximum forward voltage @ i f =2.0a max. forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) max.reverse current v r =v rrm t j =25c t yp. thermal resistance t yp. diode junction capacitance (note 1) reverse v oltage: 20 to 100 v olts forward current: 2.0 amp rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) cdbmt220-hf thru. cdbmt2100-hf page 1 qw -jb026 low profile smd schottky barrier rectifiers rev : a comchip t echnology co., l td. sod-123h 0.146(3.7) 0.130(3.3) 0.012(0.3) t yp. 0.071(1.8) 0.055(1.4) 0.040(1.0) 0.024(0.6) 0.031(0.8) t yp. v rrm v r v rms i o v f i fsm i r r ja c j t j cdbmt 220-hf cdbmt 240-hf cdbmt 260-hf cdbmt 280-hf cdbmt 2100-hf 20 20 14 40 40 28 60 60 42 2.0 0.70 50 0.5 10 85 80 80 56 100 100 70 v v v a v a ma o c/w o c 0.50 0.85 note : operating temperature storage temperature range t stg -65 to +175 o c -55 to +125 -55 to +150 160 p f cdbmt 230-hf 30 30 21 cdbmt 250-hf 50 50 35 s m d d i o d e s s p e c i a l i s t 1. f=1mhz and applied 4v dc reverse voltage v r =v rrm t j =100c 0.031(0.8) t yp. (junction to ambient) features mechanical data -case: molded plastic, sod-123h/mini sma -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.01 1 grams approx. -mounting position: any -epoxy: ul94-v0 rated flame retardant. halogen free -low power loss,high ef ficiency . -high current capability ,low forward voltage drop. -high surge capability . -guarding for overvoltage protection. -ultra high-speed switching. -excellent power dissipation of fers better reverse leakage current and thermal resistance. -low profile package is 40% thinner than standards sod-123. -silicon epitaxial planar chip,metal silicon junction. -lead-free part meets environmental standards of mil-std-19500/228
page 2 qw -jb026 rev : a comchip t echnology co., l td. rating and characteristic curves (cdbmt220-hf thru. cdbmt2100-hf) fig.2 - t ypical forward characteristics i f , i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward v oltage, (v) v f , 0 . 1 fig.5 - t ypical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) percent of rated peak reverse v oltage, (%) 0 1 2 0 2 0 0 fig.4 - t ypical junction capacitance 0 c j , j u n c t i o n c a p a c i t a n c e , ( p f ) v r , reverse v oltage, (v) 3 0 0 7 0 0 0 . 0 1 1 0 . 0 1 1 0 1 0 0 1 . 5 1 0 0 fig.1- t ypical forward current 0 i o , a v e r a g e f o r w a r d c u r r e n t , ( a ) t a , ambient t emperature, (c) 1 . 6 1 . 2 0 . 1 2 0 1 6 0 1 0 0 0 . 0 1 1 1 0 1 0 0 0 . 1 0 . 3 0 . 4 0 . 9 1 . 1 1 0 0 4 0 0 6 0 0 0 . 8 4 0 8 0 1 6 0 1 6 0 1 2 0 2 . 0 2 . 4 o t j =75 c o t j =25 c 0 . 5 0 . 1 1 0 2 0 0 5 0 0 1 4 0 4 0 8 0 fig.3 - maximum non-repetitive forward surge current 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) i f s m , number of cycles at 60hz 5 0 1 1 0 1 0 0 2 0 4 0 1 0 3 0 o t j =25 c 8.3ms single half sine wave, jedec method c d b m t 2 5 0 - h f ~ c d b m t 2 1 0 0 - h f c d b m t 2 2 0 - h f ~ c d b m t 2 4 0 - h f t j =25c pulse width 300 us 1% duty cycle 0 . 7 1 . 3 c d b m t 2 2 0 - h f ~ 2 4 0 - h f c d b m t 2 5 0 - h f ~ 2 6 0 - h f c d b m t 2 8 0 - h f ~ 2 1 0 0 - h f s m d d i o d e s s p e c i a l i s t derating curve low profile smd schottky barrier rectifiers
page 3 rev : a comchip t echnology co., l td. s m d d i o d e s s p e c i a l i s t i n d e x h o l e o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c direction of feed reel t aping specification qw -jb026 b c d d d 2 d 1 s o d - 1 2 3 h s y m b o l a ( m m ) ( i n c h ) 2 . 4 4 0 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 8 . 0 0 0 . 3 0 1 1 . 4 0 1 . 0 1 7 8 2 . 0 0 0 . 0 5 9 0 . 0 0 4 7 . 0 0 0 . 0 7 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 4 9 0 . 0 3 9 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 s o d - 1 2 3 h 2 . 0 0 0 . 1 0 0 . 0 7 9 0 . 0 0 4 3 . 8 5 0 . 1 0 0 . 1 5 2 0 . 0 0 4 1 . 1 0 0 . 1 0 0 . 0 4 3 0 . 0 0 4 0 . 2 3 0 . 1 0 t 0 . 0 0 9 0 . 0 0 4 0 . 3 1 5 0 . 0 1 2 low profile smd schottky barrier rectifiers
part number 22 marking code marking code cdbmt220-hf xx page 4 rev : a comchip t echnology co., l td. s m d d i o d e s s p e c i a l i s t qw -jb026 cdbmt240-hf cdbmt260-hf cdbmt280-hf 24 26 28 cdbmt250-hf 25 CDBMT230-HF 23 cdbmt2100-hf 20 xx / xxx = product type marking code suggested p ad layout size (inch) 0.1 18 (mm) 3.00 1.30 1.80 0.051 0.071 4.30 0.169 e 1.70 0.067 b c d a c a e d b sod-123h pinning information pin simplified outline symbol 1 2 pin 1 cathode pin 2 anode 2 1 low profile smd schottky barrier rectifiers standard package c a s e t y p e r e e l p a c k ( t /r ) 3 0 0 0 s o d - 1 2 3 h b o x 3 0 0 0 0 2 4 0 0 0 0 r e e l ( e a ) c a r t o n ( e a ) ( e a ) reel size (inch) 7 t ype matl plastic


▲Up To Search▲   

 
Price & Availability of CDBMT230-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X