Part Number Hot Search : 
MIIC5271 002000 CXA3785R TW9903 AV2636 S1500 LM39500 SKIIP
Product Description
Full Text Search
 

To Download BB83307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-04-20 1 bb833... silicon tuning diodes ? extended frequency range up to 2.5 ghz; spezial design for use in tv-sat tuners ? high capacitance ratio ? pb-free (rohs compliant) package 1) ? qualified according aec q101 bb833   type package configuration l s (nh) marking bb833 sod323 single 1.8 white x maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage v r 30 v peak reverse voltage- r 5k ? v rm 35 forward current i f 20 ma operating temperature range t op -55 ... 150 c storage temperature t stg -55 ... 150 1 pb-containing package may be available upon special request
2007-04-20 2 bb833... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics reverse current v r = 30 v v r = 30 v, t a = 85 c i r - - - - 20 500 na ac characteristics diode capacitance v r = 1 v, f = 1 mhz v r = 28 v, f = 1 mhz c t 8.5 0.6 9.3 0.75 10 0.9 pf capacitance ratio v r = 1 v, v r = 28 v, f = 1 mhz c t1 / c t28 11 12.4 - capacitance matching 1) v r = 1 v, v r = 28 v, f = 1 mhz ? c t / c t - - 3 % series resistance v r = 1 v, f = 470 mhz r s - 1.8 - ? 1 for details please refer to application note 047.
2007-04-20 3 bb833... diode capacitance c t = ? ( v r ) f = 1mhz 10 0 ehd07121 bb 833 c v r t 01 10 2 10 v 2 4 6 8 10 pf 12 temperature coefficient of the diode capacitance t cc = ? ( v r ) 10 -1 10 0 10 1 10 2 v v r -5 10 -4 10 -3 10 1/c t cc
2007-04-20 4 bb833... package sod323 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel bar63-03w type code cathode marking laser marking 0.8 0.8 0.6 1.7 marking cathode 0.2 2.5 0.25 0.3 1 -0.05 m a +0.1 +0.2 2 1.25 -0.1 +0.05 -0.2 1.7 0.3 0.15 -0.06 +0.1 0 0.05 +0.2 -0.1 a 0.9 +0.2 -0.1 0.15 0.45 0.2 4 8 2.9 1 2 1.35 0.65 cathode marking
2007-04-20 5 bb833... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BB83307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X