Part Number Hot Search : 
2SC1162 A3515E PCA95 KIA7733S CX93510 UPC1060 2SJ606 AD8330
Product Description
Full Text Search
 

To Download APT12080B2VFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050-5840 rev a 2-2004 maximum ratings all ratings: t c = 25c unless otherwise specified. power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect, increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. ? faster switching ? avalanche energy rated ? lower leakage ? popular t-max? or to-264 package caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 250a) drain-source on-state resistance 2 (v gs = 10v, i d = 8a) zero gate voltage drain current (v ds = 1200, v gs = 0v) zero gate voltage drain current (v ds = 960v, v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1ma) symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameter drain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuous gate-source voltage transient total power dissipation @ t c = 25c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/c c amps mj static electrical characteristics symbol bv dss r ds(on) i dss i gss v gs(th) unit volts ohms a na volts min typ max 1200 0.800 250 1000 100 24 APT12080B2VFR_lvfr 1200 16 64 30 40 520 4.16 -55 to 150 300 16 50 2500 fredfet power mos v ? fredfet g d s APT12080B2VFR apt12080lvfr 1200v 16a 0.800 ? ? ? ? ? t-max ? to-264
dynamic characteristics APT12080B2VFR_lvfr z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.3 0.1 0.05 0.01 0.005 0.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01 050-5840 rev a 2-2004 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25c, l = 19.53mh, r g = 25 ? , peak i l = 16a 2 pulse test: pulse width < 380 s, duty cycle < 2% 5 i s i d [cont.], di / dt = 100a/s, t j 150c, r g = 2.0 ? v r = 200v. apt reserves the right to change, without notice, the specifications and information contained herein. source-drain diode ratings and characteristics characteristic / test conditions continuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d [cont.]) peak diode recovery dv / dt 5 reverse recovery time (i s = -i d [cont.], di / dt = 100a/s) reverse recovery charge (i s = -i d [cont.], di / dt = 100a/s) peak recovery current (i s = -i d [cont.], di / dt = 100a/s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns c amps symbol c iss c oss c rss q g q gs q gd t d (on) t r t d (off) t f characteristic input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller") charge turn-on delay time rise time turn-off delay time fall time test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d [cont.] @ 25c v gs = 15v v dd = 0.5 v dss i d = i d [cont.] @ 25c r g = 0.6 ? unit pf nc ns min typ max 16 64 1.3 18 t j = 25c 350 t j = 125c 700 t j = 25c 2 t j = 125c 6 t j = 25c 12 t j = 125c 22 thermal characteristics symbol r jc r ja min typ max 0.24 40 unit c/w characteristic junction to case junction to ambient min typ max 6500 7800 530 740 250 375 325 485 29 45 145 215 16 32 12 24 59 90 12 24
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature (c) t j , junction temperature (c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature (c) t c , case temperature (c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) APT12080B2VFR_lvfr typical performance curves 050-5840 rev a 2-2004 0 120 240 360 480 600 0 5 10 15 20 25 02468 0816243240 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 i d = 0.5 i d [cont.] v gs = 10v 30 24 18 12 6 0 1.25 1.20 1.15 1.10 1.05 1.00 0.95 1.15 1.10 1.05 1.00 0.95 0.90 1.2 1.1 1.0 0.9 0.8 0.7 0.6 30 24 18 12 6 0 50 40 30 20 10 0 16 12 8 4 0 3.0 2.5 2.0 1.5 1.0 0.5 0.0 v ds > i d (on) x r ds (on)max. 250sec. pulse test @ <0.5 % duty cycle v gs =10v v gs =20v t j = +125c t j = +25c 4.5v 4v v gs =5v, 6v, 7v, 10v & 15v 4.5v 4v v gs =5v, 6v, 7v, 10v & 15v t j = -55c normalized to v gs = 10v @ 0.5 i d [cont.]
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, typical source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) APT12080B2VFR_lvfr 050-5840 rev a 2-2004 1 5 10 50 100 500 1200 .01 .1 1 10 50 0 100 200 300 400 500 600 0 0.4 0.8 1.2 1.6 2.0 t c =+25c t j =+150c single pulse 100 50 10 5 1 .5 .1 20 16 12 8 4 0 30,000 10,000 5,000 1,000 500 100 100 50 10 5 1 .5 .1 operation here limited by r ds (on) t j =+150c t j =+25c v ds =600v v ds =240v v ds =120v c rss c oss c iss i d = i d [cont.] 10s 1ms 10ms 100ms dc 100s 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) bsc 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain source gate these dimensions are equal to the to-247 without the mounting hole. drain 2-plcs. 19.51 (.768) 20.50 (.807) 19.81 (.780) 21.39 (.842) 25.48 (1.003) 26.49 (1.043) 2.29 (.090)  2.69 (.106) 0.76 (.030) 1.30 (.051) 3.10 (.122)  3.48 (.137) 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019) 0.84 (.033) drain source gate dimensions in millimeters and (inches) drain 2.29 (.090) 2.69 (.106) 5.79 (.228) 6.20 (.244) 2.79 (.110) 3.18 (.125) 5.45 (.215) bsc 2-plcs. dimensions in millimeters and (inches) t-max tm (b2) package outline to-264 (l) package outline apt?s products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign pat ents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APT12080B2VFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X