Part Number Hot Search : 
L6911ETR BAR6404W KBPC2502 H3950 LM323 HT48R01M SD233R X2P1200
Product Description
Full Text Search
 

To Download AD7896AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. b information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a ad7896* 2.7 v to 5.5 v, 12-bit, 8 m s adc in 8-pin so/dip general description the ad7896 is a fast, 12-bit adc which operates from a single +2.7 v to 5.5 v supply and is housed in a small 8-pin mini-dip and 8-pin soic. the part contains an 8 m s successive approxi- mation a/d converter, an on-chip track/hold amplifier, an on- chip clock and a high speed serial interface. output data from the ad7896 is provided via a high speed, serial interface port. this two-wire serial interface has a serial clock input and a serial data output with the external serial clock accessing the serial data from the part. in addition to the traditional dc accuracy specifications such as linearity, full-scale and offset errors, the ad7896 is also speci- fied for dynamic performance parameters including harmonic distortion and signal-to-noise ratio. the part accepts an analog input range of 0 v to v dd and oper- ates from a single +2.7 v to +5.5 v supply consuming only 9 mw typical. the v dd input is also used as the reference for the part so that no external reference is required. the ad7896 features a high sampling rate mode and, for low power applications, a proprietary automatic power down mode where the part automatically goes into power down once con- version is complete and wakes up before the next conversion cycle. the part is available in a small, 8-pin, 0.3'' wide, plastic or her- metic dual-in-line package (mini-dip) and in an 8-pin, small outline ic (soic). * patent pending. product highlights 1. complete, 12-bit adc in 8-pin package the ad7896 contains an 8 m s adc, a track/hold amplifier, control logic and a high speed serial interface, all in an 8-pin dip. the v dd input is used as the reference for the part so no external reference is needed. this offers considerable space saving over alternative solutions. 2. low power, single supply operation the ad7896 operates from a single +2.7 v to 5.5 v supply and consumes only 9 mw typical. the automatic power down mode, where the part goes into power down once con- version is complete and wakes up before the next conver- sion cycle, makes the ad7896 ideal for battery powered or portable applications. 3. high speed serial interface the part provides high speed serial data and serial clock lines allowing for an easy, two-wire serial interface arrangement. features 100 khz throughput rate fast 12-bit sampling adc with 8 m s conversion time 8-pin mini-dip and soic single +2.7 v to +5.5 v supply operation high speed, easy-to-use, serial interface on-chip track/hold amplifier analog input range is 0 v to supply high input impedance low power: 9 mw typ functional block diagram clock 12-bit adc output register track/hold ad7896 v in convst v dd agnd dgnd busy sclk sdata ? analog devices, inc., 1996 one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 617/329-4700 fax: 617/326-8703
abj s parameter versions 1 versions version version units test conditions/comments dynamic performance 2 signal to (noise + distortion) ratio 3 @ +25 c 70 70 70 typ 70 db min f in =10 khz sine wave, f sample = 100 khz t min to t max 70 db min total harmonic distortion (thd) 3 C80 C80 C80 typ C80 db max f in = 10 khz sine wave, f sample = 100 khz peak harmonic or spurious noise 3 C80 C80 C80 typ db max f in = 10 khz sine wave, f sample = 100 khz intermodulation distortion (imd) 3 fa = 9 khz, fb = 9.5 khz, f sample = 100 khz 2nd order terms C80 C80 C80 typ C80 db max 3rd order terms C80 C80 C80 typ C80 db max dc accuracy resolution 12 12 12 12 bits minimum resolution for which no missing codes are guaranteed 12 12 12 12 bits relative accuracy 3 1 1/2 1 1 lsb max differential nonlinearity 3 1 1 1 1 lsb max positive full-scale error 3 3 1.5 3 3 lsb max unipolar offset error 4 4 5 4 lsb max v dd = 5 v 10% 4 3 5 4 lsb max v dd = 2.7 v to 3.6 v analog input input voltage range 0 to +v dd 0to+v dd 0to+v dd 0 to +v dd volts input current 2 2 2 5 m a max logic inputs input high voltage, v inh 2.0 2.0 2.0 2.0 v min v dd = 2.7 v to 3.6 v 2.4 2.4 2.4 2.4 v dd = 5 v 10% input low voltage, v inl 0.8 0.8 0.8 0.8 v max input current, i in 10 10 10 10 m a max v in = 0 v to v dd input capacitance, c in 4 10 10 10 10 pf max logic outputs output high voltage, v oh 2.4 2.4 2.4 2.4 v min i source = 2 ma output low voltage, v ol 0.4 0.4 0.4 0.4 v max i sink = 2 ma output coding straight (natural) binary conversion rate conversion time: mode 1 operation 8888.5 m s max mode 2 operation 5 14 14 14 14.5 m s max track/hold acquisition time 3 1.5 1.5 1.5 1.5 m s max power requirements v dd +2.7/+5.5 +2.7/+5.5 +2.7/+5.5 +2.7/+5.5 v min/max i dd 4444ma max digital input @ dgnd, v dd = 2.7 v to 3.6 v 5555ma max digital inputs @ dgnd, v dd = 5 v 10% power dissipation 10.8 10.8 10.8 10.8 mw max v dd = 2.7 v, typically 9 mw power-down mode digital inputs @ dgnd i dd @ +25 c 555 m a typ 5 m a max v dd = 2.7 v to 3.6 v t min to t max 15 15 75 75 m a max v dd = 2.7 v to 3.6 v i dd @ +25 c 50505050 m a max v dd = 5 v 10% t min to t max 150 150 500 500 m a max v dd = 5 v 10% power dissipation @ +25 c 13.5 13.5 13.5 13.5 m w max v dd = 2.7 v notes 1 temperature ranges are as follows: a, b versions: C40 c to +85 c; j version: 0 c to +70 c; s version: C55 c to +125 c. 2 applies to mode 1 operation. see section on operating modes. 3 see terminology. 4 sample tested @ +25 c to ensure compliance. 5 this 14 m s includes the wake-up time from standby. this wake-up time is timed from the rising edge of convst , whereas conversion is timed from the falling edge of convst , for narrow convst pulse width the conversion time is effectively the wake-up time plus conversion time hence 14 m s. this can be seen from figure 3. note that if the convst pulse width is greater than 6 m s then the effective conversion time will increase beyond 14 m s. specifications subject to change without notice. rev. b C2C (v dd = +2.7 v to +5.5 v, agnd = dgnd = 0 v. all specifications t min to t max unless otherwise noted) ad7896Cspecifications
ad7896 rev. b C3C a, b j s parameter versions version version units test conditions/comments t 1 40 40 40 ns min convst pulse width t 2 40 2 40 2 45 2 ns min sclk high pulse width t 3 40 2 40 2 45 2 ns min sclk low pulse width t 4 data access time after falling edge of sclk 60 3 60 3 70 3 ns max v dd = 5 v 10% 100 3 100 3 110 3 ns max v dd = 2.7 v to +3.6 v t 5 10 10 10 ns min data hold time after falling edge of sclk t 6 50 4 50 4 50 4 ns max bus relinquish time after falling edge of sclk notes 1 sample tested at +25 c to ensure compliance. all input signals are measured with tr = tf = 1 ns (10% to 90% of v dd ) and timed from a voltage level of +1.4 v. 2 the sclk maximum frequency is 10 mhz. care must be taken when interfacing to account for the data access time, t 4 , and the setup time required for the user's processor. these two times will determine the maximum sclk frequency that the user's system can operate with. see serial interface section for more information. 3 measured with the load circuit of figure 1 and defined as the time required for an output to cross 0.8 v or 2.0 v. 4 derived from the measured time taken by the data outputs to change 0.5 v when loaded with the circuit of figure 1. the measured number is then extrapolated back to remove the effects of charging or discharging the 50 pf capacitor. this means that the time, t 6 , quoted in the timing characteristics is the true bus relinquish time of the part and as such is independent of external bus loading capacitances. timing characteristics 1 (v dd = +2.7 v to +5.5 v, agnd = dgnd = 0 v) absolute maximum ratings* (t a = +25 c unless otherwise noted) v dd to agnd . . . . . . . . . . . . . . . . . . . . . . . . . . C0.3 v to +7 v v dd to dgnd. . . . . . . . . . . . . . . . . . . . . . . . . . C0.3 v to +7 v analog input voltage to agnd . . . . . . C0.3 v to v dd + 0.3 v digital input voltage to dgnd . . . . . . C0.3 v to v dd + 0.3 v digital output voltage to dgnd . . . . . C0.3 v to v dd + 0.3 v operating temperature range commercial (j version) . . . . . . . . . . . . . . . . . 0 c to +70 c industrial (a, b versions) . . . . . . . . . . . . . . . C40 c to +85 c extended (s version) . . . . . . . . . . . . . . . . . C55 c to +125 c storage temperature range . . . . . . . . . . . . . C65 c to +150 c junction temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150 c plastic dip package, power dissipation . . . . . . . . . . . 450 mw q ja thermal impedance . . . . . . . . . . . . . . . . . . . . . 125 c/w q jc thermal impedance. . . . . . . . . . . . . . . . . . . . . . 50 c/w lead temperature (soldering, 10 sec) . . . . . . . . . . . +260 c soic package, power dissipation . . . . . . . . . . . . . . . . 450 mw q ja thermal impedance . . . . . . . . . . . . . . . . . . . . . 160 c/w q jc thermal impedance . . . . . . . . . . . . . . . . . . . . . . 75 c/w lead temperature, soldering vapor phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215 c infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220 c esd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4000 v *stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. +1.6v 2.0ma 2.0ma 50pf to output pin figure 1. load circuit for access time and bus relinquish time
rev. b C4C ad7896 pin function description pin pin no. mnemonic description 1v in analog input. the analog input range is 0 v to v dd . 2v dd positive supply voltage, +2.7 v to 5.5 v. 3 agnd analog ground. ground reference for track/hold, comparator and dac. 4 sclk serial clock input. an external serial clock is applied to this input to obtain serial data from the ad7896. a new serial data bit is clocked out on the falling edge of this serial clock. data is guaranteed valid for 10 ns after this falling edge so data can be accepted on the falling edge when a fast serial clock is used. the serial clock input should be taken low at the end of the serial data transmission. 5 sdata serial data output. serial data from the ad7896 is provided at this output. the serial data is clocked out by the falling edge of sclk, but the data can also be read on the falling edge of the sclk. this is possible because data bit n is valid for a specified time after the falling edge of the sclk (data hold time) and can be read before data bit n+1 becomes valid a specified time after the falling edge of sclk (data access time) (see figure 4). sixteen bits of serial data are provided with four leading zeros followed by the 12 bits of conversion data. on the sixteenth falling edge of sclk, the sdata line is held for the data hold time and then disabled (three-stated). output data coding is straight binary. 6 dgnd digital ground. ground reference for digital circuitry. 7 convst convert start. edge-triggered logic input. on the falling edge of this input, the track/hold goes into its hold mode and conversion is initiated. if convst is low at the end of conver- sion, the part goes into power down mode. in this case, the rising edge of convst wakes up the part. 8 busy the busy pin is used to indicate when the part is doing a conversion. the busy pin will go high on the falling edge of convst and will return low when the conversion is complete. pin configuration 1 2 3 4 8 7 6 5 top view (not to scale) ad7896 v in sdata dgnd convst busy v dd agnd sclk ordering guide temperature linearity snr package model range error (lsb) (db) option* ad7896an C40 c to +85 c 1 lsb 70 db n-8 ad7896bn C40 c to +85 c 1/2 lsb 70 db n-8 AD7896AR C40 c to +85 c 1 lsb 70 db so-8 ad7896br C40 c to +85 c 1/2 lsb 70 db so-8 ad7896jr 0 c to +70 c 1 lsb 70 db so-8 ad7896sq C55 c to +125 c 1 lsb 70 db q-8 *n = plastic dip; q = cerdip; so = soic.
ad7896 rev. b C5C terminology relative accuracy this is the maximum deviation from a straight line passing through the endpoints of the adc transfer function. the end- points of the transfer function are zero scale ( which is v in = agnd + 1/2 lsb ) a point 1/2 lsb below the first code transi- tion (00 . . . 000 to 00 . . . 001) and full scale ( which is v in = agnd + v dd C 1/2 lsb ), a point 1/2 lsb above the last code transition (11 . . . 110 to 11 . . . 111). differential nonlinearity this is the difference between the measured and the ideal 1 lsb change between any two adjacent codes in the adc. unipolar offset error this is the deviation of the first code transition (00 . . . 000 to 00 . . . 001) from the ideal v in voltage (agnd + 1 lsb). positive full-scale error this is the deviation of the last code transition (11 . . . 110 to 11 . . . 111) from the ideal (v in = agnd + v dd C 1 lsb) after the offset error has been adjusted out. track/hold acquisition time track/hold acquisition time is the time required for the output of the track/hold amplifier to reach its final value, within 1/2 lsb, after the end of conversion ( the point at which the track/hold returns into track mode ). it also applies to a situation where there is a step input change on the input voltage applied to the selected v in input of the ad7896. it means that the user must wait for the duration of the track/hold acquisition time after the end of conversion or after a step input change to v in before starting another conversion, to ensure the part operates to specification. signal to (noise + distortion) ratio this is the measured ratio of signal to (noise + distortion) at the output of the a/d converter. the signal is the rms amplitude of the fundamental. noise is the sum of all nonfundamental signals up to half the sampling frequency (f s /2), excluding dc. the ratio is dependent on the number of quantization levels in the digiti- zation process; the more levels, the smaller the quantization noise. the theoretical signal to (noise + distortion) ratio for an ideal n-bit converter with a sine wave input is given by: s ignal to ( noise + distortion ) = (6.02 n + 1.76) db thus for a 12-bit converter, this is 74 db. total harmonic distortion total harmonic distortion (thd) is the ratio of the rms sum of harmonics to the fundamental. for the ad7896, it is defined as: thd ( db ) = 20 log v 2 2 + v 3 2 + v 4 2 + v 5 2 + v 6 2 v 1 where v 1 is the rms amplitude of the fundamental and v 2 , v 3 , v 4 , v 5 and v 6 are the rms amplitudes of the second through the sixth harmonics. peak harmonic or spurious noise peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the adc output spectrum (up to f s /2 and excluding dc) to the rms value of the fundamental. normally, the value of this specification is deter- mined by the largest harmonic in the spectrum, but for parts where the harmonics are buried in the noise floor, it will be a noise peak. intermodulation distortion with inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, etc. intermodulation distortion terms are those for which neither m nor n are equal to zero. for example, the second order terms include (fa + fb) and (fa C fb), while the third order terms include (2fa + fb), (2fa C fb), (fa + 2fb) and (fa C 2fb). the ad7896 is tested using the ccif standard where two in- put frequencies near the top end of the input bandwidth are used. in this case, the second order terms are usually distanced in frequency from the original sine waves while the third order terms are usually at a frequency close to the input frequencies. as a result, the second and third order terms are specified sepa- rately. the calculation of the intermodulation distortion is as per the thd specification where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the fundamental expressed in dbs.
rev. b C6C ad7896 converter details the ad7896 is a fast, 12-bit a/d converter that operates from a single +2.7 v to +5.5 v supply. it provides the user with a track/ hold, a/d converter and serial interface logic functions on a single chip. the a/d converter section of the ad7896 consists of a conventional successive-approximation converter based around an r-2r ladder structure. the internal reference for the ad7896 is derived from v dd , and this allows the part to accept an analog input range of 0 v to v dd . the ad7896 has two op- erating modes, the high sampling mode and the auto sleep mode where the part automatically goes into sleep after the end of conversion. these modes are discussed in more detail in the timing and control section. a major advantage of the ad7896 is that it provides all of the above functions in an 8-pin package, either 8-pin mini-dip or soic. this offers the user considerable space saving advan- tages over alternative solutions. the ad7896 consumes only 9 mw typical making it ideal for battery-powered applications. conversion is initiated on the ad7896 by pulsing the convst input. on the falling edge of convst , the on-chip track/hold goes from track to hold mode and the conversion sequence is started. the conversion clock for the part is generated inter- nally using a laser-trimmed clock oscillator circuit. conversion time for the ad7896 is 8 m s in the high sampling mode (14 m s for the auto sleep mode ), and the track/hold acquisition time is 1.5 m s. to obtain optimum performance from the part, the read operation should not occur during the conversion or during 400 ns prior to the next conversion. this allows the part to op- erate at throughput rates up to 100 khz and achieve data sheet specifications (see timing and control section). circuit description analog input section the analog input range for the ad7896 is 0 v to v dd. the v in pin drives the input to the track/hold amplifier directly. this al- lows for a maximum output impedance of the circuit driving the analog input of 1 k w . this ensures that the part will be settled to 12-bit accuracy in the 1.5 m s acquisition time. this input is benign with dynamic charging currents. the designed code transitions occur on successive integer lsb values (i.e., 1 lsb, 2 lsb, 3 lsb . . . fsC1 lsb). output coding is straight (natu- ral) binary with 1 lsb = fs/4096 = 3.3 v/4096 = 0.81 mv. the ideal input/output transfer function is shown in table i. table i. ideal input/output code table for the ad7896 analog input 1 code transition +fsr C 1 lsb 2 (3.299194) 111 . . . 110 to 111 . . . 111 +fsr C 2 lsb (3.298389) 111 . . . 101 to 111 . . . 110 +fsr/2 C 3 lsb (3.297583) 111 . . . 100 to 111 . . . 101 agnd + 3 lsb (0.002417) 000 . . . 010 to 000 . . . 011 agnd + 2 lsb (0.001611) 000 . . . 001 to 000 . . . 010 agnd + 1 lsb (0.000806) 000 . . . 000 to 000 . . . 001 notes 1 fsr is full-scale range and is 3.3 v with v dd = +3.3 v. 2 1 lsb = fsr/4096 = 0.81 mv with v dd = +3.3 v. track/hold section the track/hold amplifier on the analog input of the ad7896 al- lows the adc to accurately convert an input sine wave of full- scale amplitude to 12-bit accuracy. the input bandwidth of the track/hold is greater than the nyquist rate of the adc even when the adc is operated at its maximum throughput rate of 100 khz (i.e., the track/hold can handle input frequencies in excess of 50 khz). the track/hold amplifier acquires an input signal to 12-bit accu- racy in less than 1.5 m s. the operation of the track/hold is essen- tially transparent to the user. with the high sampling operating mode the track/hold amplifier goes from its tracking mode to its hold mode at the start of conversion (i.e., the rising edge of convst ). the aperture time for the track/hold (i.e., the delay time between the external convst signal and the track/hold actually going into hold) is typically 15 ns. at the end of conver- sion (on the falling edge of busy) the part returns to its tracking mode. the acquisition time of the track/hold amplifier begins at this point. for the auto shutdown mode, the rising edge of convst wakes up the part and the track and hold amplifier goes from its tracking mode to its hold mode 6 m s after the rising edge of convst ( provided that the convst high time is less then 6 m s). once again the part returns to its tracking mode at the end of conversion when the busy signal goes low. timing and control section figure 2 shows the timing and control sequence required to ob- tain optimum performance from the ad7896. in the sequence shown, conversion is initiated on the falling edge of convst and new data from this conversion is available in the output reg- ister of the ad7896 8 m s later. once the read operation has taken place, a further 400 ns should be allowed before the next falling edge of convst to optimize the settling of the track/ hold amplifier before the next conversion is initiated. with the serial clock frequency at its maximum of 10 mhz (5 v opera- tion), the achievable throughput rate for the part is 8 m s (conver- sion time) plus 1.6 m s (read time) plus 0.4 m s (acquisition time). this results in a minimum throughput time of 10 m s (equivalent to a throughput rate of 100 khz). a serial clock of less than 10 mhz can be used but this will in turn mean that the throughput time will increase. the read operation consists of sixteen serial clock pulses to the output shift register of the ad7896. after sixteen serial clock pulses the shift register is reset and the sdata line is three- stated. if there are more serial clock pulses after the sixteenth clock, the shift register will be moved on past its reset state. however, the shift register will be reset again on the falling edge of the convst signal to ensure that the part returns to a known state every conversion cycle. as a result, a read opera- tion from the output register should not straddle across the fall- ing edge of convst as the output shift register will be reset in the middle of the read operation and the data read back into the microprocessor will appear invalid. the throughput rate of the part can be increased by reading data during conversion. if the data is read during conversion, a throughput time of 8 m s (conversion time) plus 1.5 m s (acquisi- tion time) is achieved when a 10 mhz (5 v operation) serial clock is being used. this minimum throughput time of 9.5 m s is achieved with a slight reduction in performance from the ad7896. the advantage of this arrangement is that when the serial clock is significantly lower than 10 mhz the throughput time for this arrangement will be significantly less than the throughput time where the data is read after conversion. the signal to (noise + distortion) number is likely to degrade by less than 1 db while the code flicker from the part will also in- crease (see ad7896 performance section).
ad7896 rev. b C7C operating modes mode 1 operation (high sampling performance) the timing diagram in figure 2 is for optimum performance in operating mode 1 where the falling edge of convst starts conversion and puts the track/hold amplifier into its hold mode. this falling edge of convst also causes the busy sig- nal to go high to indicate that a conversion is taking place. the busy signal goes low when the conversion is complete which is 8 m s max after the falling edge of convst, and new data from this conversion is available in the output register of the ad7896. a read operation accesses this data. this read operation consists of 16 clock cycles, and the length of this read operation will de- pend on the serial clock frequency. for the fastest throughput rate (with a serial clock of 10 mhz 5 v operation) the read op- eration will take 1.6 m s. the read operation must be complete at least 400 ns before the falling edge of the next convst, and this gives a total time of 10 m s for the full throughput time (equivalent to 100 khz). this mode of operation should be used for high sampling applications. 14 m s shown in diagram from the rising edge of convst . this is because the track/hold amplifier goes into its hold mode on the falling edge of convst and then the conversion will not be complete for a further 8 m s. in this case the busy will be the best indicator for when the conversion is complete. even though the part is in sleep mode, data can still be read from the part. the read operation consists of 16 clock cycles as in mode 1 op- eration. for the fastest serial clock of 10 mhz 5 v operation the read operation will take 1.6 m s, and this must be complete at least 400 ns before the falling edge of the next convst to al- low the track/hold amplifier to have enough time to settle. this mode is very useful when the part is converting at a slow rate as the power consumption will be significantly reduced from that of mode 1 operation. mode 2 operation (auto sleep after conversion) the timing diagram in figure 3 is for optimum performance in operating mode 2 where the part automatically goes into sleep mode once busy goes low after conversion and wakes up be- fore the next conversion takes place. this is achieved by keeping convst low at the end of conversion whereas it was high at the end of conversion for mode 1 operation. the rising edge of convst wakes up the part. this wake-up time is 6 m s at which point the track/hold amplifier goes into its hold mode. the conversion takes 8 m s after this, provided the convst has gone low, giving a total of 14 m s from the rising edge of convst to the conversion being complete which is indicated by the busy going low. note that since the wake-up time from the rising edge of convst is 6 m s, when the convst pulse width is greater than 6 m s the conversion will take more than the t convert = 8? convst busy sclk serial read operation conversion ends 8? later output serial shift register is reset conversion is initiated and track/hold goes into hold t 1 = 40ns min 400ns min t 1 t convert = 8? read operation should end 400ns prior to next falling edge of convst figure 2. mode 1 timing operation diagram for high sampling performance convst busy sclk serial read operation conversion ends 14? later read operation should end 400ns prior to next falling edge of convst output serial shift register is reset part wakes up conversion is initiated track/hold goes into hold t 1 = 6? wake-up time t 1 t convert = 14? 400ns min figure 3. mode 2 timing diagram where automatic sleep function is initiated
rev. b C8C ad7896 serial interface the serial interface to the ad7896 consists of just three wires, a serial clock input (sclk) and the serial data output (sdata) and a conversion status output (busy). this allows for an easy-to-use interface to most microcontrollers, dsp processors and shift registers. figure 4 shows the timing diagram for the read operation to the ad7896. the serial clock input (sclk) provides the clock source for the serial interface. serial data is clocked out from the sdata line on the falling edge of this clock and is valid on both the rising and falling edges of sclk. the advantage of having the data valid on both the rising and falling edges of the sclk is so that it gives the user greater flexibility in interfacing to the part and also so that a wider range of microprocessor and microcontroller interfaces can be accommodated. this also ex- plains the two timing figures t 4 and t 5 that are quoted on the dia- gram. the time t 4 specifies how long after the falling edge of the sclk that the next data bit becomes valid whereas the time t 5 specifies how long after the falling edge of the sclk that the current data bit is valid for. the first leading zero is clocked out on the first rising edge of sclk, and note that the first zero may be valid on the first falling edge of sclk even though the data access time is specified at 60 ns (5 v, a, b, j versions only) for the other bits ( and the sclk high time will be 50 ns with a 10 mhz sclk ). the reason that the first bit will be clocked out faster than the other bits is due to the internal architecture of the part. sixteen clock pulses must be provided to the part to access to full conversion result. the ad7896 provides four lead- ing zeros followed by the 12-bit conversion result starting with the msb (db11). the last data bit to be clocked out on the penultimate falling clock edge is the lsb (db0). on the six- teenth falling edge of sclk the lsb (db0) will be valid for a specified time to allow the bit to be read on the falling edge of the sclk, and then the sdata line is disabled (three-stated). after this last bit has been clocked out, the sclk input should remain low until the next serial data read operation. if there are extra clock pulses after the sixteenth clock, the ad7896 will start over again with outputting data from its output register, and the data bus will no longer be three-stated even when the clock stops. provided the serial clock has stopped before the next falling edge of convst, the ad7896 will continue to op- erate correctly with the output shift register being reset on the falling edge of convst . however, the sclk line must be low when convst goes low in order to reset the output shift register correctly. the serial clock input does not need to be continuous during the serial read operation. the sixteen bits of data (four leading zeros and 12-bit conversion result) can be read from the ad7896 in a number of bytes. however, the sclk input must remain low between the two bytes. the maximum sclk frequency will be 10 mhz for 5 v opera- tion (giving a throughput of 100 khz) and at 2.7 v the maxi- mum sclk frequency will be less than 10 mhz to allow for the longer data access time, t 4 (60 ns @ 5 v, 100 ns @ 2.7 v (a, b, j versions) 70 ns @ 5 v, (110 ns @ 2.7 v (s version)). note that at 3.0 v operation (a, b, j versions) an sclk of 10 mhz (throughput rate of 100 khz) may be acceptable if the required processor setup time is 0 ns (this may be possible with an asic or fpga). the data must be read in the next 10 ns which is specified as the data hold time, t 5 , after the sclk edge. the ad7896 counts the serial clock edges to know which bit from the output register should be placed on the sdata out- put. to ensure that the part does not lose synchronization, the serial clock counter is reset on the falling edge of the convst input provided the sclk line is low. the user should ensure that a falling edge on the convst input does not occur while a serial data read operation is in progress. microprocessor/microcontroller interface the ad7896 provides a three-wire serial interface that can be used for connection to the serial ports of dsp processors and microcontrollers. figures 5 through 8 show the ad7896 inter- faced to a number of different microcontrollers and dsp pro- cessors. the ad7896 accepts an external serial clock and as a result, in all interfaces shown here, the processor/controller is configured as the master, providing the serial clock, with the ad7896 configured as the slave in the system. ad7896C8051 interface figure 5 shows an interface between the ad7896 and the 8x51/ l51 microcontroller. the 8x51/l51 is configured for its mode 0 serial interface mode. the diagram shows the simplest form of the interface where the ad7896 is the only part connected to the serial port of the 8x51/l51 and, therefore, no decoding of the serial read operations is required. t 2 4 leading zeros dout (o/p) sclk ( i/p) t 6 1 2 3 4 5 6 15 16 db0 db10 db11 3-state t 5 t 3 t 4 3-state t 2 = t 3 = 40ns min, t 4 = 60ns max, t 5 = 10ns min, t 6 = 50ns max @ 5v, a, b, versions figure 4. data read operation
ad7896 rev. b C9C the busy line can be connected to the irq line of the 68hc11/l11 if an interrupt driven system is preferred. these two options are shown in the diagram. the serial clock rate from the 68hc11/l11 is limited to signifi- cantly less than the allowable input serial clock frequency with which the ad7896 can operate. as a result, the time to read data from the part will actually be longer than the conversion time of the part. this means that the ad7896 cannot run at its maximum throughput rate when used with the 68hc11/l11. ad7896 sdata sclk busy sck miso 68hc11/l11 pc2 or irq figure 6. ad7896 to 68hc11/l11 interface ad7896Cadsp-2103/adsp-2105 interface an interface circuit between the ad7896 and the adsp-2103/ adsp-2105 dsp processor is shown in figure 7. in the inter- face shown, the rfs1 output from the adsp-2103/adsp- 2105s sport1 serial port is used to gate the serial clock (sclk1) of the adsp-2103/adsp-2105 before it is applied to the sclk input of the ad7896. the rfs1 output is config- ured for active high operation. the busy line from the ad7896 is connected to the irq2 line of the adsp-2103/ adsp-2105 so that at the end of conversion an interrupt is gen- erated telling the adsp-2103/adsp-2105 to initiate a read op- eration. the interface ensures a noncontinuous clock for the ad7896s serial clock input, with only sixteen serial clock pulses provided and the serial clock line of the ad7896 remaining low between data transfers. the sdata line from the ad7896 is connected to the dr1 line of the adsp-2103/adsp-2105s serial port. the timing relationship between the sclk1 and rfs1 outputs of the adsp-2103/adsp-2105 are such that the delay between the rising edge of the sclk1 and the rising edge of an active high rfs1 is up to 30 ns. there is also a requirement that data must be set up 10 ns prior to the falling edge of the sclk1 to be read correctly by the adsp-2103/adsp-2105. the data ac- cess time for the ad7896 is 60 ns (5 v (a, b versions)) from the rising edge of its sclk input. assuming a 10 ns propaga- tion delay through the external and gate, the high time of the sclk1 output of the adsp-2105 must be 3 (30 + 60 +10 +10) ns, i.e., 3 110 ns. this means that the serial clock fre- quency with which the interface of figure 7 can work is limited to 4.5 mhz. however, there is an alternative method which al- lows for the adsp-2105 sclk1 to run at 5 mhz (which is the max serial clock frequency of the sclk1 output). the arrange- ment is where the first leading zero of the data stream from the ad7896 cannot be guaranteed to be clocked into the adsp- 2105 due to the combined delay of the rfs signal and the data access time of the ad7896. in most cases this is acceptable as there will still be three leading zeros followed by the 12 data bits. for the adsp-2103 the sclk1 frequency will need to be limited to < 4 mhz to account for the 100 ns data access time of the ad7896 at 3 v. to chip select the ad7896 in systems where more than one de- vice is connected to the 8x51/l51s serial port, a port bit, con- figured as an output, from one of the 8x51/l51s parallel ports can be used to gate on or off the serial clock to the ad7896. a simple and function on this port bit and the serial clock from the 8x51/l51 will provide this function. the port bit should be high to select the ad7896 and low when it is not selected. the end of conversion is monitored by using the busy signal which is shown in the interface diagram of figure 5. with the busy line from the ad7896 connected to the port p1.2 of the 8x51/l51 so the busy line can be polled by the 8x51/l51. the busy line can be connected to the int1 line of the 8x51/ l51 if an interrupt driven system is preferred. these two op- tions are shown on the diagram. note also that the ad7896 outputs the msb first during a read operation while the 8x51/l51 expects the lsb first. therefore, the data which is read into the serial buffer needs to be rear- ranged before the correct data format from the ad7896 appears in the accumulator. the serial clock rate from the 8x51/l51 is limited to signifi- cantly less than the allowable input serial clock frequency with which the ad7896 can operate. as a result, the time to read data from the part will actually be longer than the conversion time of the part. this means that the ad7896 cannot run at its maximum throughput rate when used with the 8x51/l51. ad7896 sdata sclk busy p3.0 p3.1 8x51/l51 p1.2 or int1 figure 5. ad7896 to 8x51/l51 interface ad7896C68hc11/l11 interface an interface circuit between the ad7896 and the 68hc11/l11 microcontroller is shown in figure 6. for the interface shown, the 68hc11/l11 spi port is used and the 68hc11/l11 is con- figured in its single-chip mode. the 68hc11/l11 is configured in the master mode with its cpol bit set to a logic zero and its cpha bit set to a logic one. as with the previous interface, the diagram shows the simplest form of the interface where the ad7896 is the only part connected to the serial port of the 68hc11/l11 and, therefore, no decoding of the serial read operations is required. once again, to chip select the ad7896 in systems where more than one device is connected to the 68hc11/l11s serial port, a port bit, configured as an output, from one of the 68hc11/ l11s parallel ports can be used to gate on or off the serial clock to the ad7896. a simple and function on this port bit and the serial clock from the 68hc11/l11 will provide this function. the port bit should be high to select the ad7896 and low when it is not selected. the end of conversion is monitored by using the busy signal which is shown in the interface diagram of figure 6. with the busy line from the ad7896 connected to the port pc0 of the 68hc11/l11 the busy line can be polled by the 68hc11/l11.
rev. b C10C ad7896 figure 9 shows a histogram plot for 8192 conversions of a dc in- put using the ad7896 with 3.3 v supply. the analog input was set at the center of a code transition. it can be seen that almost all the codes appear in the one output bin indicating very good noise performance from the adc. the rms noise performance for the ad7896 for the plot below was 111 m v. 9000 0 2000 1000 3000 4000 5000 6000 7000 8000 1005 1006 code f sample = 95khz, f sclk = 8.33 mhz, ain centered on code 1005, rms noise = 0.138lsbs occurrence figure 9. histogram of 8192 conversions of a dc input the same data is presented in figure 10 as in figure 9 except that in this case the output data read for the device occurs dur- ing conversion. this has the effect of injecting noise onto the die while bit decisions are being made and this increases the noise generated by the ad7896. the histogram plot for 8192 conversions of the same dc input now shows a larger spread of codes with the rms noise for the ad7896 increasing to 279 m v . this effect will vary depending on where the serial clock edges appear with respect to the bit trials of the conversion process. it is possible to achieve the same level of performance when read- ing during conversion as when reading after conversion depend- ing on the relationship of the serial clock edges to the bit trial points. 8000 0 2000 1000 1004 4000 3000 5000 6000 7000 1005 1006 code occurrence f sample = 95 khz, f sclk = 8.33mhz, ain centered on code 1005, rms noise = 0.346 lsbs figure 10. histogram of 8192 conversions with read during conversion another alternative scheme is to configure the adsp-2103/ adsp-2105 such that it accepts an external noncontinuous se- rial clock. in this case, an external noncontinuous serial clock is provided which drives the serial clock inputs of both the adsp- 2103/adsp-2105 and the ad7896. in this scheme, the serial clock frequency is limited to 10 mhz by the ad7896. ad7896 sdata sclk busy sclk1 dr1 adsp-2103/5 irq2 rfs1 figure 7. ad7896 to adsp-2103 /5 interface ad7896Cdsp56002/l002 interface figure 8 shows an interface circuit between the ad7896 and the dsp56002/l002 dsp processor. the dsp56002/l002 is con- figured for normal mode asynchronous operation with gated clock. it is also set up for a 16-bit word with sck as gated clock output. in this mode, the dsp56002/l002 provides six- teen serial clock pulses to the ad7896 in a serial read operation. the dsp56002/l002 assumes valid data on the first falling edge of sck so the interface is simply two-wire as shown in figure 8. the busy line from the ad7896 is connected to the moda/ irqa input of the dsp56002/l002 so that an interrupt will be generated at the end of conversion. this ensures that the read operation will take place after conversion is finished. ad7896 sdata sclk busy sck sdr dsp56002/l002 moda / irqa figure 8. ad7896 to dsp56002/l002 interface ad7896 performance linearity the linearity of the ad7896 is determined by the on-chip 12- bit d/a converter. this is a segmented dac which is laser trimmed for 12-bit integral linearity and differential linearity. typical relative accuracy numbers for the part are 1/4 lsb while the typical dnl errors are 1/2 lsb. noise in an a/d converter, noise exhibits itself as code uncertainty in dc applications and as the noise floor (in an fft, for example) in ac applications. in a sampling a/d converter like the ad7896, all information about the analog input appears in the baseband from dc to 1/2 the sampling frequency. the input bandwidth of the track/hold exceeds the nyquist bandwidth and, therefore, an antialiasing filter should be used to remove unwanted signals above f s /2 in the input signal in applications where such signals exist.
ad7896 rev. b C11C dynamic performance (mode 1 only) with a combined conversion and acquisition time of 9.5 m s, the ad7896 is ideal for wide bandwidth signal processing applica- tions. these applications require information on the adcs ef- fect on the spectral content of the input signal. signal to (noise + distortion), total harmonic distortion, peak harmonic or spurious noise and intermodulation distortion are all specified. figure 11 shows a typical fft plot of a 10 khz, 0 v to +3.3 v input after being digitized by the ad7896 operating at a 102.4 khz sampling rate. the signal to (noise + distortion) ratio is 71.5 db and the total harmonic distortion is C83 db. ? ?20 51200 ?0 ?00 10240 ?0 0 ?0 ?0 40960 30720 20480 f sample = 102.4 khz f in = 10khz snr = 71.54db thd = ?2.43db frequency ?hz db figure 11. ad7896 fft plot effective number of bits the formula for signal to (noise + distortion) ratio (see ter- minology section) is related to the resolution or number of bits in the converter. rewriting the formula, below, gives a measure of performance expressed in effective number of bits (n): n = ( snr 1.76)/6.02 where snr is signal to (noise + distortion) ratio. the effective number of bits for a device can be calculated from its measured signal to (noise + distortion) ratio. figure 12 shows a typical plot of effective number of bits versus frequency for the ad7896 from dc to f sampling /2. the sampling fre- quency is 102.4 khz. the plot shows that the ad7896 converts an input sine wave of 51.2 khz to an effective numbers of bits of 11.25 which equates to a signal to (noise + distortion) level of 69 db. 12.00 0 51.2 25.6 11.75 11.50 11.25 11.00 input frequency ?khz effective number of bits figure 12. effective number of bits vs. frequency power considerations in the automatic power-down mode then the part may be oper- ated at a sample rate which is considerably less than 100 khz. in this case the power consumption will be reduced and will de- pend on the sample rate. figure 13 shows a graph of the power consumption versus sampling rates from 10 hz to 1 khz in the automatic power-down mode. the conditions are 2.7 v supply 25 c, serial clock frequency of 8.33 mhz and the data was read after conversion. 200 0 1000 120 40 100 80 10 160 sampling rate in hz power m w f sclk = 8.33 mhz figure 13. power vs. sample rate in auto power-down mode
rev. b C12C ad7896 outline dimensions dimensions shown in inches and (mm). 8-lead plastic dip (n-8) pin 1 0.280 (7.11) 0.240 (6.10) 4 5 8 1 seating plane 0.060 (1.52) 0.015 (0.38) 0.130 (3.30) min 0.210 (5.33) max 0.160 (4.06) 0.115 (2.93) 0.430 (10.92) 0.348 (8.84) 0.022 (0.558) 0.014 (0.356) 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) bsc 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 8-lead cerdip (q-8) 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 0 0.005 (0.13) min 0.055 (1.4) max 1 pin 1 4 5 8 0.310 (7.87) 0.220 (5.59) 0.405 (10.29) max 0.200 (5.08) max seating plane 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) min 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) bsc 8-lead small outline (so-8) 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 0 0.0196 (0.50) 0.0099 (0.25) x 45 pin 1 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) 4 5 1 8 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) bsc 0.0688 (1.75) 0.0532 (1.35) 0.0098 (0.25) 0.0040 (0.10) 0.1968 (5.00) 0.1890 (4.80) printed in u.s.a. c1962aC12C9/96


▲Up To Search▲   

 
Price & Availability of AD7896AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X