Part Number Hot Search : 
WRA2415 LA7566 LC83010 DF151 AON6780 DTS6504 UPD168 TIP107
Product Description
Full Text Search
 

To Download 40NS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  naina s emiconductor standard recovery diodes features ? diffused series ? industrial grade ? available in normal and reverse polarity ? metric and unf thread type electrical specifications (t e = 25 0 c, unless otherwise symbol parameters i f(av) maximum avg. forward current @ t e = 150 o c v fm maximum peak forward voltage drop @ rated i f(av) i fsm maximum peak one cycle (non-rep) surge current @ 10 msec i frm maximum peak repetitive surge current i 2 t maximum i 2 t rating (non- rep) for 5 to 10 msec electrical ratings (t e = 25 0 c, unless otherwise noted) type number voltage code v rrm, maximum repetitive peak reverse voltage (v) v 10 100 20 200 40 400 60 600 40NS(r) 80 800 100 1000 120 1200 140 1400 160 1600 emiconductor ltd. 40NS standard recovery diodes (stud and lead type) do-203ab (do c, unless otherwise noted) values units = 40 a maximum peak forward voltage drop 1.2 v 500 a 200 a rep) for 5 to 1200 a 2 sec c, unless otherwise noted) v r(rms), maximum rms reverse voltage (v) v r, maximum dc blocking voltage (v) recommended rms working voltage (v) 70 100 40 140 200 80 280 400 160 420 600 240 560 800 320 700 1000 400 840 1200 480 980 1400 560 1120 1600 640 40NS (r) (stud and lead type) (do -5) recommended rms working voltage i r(av), maximum avg. reverse leakage current (a) 150
naina s emiconductor thermal & mechanical specifications (t e = 25 symbol parameters r th(jc) maximum thermal resistance, junction to case t j operating junction temperature range t stg storage temperature mounting torque (non- lubricated threads) w approximate allowable weight emiconductor ltd. 40NS all dimensions in mm = 25 0 c, unless otherwise noted) parameters values maximum thermal resistance, junction to case 1.0 operating junction temperature range - 65 to 150 - 65 to 150 lubricated threads) 0.4 (min) - 0.6 13.5 & 30 40NS (r) values units 0 c/w 65 to 150 0 c 65 to 150 0 c 0.6 (max) 13.5 & 30 g


▲Up To Search▲   

 
Price & Availability of 40NS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X