Part Number Hot Search : 
628512 2004A CT101K1 FR2ML N74AC Z25LA821 BC547C IRFS4
Product Description
Full Text Search
 

To Download 2SC3346 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3346 description with to-220c package complement to type 2sa1329 high speed switching time : t s tg =1.0 s(typ.) low collector saturation voltage : v ce(sat) =0.4v(max.)@i c =6a applications for high current switching applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 80 v v ceo collector-emitter voltage open base 80 v v ebo emitter-base voltage open collector 6 v i c collector current 12 a i b base current 2 a p c collector dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SC3346 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ; i b =0 80 v v cesat collector-emitter saturation voltage i c =6a; i b =0.3a 0.2 0.4 v v besat base-emitter saturation voltage i c =6a; i b =0.3a 0.9 1.2 v i cbo collector cut-off current v cb =80v ;i e =0 10 a i ebo emitter cut-off current v eb =6v; i c =0 10 a h fe-1 dc current gain i c =1a ; v ce =1v 70 240 h fe-2 dc current gain i c =6a ; v ce =1v 40 f t transition frequency i c =1a ; v ce =5v 80 mhz c ob output capacitance i e =0 ; v cb =10v,f=1mhz 220 pf switching times t on turn-on time 0.2 s t stg storage time 1.0 s t f fall time i b1 =-i b2 =0.3a; r l =5 e ,v cc =30v pw=20s ;duty f 1% 0.2 s  h fe-1 classifications o y 70-140 120-240
savantic semiconductor product specification 3 silicon npn power transistors 2SC3346 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC3346


▲Up To Search▲   

 
Price & Availability of 2SC3346

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X