Part Number Hot Search : 
78L08 2RS2H2SG 01909 M3135 MOF0932 E1215 50150 ADV7177
Product Description
Full Text Search
 

To Download 2SC3345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3345 d escription with to-220 package complement to type 2sa1328 low collector saturation voltage high speed switching time applications high current switching applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector- base voltage open emitter 60 v v ceo collector- emitter voltage open base 50 v v ebo emitter-base voltage open collector 6 v i c collector current 12 a i b base current 2 a p c collector power dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SC3345 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ,i b =0 50 v v cesat collector-emitter saturation voltage i c =6a; i b =0.3a 0.4 v v besat base-emitter saturation voltage i c =6a; i b =0.3a 1.2 v i cbo collector cut-off current v cb =60v; i e =0 10 a i ebo emitter cut-off current v eb =6v; i c =0 10 a h fe-1 dc current gain i c =1a ; v ce =1v 70 240 h fe-2 dc current gain i c =6a ; v ce =1v 40 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 180 pf f t transition frequency i c =1a ; v ce =5v 90 mhz switching times t on turn-on time 0.2 s t s storage time 1.0 s t f fall time i c =6.0a i b1 =- i b2 =0.3a r l =5 b ;v cc =30v 0.2 s  h fe-1 classifications o y 70-140 120-240
savantic semiconductor product specification 3 silicon npn power transistors 2SC3345 package outline fig.2 outline dimensions(unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC3345


▲Up To Search▲   

 
Price & Availability of 2SC3345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X