Part Number Hot Search : 
7N60E FMG8A 24R2Q 1R3002 2SK1751 R8C18 CS43L42 217D111
Product Description
Full Text Search
 

To Download 1N4148LW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N4148LW surface mount fast switching diode elektronische bauelemente 31-aug-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? fast switching device (t rr 4.0 ns) ? general purpose diodes ? flat lead sod-123 small outline plastic package ? surface device type mounting ? rohs compliant ? green emc ? matte tin(sn) lead finish ? band indicates cathode marking d1 absolute maximum ratings (at t a = 25 c unless otherwise specified.) parameter symbol value unit non-repetitive peak reverse voltage v rsm 100 v repetitive peak reverse voltage v rrm 75 v repetitive peak forward current i frm 300 ma continuous forward current i o 150 ma power dissipation p d 400 mw operating temperature, storage temperature t j , t stg 150 , -65 ~ 150 these ratings are limiting values above which the serviceability of the diode may be impaired. electrical characteristics (at ta = 25 c unless otherwise specified) parameters symbol min. max. unit test conditions breakdown voltage b v 100 - v i r = 100a 75 - i r = 5a forward voltage v f - 1.0 v i f = 10 ma reverse leakage current i r - 25 na v r = 20v - 5 a v r = 75v capacitance c - 4.0 pf v r = 0v, f = 1.0 mhz reverse recovery time t rr 4.0 ns i f = 10ma, i r = 60ma, i rr = 1ma, r l = 100 ? sod-123lh e f b c d a ref. millimete r ref. millimete r min. max. min. max. a 3.30 3.70 d 2.50 2.70 b 1.50 1.70 e 0.05 0.20 c 0.80 1.00 f 0.50 0.70
1N4148LW surface mount fast switching diode elektronische bauelemente 31-aug-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves (1N4148LW)


▲Up To Search▲   

 
Price & Availability of 1N4148LW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X