Part Number Hot Search : 
UDZS30B NTE583 95250 C2458Y SP232E NTE7000 200D1 34S112K
Product Description
Full Text Search
 

To Download 0467200016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0467200016 status: active overview: description: 0.80 mm (.031") pitch edgeline? 12.5 gbps edge card connector, 108 circuits, pcb mating thickness 1.57mm (.062") general product family edge card connectors series 76421 component type edgecard to pcb overview edgeline_high_speed_connectors product name edgeline? physical circuits (loaded) 108 circuits (maximum) 108 circuits detail all signal color - resin black durability (mating cycles max) 200 entry angle vertical keying to mating part none material - metal copper alloy material - plating mating gold over nickel material - plating termination tin material - resin high temperature thermoplastic pc tail length (in) 0.091 in pc tail length (mm) 2.30 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in, 0.110 in pcb thickness recommended (mm) 1.57 mm, 2.79 mm packaging type tray panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm pitch - term. interface (in) 0.031 in pitch - term. interface (mm) 0.80 mm temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 1.5a voltage - maximum 250v ac material info reference - drawing numbers application specification as-46720-001, as-46720-002 packaging specification pk-46720-001 product specification ps-46720-001 sales drawing sd-46720-0000, sd-46720-7710 test summary ts-46720-001, ts-46720-002 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 76421 series this document was generated on 06/04/2010 please check www.molex.com for latest part information














▲Up To Search▲   

 
Price & Availability of 0467200016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X