Part Number Hot Search : 
FR105 LC821 2SA1980U MAX3232E AAT3194 2SA1980U D120D MM1662H
Product Description
Full Text Search
 

To Download VEB100M1ETR063053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  item operating temp. range capacitance tolerance leakage current (at 20?c) dissipation factor 6.3 10 16 25 35 50 0.35 0.30 0.25 0.25 0.25 0.25 tan at 120 hz, 20c 0.30 0.25 0.20 0.15 0.15 0.15 tan (max) rated voltage 4 5 ~ 6.3 performance 20% (120hz, 20c) i=0.01cv or 3 a (whichever is greater) after 2 minutes where c=rated capacitance in f.v oltage=rated dc working voltage in v. -40c ~ + 85c c1cb05 rev 2006.1.18 a lu m in u m e l e c t r o ly t ic c a pac it o r s v e b s er ie s: s u r fa ce m o u n t typ e, b i-po la r fe at u r e s ?85c, 2000 hours assured. ?5.5mm height?bipolar capacitor, replaces rvb series ?rohs compliant pa rt n u m b e r e x a m p le veb 100 m 1e tr 063 053 b a w c p c l 0 . 3 m a x + - d im e n s io n & p e r m is s ib le r ip p le c u r r e n t rip ple cu rre nt m a/r ms at 120 hz , 85 c 35v (1v) 50v (1h) 6.3v (0j) 10v (1a) 16v (1c) 25v (1e) vdc contents d x l ma d x l ma d x l ma d x l ma d x l ma d x l ma 0.1 0r1 4 x 5.3 2.3 0.22 r22 4 x 5.3 3.3 0.33 r33 4 x 5.3 4.1 0.47 r47 4 x 5.3 4.9 1 010 4 x 5.3 7.2 2.2 2r2 4 x 5.3 10 5 x 5.3 14 3.3 3r3 4 x 5.3 13 5 x 5.3 17 5 x 5.3 17 4.7 4r7 4 x 5.3 14 5 x 5.3 20 5 x 5.3 21 6.3 x 5.3 24 10 100 4 x 5.3 18 5 x 5.3 26 6.3 x 5.3 35 6.3 x 5.3 35 22 220 5 x 5.3 27 6.3 x 5.3 40 6.3 x 5.3 45 33 330 6.3 x 5.3 45 6.3 x 5.3 50 6.3 x 5.3 55 47 470 6.3 x 5.3 54 f pa d s pa c in g an d d ia m e te r d0.5 l a0.2 b0.2 c0.2 w p0.2 4 5.30.2 4.3 4.3 2.0 0.5 to 0.8 1.0 5 5.30.2 5.3 5.3 2.3 0.5 to 0.8 1.5 6.3 5.30.2 6.6 6.6 2.7 0.5 to 0.8 2.0 s p e c if ic at io n s life test vdc(v) freq. (hz) 50 120 1k 10k up under 70 85 ripple current & under 16 0.80 1.00 1.15 1.25 1.35 1.00 frequency multilpiers 25 ~ 35 0.80 1.00 1.25 1.40 50 0.80 1.00 1.35 1.50 standards shelf life 1000 hrs capacitance change test time load life 2000 hrs riple current & temperature multipliers temperature (c) multipliers less than 200% of specified value within 20% of initial value within specified value 20 c (after storage for 1000 hours at 85c without voltage) less than 200% of specified value dissipation factor leakage current within 20% of initial value jis c 5101-1,-18 test conditions within specified value 20c (after rated voltage applied for 2000 hours at 85c low temperature 6.3 10 16 25 35 50 characteristics (at 120hz) z(-25c) /z(+20c) 3 3 2 2 2 2 z(-40c) /z(+20c) 8 5 4 3 3 3 rated voltage impedance ratio r f e i n t e r n a t i o n a l ? t e l : ( 9 4 9 ) 8 3 3 - 1 9 8 8 ? f a x : ( 9 4 9 ) 8 3 3 - 1 7 8 8 ? e - m a i l s a l e s @ r f e i n c . c o m


▲Up To Search▲   

 
Price & Availability of VEB100M1ETR063053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X