Part Number Hot Search : 
TMS77C82 2907A TV24I 6V265 LM7805CT M5S25BJ UPA1570H CNY64A
Product Description
Full Text Search
 

To Download UF3004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds25004 rev. e-2 1 of 2 uf3001 - uf3007 www.diodes.com  diodes incorporated uf3001 - uf3007 3.0a ultra-fast rectifier features do-201ad dim min max a 25.40  b 7.20 9.50 c 1.20 1.30 d 4.80 5.30 all dimensions in mm a a b c d maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  ultra-fast switching for high efficiency  high current capability and low forward voltage drop  surge overload rating to 150a peak  low reverse leakage current  plastic material: ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  weight: 1.1 grams (approx.)  mounting position: any characteristic symbol uf 3001 uf 3002 uf 3003 uf 3004 uf 3005 uf 3006 uf 3007 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 55  c i o 3.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a forward voltage @ i f = 3.0a v fm 1.0 1.3 1.7 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 100  a reverse recovery time (note 3) t rr 50 75 ns typical junction capacitance (note 2) c j 75 50 pf typical thermal resistance junction to ambient r  ja 35 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%.
ds25004 rev. e-2 2 of 2 uf3001 - uf3007 www.diodes.com 0.01 0.1 1.0 10 100 0.6 1.0 1.4 1.8 v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics i , instantaneous forward current (a) f uf3001 - 3003 uf3005 - 3007 UF3004 10 100 200 110100 i , peak forward surge current (a) fsm number of cycles at 60hz fi g . 3 peak forward sur g e current 8.3ms single half sine-wave 50v dc approx oscilloscope (note 1) pulse generator (note 2) device under test t rr set time base for 50/100 ns/cm +0.5a 0a -0.25a -1.0a fi g . 5 reverse recover y time characteristic and test circuit (+) (+) (-) (-) 1 10 100 110100 c , capacitance (pf) j v , reverse voltage (v) r fi g .4 t y pical junction capacitance uf3001 - 3004 uf3005 - 3007 0 1 2 3 4 02550 75 100 125 150 175 i , average fwd rectified current (a) (av) t , ambient temperature ( c) a fi g . 1 forward current deratin g curve single phase half wave resistive or inductive load


▲Up To Search▲   

 
Price & Availability of UF3004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X