Part Number Hot Search : 
SK35NT16 4ACT1 HC1S30 167BZI LC89972M 29W320 2SC2860 BSP52T3
Product Description
Full Text Search
 

To Download TPME226XXXXXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  35 tpm multianode tantalum ultra low esr capacitor how to order low esr, high capacitance and high ripple current are the key parameters for processor filtering. multianode configuration within a standard e case package meets these requirements. parameters such as esr 15m , capacitance 1500? and ripple current above 4a rms makes tpm series ready to use with the latest processor families. tpm d case capacitors in addition are using a ?irror?multianode construction that reduces self-inductance esl from 2.4nh to 1.0nh and thus frequency range is extended to about 500 khz. technical data: all technical data relate to an ambient temperature of +25? capacitance range: 10 ? to 2200 ? capacitance tolerance: ?0%, ?0% rated voltage (v r ) +85?: 2.5 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125?: 1.7 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85?: 3.3 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125?: 2.2 3.4 5 8 13 16 20 28 40 temperature range: -55? to +125? reliability: 1% per 1000 hours at 85?, v r with 0.1 /v series impedance, 60% confidence level technical specifications case dimensions: millimeters (inches) code eia l?.20 (0.008) w+0.20 (0.008) h+0.20 (0.008) w 1 ?.20 (0.008) a+0.30 (0.012) s min. code -0.10 (0.004) -0.10 (0.004) -0.20 (0.008) d 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) e 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) v 7361-38 7.30 (0.287) 6.10 (0.240) 3.45 ?.30 3.10 (0.120) 1.40 (0.055) 4.40 (0.173) (0.136 0. 012) w 1 dimension applies to the termination width for a dimensional area only. tpm type e case size see table above 108 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) * capacitance tolerance k=?0% m=?0% 004 rated dc voltage 002=2.5vdc 004=4vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc 035=35vdc 050=50vdc r packaging r = 7" t/r lead free s = 13" t/r lead free h = 7" reel tin lead k = 13" reel tin lead 0018 maximum esr in milliohms see note below note: the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalog limit post mounting. for part marking see page 163
36 tpm multianode tantalum ultra low esr capacitor capacitance and rated voltage range letter denotes case size esr limit in brackets developmental ratings - subject to change, avx reserve rights to change esr specification prior to release. *violet - please contact manufacturer released codes (m tolerance only) note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same reliability standards. capacitance rated voltage dc (v r ) to 85? ? code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 6.8 685 d(200)* 10 106 d(140)* e(120) 15 156 e(75,100) 22 226 d(65)* e(75,100) e(60,100) 33 336 d(60)* d(75)* e(50,65) 47 476 d(55)* e(55,65) 68 686 d(50)* e(45,55) v 100 107 e(35,45) e 150 157 d(45)* e e(30,40) 220 227 d(35) e(25,40) 330 337 d(25,35) d(25,35) d(35) e e(23,35) 470 477 d(25,35) d(30) e(23,30) (m) e(18,23,30) 680 687 d(25) d(30)* e e(18,23) e(18,23), v(23) 1000 108 d(25) d(25)* e e(18,23), v(18) 1500 158 e(12,15,18) e(15,18) 2200 228 e(18) (m)
37 ratings & part number reference all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel # tin lead ?insert h for 7" reel and k for 13" reel note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. tpm multianode construction tpm multianode tantalum ultra low esr capacitor rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? 2.5 volt @ 85? (1.7 volt @ 125?) tpmd108*002#0025 d 1000 2.5 25 8 25 3.194 2.874 1.277 0.080 0.072 0.032 tpme158*002#0012 e 1500 2.5 38 6 12 4.743 4.269 1.897 0.057 0.051 0.023 tpme158*002#0015 e 1500 2.5 38 6 15 4.243 3.818 1.697 0.064 0.057 0.025 tpme158*002#0018 e 1500 2.5 38 6 18 3.873 3.486 1.549 0.070 0.063 0.028 tpme228 m 002#0018 e 2200 2.5 44 10 18 3.873 3.486 1.549 0.070 0.063 0.028 4 volt @ 85? (2.7 volt @ 125?) tpmd337*004#0025 d 330 4 13.2 8 25 3.194 2.874 1.277 0.080 0.072 0.032 tpmd337*004#0035 d 330 4 13.2 8 35 2.699 2.429 1.080 0.094 0.085 0.038 tpmd477*004#0025 d 470 4 18.8 8 25 3.194 2.874 1.277 0.080 0.072 0.032 tpmd477*004#0035 d 470 4 18.8 8 35 2.699 2.429 1.080 0.094 0.085 0.038 tpmd687*004#0025 d 680 4 27.2 8 25 3.194 2.874 1.277 0.080 0.072 0.032 tpme687*004#0018 e 680 4 27 6 18 3.873 3.486 1.549 0.070 0.063 0.028 tpme687*004#0023 e 680 4 27 6 23 3.426 3.084 1.370 0.079 0.071 0.032 tpme108*004#0018 e 1000 4 40 6 18 3.873 3.486 1.549 0.070 0.063 0.028 tpme108*004#0023 e 1000 4 40 6 23 3.426 3.084 1.370 0.079 0.071 0.032 tpmv108*004#0018 v 1000 4 40 6 18 3.979 3.581 1.592 0.072 0.064 0.029 tpme158*004#0015 e 1500 4 40 6 15 4.243 3.818 1.697 0.064 0.057 0.025 tpme158*004#0018 e 1500 4 40 6 18 3.873 3.486 1.549 0.070 0.063 0.028 6.3 volt @ 85? (4 volt @ 125?) tpm337*006#0025 d 330 6.3 19.8 8 25 3.194 2.874 1.277 0.080 0.072 0.032 tpm337*006#0035 d 330 6.3 19.8 8 35 2.699 2.429 1.080 0.094 0.085 0.038 tpm477*006#0030 d 470 6.3 28.2 8 30 2.915 2.624 1.166 0.087 0.079 0.035 tpme477*006#0018 e 470 6.3 28 6 18 3.873 3.486 1.549 0.070 0.063 0.028 tpme477*006#0023 e 470 6.3 28 6 23 3.426 3.084 1.370 0.079 0.071 0.032 tpme477*006#0030 e 470 6.3 28 6 30 3.000 2.700 1.200 0.090 0.081 0.036 tpme687*006#0018 e 680 6.3 41 6 18 3.873 3.486 1.549 0.070 0.063 0.028 tpme687*006#0023 e 680 6.3 41 6 23 3.426 3.084 1.370 0.079 0.071 0.032 tpmv687*006#0023 v 680 6.3 41 6 23 3.520 3.168 1.408 0.081 0.073 0.032 10 volt @ 85? (7 volt @ 125?) tpmd227*010#0035 d 220 10 22 8 35 2.699 2.429 1.080 0.094 0.085 0.038 tpmd337*010#0035 d 330 10 33 8 35 2.699 2.429 1.080 0.094 0.085 0.038 tpme337*010#0023 e 330 10 33 6 23 3.426 3.084 1.370 0.079 0.071 0.032 tpme337*010#0035 e 330 10 33 6 35 2.777 2.500 1.111 0.097 0.087 0.039 tpme477 m 010#0023 e 470 10 47 6 23 3.426 3.084 1.370 0.079 0.071 0.032 tpme477 m 010#0030 e 470 10 47 6 30 3.000 2.700 1.200 0.090 0.081 0.036 16 volt @ 85? (10 volt @ 125?) tpme157*016#0030 e 150 16 24 6 30 3.000 2.700 1.200 0.090 0.081 0.036 tpme157*016#0040 e 150 16 24 6 40 2.598 2.338 1.039 0.104 0.094 0.042 tpme227*016#0025 e 220 16 35 6 25 3.286 2.958 1.315 0.082 0.074 0.033 tpme227*016#0040 e 220 16 35 6 40 2.598 2.338 1.039 0.104 0.094 0.042 20 volt @ 85? (13 volt @ 125?) tpme107*020#0035 e 100 20 20 6 35 2.777 2.500 1.111 0.097 0.087 0.039 tpme107*020#0045 e 100 20 20 6 45 2.449 2.205 0.980 0.110 0.099 0.044 25 volt @ 85? (17 volt @ 125?) tpme686*025#0045 e 68 25 17 6 45 2.449 2.205 0.980 0.110 0.099 0.044 tpme686*025#0055 e 68 25 17 6 55 2.216 1.994 0.886 0.122 0.110 0.049 35 volt @ 85? (23 volt @ 125?) tpme226*335#0060 e 22 35 8 6 60 2.121 1.909 0.849 0.127 0.115 0.051 tpme226*035#0100 e 22 35 8 6 100 1.643 1.479 0.657 0.164 0.148 0.066 tpme336*035#0050 e 33 35 12 6 50 2.324 2.091 0.930 0.116 0.105 0.046 tpme336*035#0065 e 33 35 12 6 65 2.038 1.834 0.815 0.132 0.119 0.053 tpme476*035#0055 e 47 35 16 6 55 2.216 1.994 0.886 0.122 0.110 0.049 tpme476*035#0065 e 47 35 16 6 65 2.038 1.834 0.815 0.132 0.119 0.053 50 volt @ 85? (33 volt @ 125?) tpme106*050#0120 e 10 50 5 6 120 1.500 1.350 0.600 0.180 0.162 0.072 tpme156*050#0075 e 15 50 7.5 6 75 1.897 1.708 0.759 0.142 0.128 0.057 tpme156*050#0100 e 15 50 7.5 6 100 1.643 1.479 0.657 0.164 0.148 0.066 tpme226*050#0075 e 22 50 11 8 75 1.897 1.708 0.759 0.142 0.128 0.057 tpme226*050#0100 e 22 50 11 8 100 1.643 1.479 0.657 0.164 0.148 0.066


▲Up To Search▲   

 
Price & Availability of TPME226XXXXXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X