Part Number Hot Search : 
70T03H 5236B MAX6161 1N941 TDA16 MICRF218 VC164245 MM3Z10VB
Product Description
Full Text Search
 

To Download TCBAV100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  number: db - 060 jan.2011 / d page 1 s em ic ond u c tor tak cheong ? 500 mw ll - 34 hermetically sealed glass C high voltage switching diodes absolute maximum ratings t a = 25c unless otherwise noted symbol parameter value units v rrm maximum repetitive reverse voltage 250 v t stg sto rage temperature range - 65 to +200 c t j operating junction temperature 200 c i f (av) average rectified forward current 200 ma i fsm non - repetitive peak forward current pulse width = 1.0 second pulse width = 1.0 second 1.0 4.0 a a these rat ings are limiting values above which the serviceability of the diode may be impaired. thermal characteristics symbol parameter value units p d power dissipation 500 mw r ja thermal resistance, junction to ambient 350 c/w specification features: ? ll - 34 (mini - melf) package ? surface device type mounting ? hermetically sealed glass ? compression bonded construction ? all e xternal s urfaces a re c orrosion r esistant a nd t erminals a re r eadily s olderable ? rohs compliant ? matte tin (sn) l ead f inish ? color band i ndica t es n egative p olarity electrical characteristics t a = 25c unless otherwise noted limits symbol parameter test condition min max unit b v breakdown voltage TCBAV100 tcbav101 tcbav102 tcbav103 i r =100a 60 120 200 250 --- - -- --- --- volts volts volts volts i r reverse leakage current TCBAV100 tcbav101 tcbav102 tcbav103 v r =50v v r =100v v r =150v v r =200v --- --- --- --- 100 100 100 100 na na na na v f forward voltage i f =100ma --- 1.0 volts t rr reverse recovery time i f =i r =30ma , r l =100 ? i rr =3ma --- 50 ns c capacitance v r =0v, f=1m hz --- 5.0 pf TCBAV100 through tcbav 103 cathode anode electrical symbol device marking diagram cathode band color : black surface mount ll34
number: db - 060 jan.2011 / d page 2 s em ic ond u c tor tak cheong ? package outline package case outline ll34 ll - 34 millimeters inches dim min max min max a 3.30 3. 6 0 0.130 0.1 4 2 b 1. 40 1. 50 0.055 0.059 c 0.35 0.50 0.014 0.020 notes: 1. all dimensions are within do213ac jedec standard. 2. ll - 34 polarity denoted by cathode band. b c a
number: db-100 april 14, 2008 / a disclaimer notice tak cheong ? notice the information presented in this document is for reference only. tak cheong reserves the right to make changes without notice for the specification of the products displayed herein. the product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controlle rs and other safety devices), tak cheong semiconductor co., ltd., or anyone on its behalf, assumes no responsi bility or liability for any damagers resulting from such improper use of sale. this publication supersedes & replaces all information reviously supplied. for additional information, please visit our website http://www.takcheong.com , or consult your nearest tak cheong?s sales office for further assistance.


▲Up To Search▲   

 
Price & Availability of TCBAV100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X