any changing of specification will not be informed individual sr3020r thru SR30100R voltage 20v ~ 100v 30.0amp schottky barrier rectifiers 3 0 0 . 2 5 1 0 0 3 . 5 7 0 0 2 0 2 0 s r 3 0 2 0 r 2 0 3 0 3 0 s r 3 0 3 0 r 3 0 4 0 4 0 s r 3 0 4 0 r 4 0 6 0 s r 3 0 6 0 r 6 0 6 0 8 0 s r 3 0 8 0 r 8 0 8 0 1 0 0 s r 3 0 1 0 0 r 1 0 0 1 0 0 2 8 0 2 3 0 0 . 6 5 0 . 5 2 0 . 8 0 4 6 0 2 8 0 m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s r a t i n g 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . t y p e n u m b e r m a x i m u m r e c u r r e n t p e a k r e v e r s e v o l t a g e w o r k i n g p e a k r e v e r s e v o l t a g e m a x i m u m d c b l o c k i n g v o l t a g e m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t s e e f i g . 1 p e a k f o r w a r d s u r g e c u r r e n t , 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) m a x i m u m i n s t a n t a n e o u s f o r w a r d v o l t a g e a t 1 5 . 0 a m a x i m u m d c r e v e r s e c u r r e n t t a = 2 5 c a t r a t e d d c b l o c k i n g v o l t a g e t a = 1 0 0 c t y p i c a l j u n c t i o n c a p a c i t a n c e ( n o t e 1 ) v v a a v m a m a p f u n i t s v t y p i c a l t h e r m a l r e s i s t a n c e r q j c ( n o t e 2 ) - 5 0 + 1 5 0 - 6 5 + 1 7 5 n o t e s : 1 . m e a s u r e d a t 1 m h z a n d a p p l i e d r e v e r s e v o l t a g e o f 4 . 0 v d . c . 2 . t h e r m a l r e s i s t a n c e j u n c t i o n t o c a s e . o p e r a t i n g s t o r a g e t e m p e r a t u r e r a n g e t s t g t e m p e r a t u r e r a n g e t j c c c / w t a = 2 5 c f e a t u r e s m e c h a n i c a l d a t a * l o w f o r w a r d v o l t a g e d r o p * h i g h c u r r e n t c a p a b i l i t y * h i g h r e l i a b i l i t y * h i g h s u r g e c u r r e n t c a p a b i l i t y * e p i t a x i a l c o n s t r u c t i o n * c a s e : m o l d e d p l a s t i c * e p o x y : u l 9 4 v - 0 r a t e f l a m e r e t a r d a n t * l e a d : l e a d s o l d e r a b l e p e r m i l - s t d - 2 0 2 , m e t h o d 2 0 8 g u a r a n t e e d * p o l a r i t y : a s m a r k e d * m o u n t i n g p o s i t i o n : a n y * w e i g h t : 2 . 2 4 g r a m s http://www.secosgmbh.com elektronische bauelemente to-220 dimensions in inches and (millimeters) .412 .248 .180 .050 .120 .158 .595 .550 .100 .051 .040 .108 (10.5) (6.3) (4.6) (1.27) (3.05) (4.0) (15.1) (14.0) (2.54) (1.3) (1.0) (2.75) max. max. max. min. max. max. 3.8 +.2 hole thru f + pin 1 pin 1 pin 3 pin 3 pin 2 pin 2 case case positive ct suffix "c" negative ct suffix "a" 0 1 - j u n - 2 0 0 2 r e v . a p a g e 1 o f 2 ~ ~ rohs compliant product a suffix of "-c" specifies halogen & lead-free
any changing of specification will not be informed individual sr3020r thru SR30100R voltage 20v ~ 100v 30.0amp schottky barrier rectifiers r a t i n g a n d c h a r a c t e r i s t i c c u r v e s ( s r 3 0 2 0 r t h r u s r 3 0 1 0 0 r ) f i g . 1 - t y p i c a l f o r w a r d c u r r e n t d e r a t i n g c u r v e a v e r a g e f o r w a r d c u r r e n t , ( a ) f i g . 3 - m a x i m u m n o n - r e p e t i t i v e f o r w a r d s u r g e c u r r e n t f i g . 4 - t y p i c a l j u n c t i o n c a p a c i t a n c e r e v e r s e v o l t a g e , ( v ) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) f o r w a r d v o l t a g e , ( v ) 0.1 1.0 . 0 1 10 50 s r 3 0 6 0 r s r 3 0 6 0 r s r 3 0 2 0 r ~ s r 3 0 4 0 r t j = 2 5 c s r 3 0 2 0 r ~ s r 3 0 4 0 r pulse width 300 ms 1% duty cycle 2 4 6 8 10 12 2000 2400 2800 1600 1200 800 400 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 5.0 .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) 0 20 40 60 80 100 120 140 .01 tj=75 c s r 3 0 8 0 r ~ s r 3 0 1 0 0 r s r3020r~ s r3 060r s r3 0 2 0 r~ s r 3 0 4 0r tj=25 c 200 50 0 300 500 400 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method percent of rated peak reverse voltage,(%) 0 0 20 40 60 80 100 120 140 160 180 200 case temperature,( c) fig.2-typical forward characteristics peak forward surge current,(a) sr3080r~SR30100R sr3060r~SR30100R sr3080r~SR30100R http://www.secosgmbh.com elektronische bauelemente 01 -jun-2002 rev. a page 2 of 2
|